|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TIP131, TIP132 (NPN), TIP137 (PNP) Preferred Devices Darlington Complementary Silicon Power Transistors Designed for general-purpose amplifier and low-speed switching applications. Features http://onsemi.com * High DC Current Gain - * * * * hFE = 2500 (Typ) @ IC = 4.0 Adc Collector-Emitter Sustaining Voltage - @ 30 mAdc VCEO(sus) = 80 Vdc (Min) - TIP131 = 100 Vdc (Min) - TIP132, TIP137 Low Collector-Emitter Saturation Voltage - VCE(sat) = 2.0 Vdc (Max) @ IC = 4.0 Adc = 3.0 Vdc (Max) @ IC = 6.0 Adc Monolithic Construction with Built-In Base-Emitter Shunt Resistors Pb-Free Packages are Available* DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS, 70 WATTS MARKING DIAGRAM 4 MAXIMUM RATINGS Rating Symbol VCEO VCB VEB IC IB TIP131 80 80 TIP132 TIP137 100 100 TO-220AB CASE 221A STYLE 1 1 2 3 II I II IIIIIIIIIIIIIIIIIII II I IIIIIIIIIII I II IIIIIIIIIIIIIIIIIII I II I IIIIIII II IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I II IIIIIIIIIIIIIIIIIII II III IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII II III II I I II IIIIIIIIIIIIIIIIIII I I II IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIIIII II III I I II IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I IIII II IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIII III I I I II IIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIII I I IIIIIIIII IIIIIIIIIIIIIIIIIII IIII IIIIIIII II IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII www..com TIP13xG AYWW Unit Vdc Vdc Vdc Adc Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage 5.0 8.0 12 70 Collector Current - Continuous Peak Base Current 300 2.0 mAdc W W Total Power Dissipation @ TC = 25_C Total Power Dissipation @ TA = 25_C Operating and Storage Junction, Temperature Range PD PD TIP13x x A Y WW G = Device Code = 1, 2, or 7 = Assembly Location = Year = Work Week = Pb-Free Package TJ, Tstg - 65 to + 150 _C ORDERING INFORMATION Device TIP131 TIP131G TIP132 TIP132G TIP137 TIP137G Package TO-220 TO-220 (Pb-Free) TO-220 TO-220 (Pb-Free) TO-220 TO-220 (Pb-Free) Shipping 50 Units/Rail 50 Units/Rail 50 Units/Rail 50 Units/Rail 50 Units/Rail 50 Units/Rail THERMAL CHARACTERISTICS Characteristic Thermal Resistance, Junction-to-Case Symbol RqJC RqJA Max Unit 1.78 63.5 _C/W _C/W Thermal Resistance, Junction-to-Ambient Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. Preferred devices are recommended choices for future use and best overall value. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. (c) Semiconductor Components Industries, LLC, 2005 1 August, 2005 - Rev. 1 Publication Order Number: TIP131/D II II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II IIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII I I II I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I IIIIII IIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII 1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%. ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted) ON CHARACTERISTICS (Note 1) OFF CHARACTERISTICS Base-Emitter On Voltage (IC = 4.0 Adc, VCE = 4.0 Vdc) Collector-Emitter Saturation Voltage (IC = 4.0 Adc, IB = 16 mAdc) (IC = 6.0 Adc, IB = 30 mAdc) DC Current Gain (IC = 1.0 Adc, VCE = 4.0 Vdc) (IC = 4.0 Adc, VCE = 4.0 Vdc) Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0) Collector Cutoff Current (VCB = 80 Vdc, IE = 0) (VCB = 100 Vdc, IE = 0) Collector Cutoff Current (VCE = 40 Vdc, IB = 0) (VCE = 50 Vdc, IB = 0) Collector-Emitter Sustaining Voltage (Note 1) (IC = 30 mAdc, IB = 0) BASE PNP TIP137 Characteristic 8.0 k TIP131, TIP132 (NPN), TIP137 (PNP) Figure 1. Darlington Circuit Schematic 120 COLLECTOR EMITTER http://onsemi.com TIP131 TIP132, TIP137 TIP131 TIP132, TIP137 TIP131 TIP132, TIP137 NPN TIP131 TIP132 BASE 8.0 k 120 COLLECTOR VCEO(sus) Symbol VCE(sat) VBE(on) EMITTER ICBO ICEO IEBO hFE 500 1000 Min 80 100 - - - - - - - - - 15000 Max 2.5 2.0 3.0 5.0 0.2 0.2 0.5 0.5 - - mAdc mAdc mAdc Unit Vdc Vdc Vdc - 2 TIP131, TIP132 (NPN), TIP137 (PNP) TA TC 4.0 80 PD, POWER DISSIPATION (WATTS) 3.0 60 TC 2.0 40 1.0 20 TA 0 0 0 20 40 60 80 100 T, TEMPERATURE (C) 120 140 160 Figure 2. Power Derating r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED) 1.0 0.7 0.5 0.3 0.2 0.1 D = 0.5 0.2 0.1 0.05 0.02 0.01 0.02 P(pk) ZqJC(t) = r(t) RqJC RqJC = 1.78C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN t1 READ TIME AT t1 t2 TJ(pk) - TC = P(pk) ZqJC(t) DUTY CYCLE, D = t1/t2 SINGLE PULSE 0.05 0.1 0.2 0.5 1.0 2.0 5.0 t, TIME (ms) 10 20 50 100 200 500 1.0 k 0.07 0.05 0.03 0.02 0.01 0.01 Figure 3. Thermal Response http://onsemi.com 3 TIP131, TIP132 (NPN), TIP137 (PNP) PACKAGE DIMENSIONS TO-220 CASE 221A-09 ISSUE AA NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 BASE COLLECTOR EMITTER COLLECTOR MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04 -T- B 4 SEATING PLANE F T S C Q 123 A U K H Z L V G D N R J STYLE 1: PIN 1. 2. 3. 4. ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative. http://onsemi.com 4 TIP131/D |
Price & Availability of TIP131 |