Part Number Hot Search : 
20N60 1L0380RB 1N4738A 7820RPDB AD4C250 TP912 STPS1L4 ABT162
Product Description
Full Text Search
 

To Download TB0640H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TB0640H - TB3500H
100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE Features
NEW PRODUCT
* * * * * *
100A Peak Pulse Current @ 10/1000ms 400A Peak Pulse Current @ 8/20ms 58 - 320V Stand-Off Voltages Oxide-Glass Passivated Junction Bi-Directional Protection In a Single Device High Off-State impedance and Low On-State Voltage
B
A
Dim
SMB Min 4.06 3.30 1.96 0.15 5.21 0.05 2.01 0.76 Max 4.57 3.94 2.21 0.31 5.59 0.20 2.62 1.52 A B C D
Mechanical Data
* * * * * * * * Case: SMB, Molded Plastic Plastic Material: UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solder Plated Terminal Solderable per MIL-STD-202, Method 208 Polarity: None; Bi-Directional Devices Have No Polarity Indicator Weight: 0.093 grams (approx.) Marking: Date Code & Marking Code (See Page 4) Ordering Information: See Page 4
C
D
G
E F G H
H
F E
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Non-Repetitive Peak Impulse Current Non-Repetitive Peak On-State Current Junction Temperature Range Storage Temperature Range Thermal Resistance, Junction to Lead Thermal Resistance, Junction to Ambient Typical Positive Temperature Coefficient for Breakdown Voltage @10/1000us @8.3ms (one-half cycle) Symbol Ipp ITSM Tj TSTG RqJL RqJA DVBR/DTj Value 100 50 -40 to +150 -55 to +150 20 100 0.1 Unit A A C C C/W C/W %/C
Maximum Rated Surge Waveform
Waveform 2/10 us 8/20 us 10/160 us 10/700 us 10/560 us 10/1000 us Standard GR-1089-CORE IEC 61000-4-5 FCC Part 68 ITU-T, K20/K21 FCC Part 68 GR-1089-CORE Ipp (A) 500 400 250 200 160 100
0
IPP, PEAK PULSE CURRENT (%)
100
Peak Value (Ipp) tr = rise time to peak value tp = decay time to half value Half Value
50
0
tr
tp
TIME
DS30360 Rev. 3 - 2
1 of 4
TB0640H - TB3500H
Electrical Characteristics
@ TA = 25C unless otherwise specified On-State Voltage @ IT = 1A VT (V) 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5
NEW PRODUCT
Part Number
Rated Repetitive Off-State Voltage VDRM (V)
Off-State Leakage Current @ VDRM IDRM (uA) 5 5 5 5 5 5 5 5 5 5 5
Breakover Voltage VBO (V) 77 88 98 130 160 180 220 265 300 350 400
Breakover Current IBO Min (mA) 50 50 50 50 50 50 50 50 50 50 50 Max (mA) 800 800 800 800 800 800 800 800 800 800 800
Holding Current IH Min (mA) 150 150 150 150 150 150 150 150 150 150 150 Max (mA) 800 800 800 800 800 800 800 800 800 800 800
Off-State Capacitance CO (pF) 200 200 200 120 120 120 120 80 80 80 80
Marking Code
TB0640H TB0720H TB0900H TB1100H TB1300H TB1500H TB1800H TB2300H TB2600H TB3100H TB3500H
58 65 75 90 120 140 160 190 220 275 320
T064H T072H T090H T110H T130H T150H T180H T230H T260H T310H T350H
Symbol VDRM IDRM VBR IBR VBO IBO IH VT IPP CO Notes: Stand-off Voltage
Parameter Leakage current at stand-off voltage Breakdown voltage Breakdown current Breakover voltage Breakover current Holding current On state voltage Peak pulse current Off-state capacitance NOTE: 2 NOTE: 1
1. IH > (VL/RL) If this criterion is not obeyed, the TSPD triggers but does not return correctly to high-resistance state. The surge recovery time does not exceed 30ms. 2. Off-state capacitance measured at f = 1.0MHz, 1.0VRMS signal, VR = 2VDC bias.
I IPP
IBO IH IBR IDRM VT VDRM VBR VBO
V
DS30360 Rev. 3 - 2
2 of 4
TB0640H - TB3500H
100
NORMALIZED BREAKDOWN VOLTAGE
1.2
NEW PRODUCT
I(DRM), OFF-STATE CURRENT (uA)
1.15
VBR= (TJ) VBR = (TJ = 25C)
10
1.1
1
1.05
0.1
VDRM = 50V
1
0.01
0.95
0.9
0.001 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Fig. 1 Off-State Current vs. Junction Temperature
-50
-25
0
25
50
75
100 125 150 175
TJ, JUNCTION TEMPERATURE (C) Fig. 2 Relative Variation of Breakdown Voltage vs. Junction Temperature
1.1 NORMALIZED BREAKOVER VOLTAGE
100
1.05
VBO = (TJ = 25C)
IT, ON-STATE CURRENT (A)
VBO= (TJ)
10
1
Tj = 25C
0.95
-50 -25
0
25
50
75
100 125 150 175
1 1 1.5 2 2.5 3 3.5 4 4.5 5 VT, ON-STATE VOLTAGE (V) Fig. 4 On-State Current vs. On-State Voltage
1
T , JUNCTION TEMPERATURE (C) J Fig. 3 Relative Variation of Breakover Voltage vs. Junction Temperature
1.4 1.3 NORMALIZED HOLDING CURRENT 1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 -50 -25 0 25 50 75 100 125
IH = (TJ) IH = (TJ = 25C)
NORMALIZED CAPACITANCE
CO= (VR) CO = (VR = 1V)
Tj = 25C f = 1 Mhz VRMS = 1V
0.1 1 10 100
TJ, JUNCTION TEMPERATURE (C) Fig. 5 Relative Variation of Holding Current vs. Junction Temperature
VR, REVERSE VOLTAGE (V) Fig. 6 Relative Variation of Normalized Capacitance vs. Reverse Voltage Bias
DS30360 Rev. 3 - 2
3 of 4
TB0640H - TB3500H
Ordering Information
(Note 3) Packaging Shipping
NEW PRODUCT
Device TB0640H-13 TB0720H-13 TB0900H-13 TB1100H-13 TB1300H-13 TB1500H-13 TB1800H-13 TB2300H-13 TB2600H-13 TB3100H-13 TB3500H-13 Notes:
SMB
3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
YWW XXXXX
Date Code Key Year Code 2002 2
XXXXX = Product Type Marking Code YWW = Date Code Marking Y = Year ex: 2 = 2002 WW = Week
2003 3
2004 4
DS30360 Rev. 3 - 2
4 of 4
TB0640H - TB3500H


▲Up To Search▲   

 
Price & Availability of TB0640H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X