Part Number Hot Search : 
MC56F IRFP25 2725T P1011 S30T200C STC12C KT782 SH682K
Product Description
Full Text Search
 

To Download STPS10L60CF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
(R)
STPS10L60CF/CFP
POWER SCHOTTKY RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) FEATURES AND BENEFITS
s
A1 K A2
2x5A 60 V 150 C 0.52 V
s
s
s
LOW FORWARD VOLTAGE DROP NEGLIGIBLE SWITCHING LOSSES INSULATED PACKAGE: Insulating voltage = 2000V DC Capacitance = 12pF AVALANCHE CAPABILITY SPECIFIED
A2 A1 K
A2 K A1
ISOWATT220AB STPS10L60CF
TO-220FPAB STPS10L60CFP
DESCRIPTION Dual center tap Schottky rectifiers suited for Switched Mode Power Supplies and high frequency DC to DC converters. Packaged in ISOWATT220AB, TO-220FPAB this device is intended for use in high frequency inverters. ABSOLUTE RATINGS (limiting values, per diode) Symbol VRRM IF(RMS) IF(AV) IFSM IRRM PARM Tstg Tj dV/dt *: Parameter Repetitive peak reverse voltage RMS forward current Average forward current ISOWATT220AB TO220FPAB Tc =130C = 0.5 Per diode Per device Value 60 30 5 10 180 1 4000 - 65 to + 175 150 10000 Unit V A A A A W C C V/s
Surge non repetitive forward current Repetitive peak reverse current Repetitive peak avalanche power Storage temperature range
tp = 10 ms Sinusoidal tp = 2 s square F = 1kHz tp = 1s Tj = 25C
Maximum operating junction temperature * Critical rate of rise reverse voltage
dPtot 1 thermal runaway condition for a diode on its own heatsink < dTj Rth( j - a )
1/5
July 2003 - Ed: 3C
STPS10L60CF/CFP
THERMAL RESISTANCE Symbol Rth (j-c) Rth (c) Parameter Junction to case ISOWATT220AB TO-220FPAB Per Diode Total Coupling Value 4.5 3.5 2.5 Unit C/W C/W
When the diodes 1 and 2 are used simultaneously : Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c) STATIC ELECTRICAL CHARACTERISTICS (per diode) Symbol IR * Parameter Reverse leakage current Tests conditions Tj = 25C Tj = 125C VF * Forward voltage drop Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Pulse test : * tp = 380 s, < 2%
Min.
Typ.
Max. 220
Unit A mA V
VR = VRRM 45 IF = 5 A IF = 5 A IF = 10 A IF = 10 A 0.55 0.43
60 0.55 0.52 0.67 0.64
To evaluate the conduction losses use the following equation : P = 0.4x IF(AV) + 0.024 IF2(RMS)
Fig. 1: Average forward power dissipation versus average forward current (per diode).
PF(av)(W)
= 0.05 =1
Fig. 2: Average current versus temperature (=0.5) (per diode).
IF(av)(A)
6
Rth(j-a)=Rth(j-c)
ambient
3.5 3.0 2.5 2.0
= 0.1
= 0.2
= 0.5
5 4 3
Rth(j-a)=15C/W
1.5 1.0 0.5
T
2 1
=tp/T
T
IF(av) (A)
=tp/T
tp
tp
Tamb(C)
50 75 100 125 150
0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
0
0
25
2/5
STPS10L60CF/CFP
Fig. 3: Normalized avalanche power derating versus pulse duration.
PARM(tp) PARM(1s)
1
Fig. 4: Normalized avalanche power derating versus junction temperature.
PARM(tp) PARM(25C)
1.2 1
0.1
0.8 0.6
0.01
0.4 0.2
0.001
0.01 0.1 1
tp(s)
10 100 1000
Tj(C)
0 0 25 50 75 100 125 150
Fig. 5: Non repetitive surge peak forward current versus overload duration (maximum values, per diode) (ISOWATT220AB, TO-220FPAB).
IM(A)
Fig. 6: Relative variation of thermal transient impedance junction to case versus pulse duration. (ISOWATT220AB, TO-220FPAB).
Zth(j-c)/Rth(j-c)
1.0 0.8 0.6 0.4
= 0.5
90 80 70 60 50 40 30 20 10
Tc=25C
Tc=75C
IM t
= 0.2
T
Tc=125C
0.2
= 0.1 Single pulse
0 1E-3
=0.5
t(s)
1E-2 1E-1 1E+0
tp(s)
1E-2 1E-1
=tp/T
tp
0.0 1E-3
1E+0
1E+1
Fig. 7: Reverse leakage current versus reverse voltage applied (typical values, per diode).
IR(mA)
Fig. 8: Junction capacitance versus reverse voltage applied (typical values, per diode).
C(pF)
1000
3E+2 1E+2 1E+1 1E+0
Tc=150C
F=1MHz Tj=25C
Tc=125C
500
Tc=100C Tc=75C
1E-1 1E-2
Tc=50C Tc=25C
200
VR(V)
1E-3 0 5 10 15 20 25 30 35 40 45 50 55 60
100 1
VR(V)
10 100
3/5
STPS10L60CF/CFP
Fig. 9: Forward voltage drop versus forward current (maximum values, per diode).
IFM(A)
100.0
Tj=150C (typical values) Tj=25C
10.0
1.0
Tj=125C
VFM(V)
0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
PACKAGE MECHANICAL DATA ISOWATT220AB DIMENSIONS REF. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 Diam
s
Millimeters Min. Max. 4.40 4.60 2.50 2.70 2.50 2.75 0.40 0.70 0.75 1.00 1.15 1.70 1.15 1.70 4.95 5.20 2.40 2.70 10.00 10.40 16.00 Typ. 28.60 30.60 9.80 10.60 15.90 16.40 9.00 9.30 3.00 3.20
Inches Min. Max. 0.173 0.181 0.098 0.106 0.098 0.108 0.016 0.028 0.030 0.039 0.045 0.067 0.045 0.067 0.195 0.205 0.094 0.106 0.394 0.409 0.630 Typ. 1.125 1.205 0.386 0.417 0.626 0.646 0.354 0.366 0.118 0.126
s
s
Cooling method: C Recommended torque value: 0.55 m.N Maximum torque value: 0.70 m.N
4/5
STPS10L60CF/CFP
PACKAGE MECHANICAL DATA TO-220FPAB REF. DIMENSIONS Millimeters
A H B
Inches Min. Max. 0.173 0.181 0.098 0.106 0.098 0.108 0.018 0.027 0.030 0.039 0.045 0.067 0.045 0.067 0.195 0.205 0.094 0.106 0.393 0.409 0.63 Typ. 1.126 1.205 0.386 0.417 0.114 0.142 0.626 0.646 0.354 0.366 0.118 0.126
Dia L6 L2 L3 L5 D F1 L4 F2 L7
F G1 G
E
A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 Dia.
Min. Max. 4.4 4.6 2.5 2.7 2.5 2.75 0.45 0.70 0.75 1 1.15 1.70 1.15 1.70 4.95 5.20 2.4 2.7 10 10.4 16 Typ. 28.6 30.6 9.8 10.6 2.9 3.6 15.9 16.4 9.00 9.30 3.00 3.20
Ordering type STPS10L60CF STPS10L60CF STPS10L60CFP
s
Marking STPS10L60CF STPS10L60CF STPS10L60CFP
Package ISOWATT220AB ISOWATT220AB TO-220FPAB
Weight 2.08g 2.08g 2g
Base qty 50 1000 50
Delivery mode Tube Bulk Tube
Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of STPS10L60CF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X