Part Number Hot Search : 
IRFB4 B120N 1N6154 XC2VP2 MUR16 N03LA XTL1011 1608B
Product Description
Full Text Search
 

To Download SIGC100T60R310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIGC100T60R3
IGBT Chip
Features: * 600V Trench & Field Stop technology * low VCE(sat) * low turn-off losses * short tail current * positive temperature coefficient * easy paralleling This chip is used for: * power module Applications: * drives
3
C
G
E
Chip Type SIGC100T60R3
VCE 600V
IC 200A
Die Size 9.73 x 10.23 mm2
Package sawn on foil
Mechanical Parameter Raster size Emitter pad size (incl. gate pad) Gate pad size Area total Thickness Wafer size Max.possible chips per wafer Passivation frontside Pad metal Backside metal Die bond Wire bond Reject ink dot size Recommended storage environment 9.73 x 10.23 ( 4.256 x 1.938 ) x 4 ( 4.256 x 2.356 ) x 4 1.615 x 0.817 99.5 70 150 126 Photoimide 3200 nm AlSiCu Ni Ag -system suitable for epoxy and soft solder die bonding Electrically conductive glue or solder Al, <500m 0.65mm ; max 1.2mm Store in original container, in dry nitrogen, in dark environment, < 6 month at an ambient temperature of 23C m mm mm2
Edited by INFINEON Technologies, IMM PSD, L7601AA, Edition 2.1, 04.05.2010
SIGC100T60R3
Maximum Ratings Parameter Collector-Emitter voltage, Tvj =25 C DC collector current, limited by Tvj max Pulsed collector current, tp limited by Tvj max Gate emitter voltage Junction temperature range Operating junction temperature Short circuit data
2)
Symbol VCE IC Ic,puls VGE Tvj Tvj tSC
Value 600
1)
Unit V A A V C C s
600 20 -40 ... +175 -40...+150 6 I C , m a x = 400A, V C E , m a x = 600V Tvj 1 5 0 C
VGE = 15V, VCC = 360V, Tvj = 150C
Reverse bias safe operating area 2 ) (RBSOA)
1) 2)
depending on thermal properties of assembly
not subject to production test - verified by design/characterization
Static Characteristic (tested on wafer), Tvj =25 C Parameter Collector-Emitter breakdown voltage Collector-Emitter saturation voltage Gate-Emitter threshold voltage Zero gate voltage collector current Gate-Emitter leakage current Integrated gate resistor Symbol V(BR)CES VCEsat VGE(th) ICES IGES rG Conditions VGE=0V , IC= 4 mA VGE=15V, IC=200A IC=3.2mA , VGE=VCE VCE=600V , VGE=0V VCE=0V , VGE=20V 2 Value min. 600 1.05 5.0 1.45 5.8 1.85 6.5 10.1 600 A nA V typ. max. Unit
Dynamic Characteristic (not subject to production test - verified by design / characterization), Tvj =25 C Parameter Input capacitance Output capacitance Reverse transfer capacitance Symbol Cies Coes Cres Conditions V C E =25V, VGE=0V, f=1MHz Value min. typ. 12335 769 366 pF max. Unit
Edited by INFINEON Technologies, IMM PSD, L7601AA, Edition 2.1, 04.05.2010
SIGC100T60R3
Further Electrical Characteristic Switching characteristics and thermal properties are depending strongly on module design and mounting technology and can therefore not be specified for a bare die.
Edited by INFINEON Technologies, IMM PSD, L7601AA, Edition 2.1, 04.05.2010
SIGC100T60R3
Chip Drawing
E
E
E G E
T
E
E
E
E
E = Emitter pad G = Gate pad T = Test pad do not contact
Edited by INFINEON Technologies, IMM PSD, L7601AA, Edition 2.1, 04.05.2010
SIGC100T60R3
Description AQL 0,65 for visual inspection according to failure catalogue Electrostatic Discharge Sensitive Device according to MIL-STD 883
Revision History
Version 2.1 Subjects (major changes since last revision) Change max.possible chips per wafer Date 04.05.2010
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2010 Infineon Technologies AG All Rights Reserved.
Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Edited by INFINEON Technologies, IMM PSD, L7601AA, Edition 2.1, 04.05.2010


▲Up To Search▲   

 
Price & Availability of SIGC100T60R310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X