Part Number Hot Search : 
MDSF1 40014 M2560 MBRB2 7139A T2001 18F6622 185N55
Product Description
Full Text Search
 

To Download SHM80F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SHM15F-SHM140F and SHM15FSMS - SHM40FSMS
50-250 mAmp 1500 14000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
FEATURES:
Fast Recovery: 150-200 nsec Maximum PIV to 14000 Volts Hermetically Sealed Axial Lead Package Void-Free Construction Metallurgically Bonded 175C Maximum Operating Temperature Also Available in Standard and Ultra Fast Recovery Versions. Contact Factory. TX, TXV, and Space Level Screening Available2/
Designer's Data Sheet
Part Number / Ordering Information 1/ SHM_ _ F __ __

L Screening
2/
= None TX = TX Level TXV = TXV Level S = S Level * * * * * * * *
____ = Axial Leaded SMS = Surface Mount Square Tab L Recovery Time L F = Fast Recovery Voltage
L Package
15 = 1500 V 20 = 2000 V 25 = 2500 V 30 = 3000 V 40 = 4000 V 50 = 5000 V
60 = 6000 V 80 = 8000 V 100 = 10000 V 120 = 12000 V 140 = 14000 V
ELECTRICAL CHARACTERISTICS
Part Number Symbol Units Conditions Volts 25C Peak Inverse Voltage PIV Average Rectifier Current Maximum Reverse Current IR @ PIV A Maximum Forward Voltage VF4/ Volts 25C 8.0 8.0 8.0 12 12 12 18 18 18 20 24 Maximum Surge Current (1 Cycle) IFSM Amps 25C 15 15 15 10 10 10 5 5 5 5 1 Maximum Reverse Recovery Time tRR7/ nsec 25C 150 150 150 150 150 150 150 150 150 150 200 Maximum Junction Capacitance CJ pF VR = 100V fT = 1MHZ 8 8 8 4 4 4 2 2 2 2 2 Typical Thermal Impedance JL JE C/W SHM 65 65 65 65 65 65 65 65 65 65 95 SMS 55 55 55 55 55 55 55 55 55 55 85
I0 mA 100C
25C 100C Axial SMS SHM15F 1500 250 160 185 1.0 25 SHM20F 2000 250 160 185 1.0 25 SHM25F 2500 250 160 185 1.0 25 SHM30F 3000 150 100 110 1.0 25 SHM40F 4000 150 100 110 1.0 25 SHM50F 5000 150 100 110 1.0 25 SHM60F 6000 100 65 75 1.0 25 SHM80F 8000 100 65 75 1.0 25 SHM100F 10000 100 65 75 1.0 25 SHM120F 12000 100 65 75 1.0 25 SHM140F 14000 50 35 40 1.0 25 1/ For Ordering Information, Price, Operating Curves, and Availability - Contact Factory. 2/ Screening based on MIL-PRF-19500. Screening flows available on request. 3/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in a suitable dielectric material. 4/ IF = IO; Max. forward voltage measured with instantaneous forward pulse of 300sec minimum. 5/ Max. lead/end tab temp for soldering is 250C, 3/8" from the case for 5 sec maximum. 6/ Operating and storage temperature: -65C to +175C. 7/ Reverse Recovery Test Conditions: IF=50mA, IR=100mA, IRR=25mA, TA=25C. 8/ Consult manufacturing for operating curves.
Axial
SMS
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0011C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SHM15F-SHM140F and SHM15FSMS - SHM40FSMS
DIMENSIONS: SHM15-50
D OC OA
PACKAGE OUTLINE: Axial
D B
DIM A B C D
MIN ----.025" 1.00" DIMENSIONS: SHM60-140
MAX .140" .300" .033" ---
DIM A B C D
MIN ----.025" 1.00"
MAX .140" .400" .033" ---
PACKAGE OUTLINE: Surface Mount Square Tab
DIM A B C D
DIMENSIONS: SHM15-50 MIN .127" .280" .022" .002" DIMENSIONS: SHM60-140 DIM A B C D MIN .127" .360" .022" .002" MAX .140" .450" .028" --MAX .140" .320" .028" ---
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0011C
DOC


▲Up To Search▲   

 
Price & Availability of SHM80F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X