Part Number Hot Search : 
MPSA92 002218 LM4002 BAT400 CXA3031Q SMCJ16A ACT9325 M18GXYPQ
Product Description
Full Text Search
 

To Download SD820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9261 Owensmouth Ave. Chatsworth, Ca 91311 Phone: (818) 701-4933 Fax: (818) 701-4939
SD820 thru SD8100
8 Amp Schottky Barrier Rectifier 20 - 100 Volts
DO-201AD
* * * *
Features
Low Switching Noise Low Forward Voltage Drop High Current Capability High Surge Current Capability
* * *
Maximum Ratings
Operating Temperature: -65C to +125C Storage Temperature: -65C to +150C Maximum Thermal Resistance; 30 C/W Junction To Lead Microsemi Catalog Number Device Marking Maximum Reccurrent Peak Reverse Voltage 20V 30V 40V 50V 60V 80V 100V Maximum RMS Voltage Maximum DC Blocking Voltage 20V 30V 40V 50V 60V 80V 100V
D
SD820 SD830 SD840 SD850 SD860 SD880 SD8100
SD820 SD830 SD840 SD850 SD860 SD880 SD8100
14V 21V 28V 35V 42V 56V 70V
A Cathode Mark B
D
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 8.0A TA = 90C Current Peak Forward Surge IFSM 175A 8.3ms, half sine Current Maximum Instantaneous Forward Voltage SD820-SD860 VF .62V IFM = 8.0A; SD880-SD8100 .75V TA = 25C* Maximum DC Reverse Current At IR 0.5mA TA = 25C Rated DC Blocking 50mA TA = 100C Voltage Typical Junction CJ 550pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 sec, Duty cycle 1%
Santa Ana: (714) 979-8220 Scottsdale: (602) 941-6300 Sertech Labs: (617) 924-9280 Ireland: (353) 65-40044 Colorado: (303) 469-2161 Bombay: (91) 22-832-002
C
DIMENSIONS INCHES MIN ----.048 1.000 MM MIN ----1.20 25.40
www..com
DIM A B C D
MAX .370 .250 .052 ---
MAX 9.50 6.40 1.30 ---
NOTE
Watertown: (617) 926-0404 Hong Kong: (852) 2692-1202
Chatsworth: (818) 701-4933
www..com
SD820 thru SD8100
Figure 1 Typical Forward Characteristics 20 10 6 4 2 SD820-SD860 Amps 1 .6 .4 2 .2 .1 .06 .04 .02 .01 .2 .4 .6 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts .8 1.0 1.2 300 250 200 150 Amps 100 50 5 0 25C 0 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C Figure3 Maximum Non-Repetitive Forward Surge Current 125 150 175 SD880-SD8100 Amps 4 8 12 Figure 2 Forward Derating Curve
10
6
1
2
4
6
8 10 Cycles
20
40
60 80 100
Figure 4 Junction Capacitance 1000 600 400 200 pF 100 60 40 20 10 .1 .2 .4 1 2 Volts 4 10 20 40 100 200 400 100 0 TJ=25 C
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
Santa Ana: (714) 979-8220 Sertech Labs: (617) 924-9280
Junction Capacitance - pF versus Reverse Voltage - Volts Colorado: (303) 469-2161 Scottsdale: (602) 941-6300
Ireland: (353) 65-40044 Bombay: (91) 22-832-002
Watertown: (617) 926-0404 Hong Kong: (852) 2692-1202
Chatsworth: (818) 701-4933


▲Up To Search▲   

 
Price & Availability of SD820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X