Part Number Hot Search : 
74HC4 WR200 R4154 LTS547 TL431A FAN1540 MOC3081 KMPC870
Product Description
Full Text Search
 

To Download RS3501M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
RS3501M THRU RS3507M
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes
FEATURES
* * * * * * Low leakage Low forward voltage Mounting position: Any Surge overload rating: 400 amperes peak Ideal for printed cikcuit boakds High forward surge current capability
RS-35M
.189 (4.8) 1.193 (30.3) 1.169 (29.7)
.197 (5)
MECHANICAL DATA
* UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O
.150 (3.8) .134 (3.4)
.800 (20.3) .697 (17.7) .441 (11.2) .425 (10.8)
.173 (4.4)
DataShee
.106 (2.7) .096 (2.3) .094 (2.4) .078 (2.0)
.165 (4.2) .150 (3.8) .708 (18.0) .669 (17.0)
.114 (2.9) .098 (2.5)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
.com
.043 (1.1) .035 (0.9) .402 (10.2) .386 (9.8) .303 (7.7) .287 (7.3)
.031 (0.8) .023 (0.6) .303 (7.7) .287 (7.3)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at Tc = 100o C with heatsink Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load Operating and Storage Temperature Range TJ,TSTG -55 to + 150
0
SYMBOL VRRM VRMS VDC IO IFSM
RS3501M RS3502M RS3503M RS3504M RS3505M RS3506M RS3507M UNITS 50 35 50 100 70 100 200 140 200 400 280 400 35 400 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps Amps C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per element at 17.5A DC Maximum Reverse Current at Rated @TA = 25 oC @TC = 100 oC SYMBOL VF IR 0.2 mAmps 2001-9 RS3501M RS3502M RS3503M RS3504M RS3505M RS3506M RS3507M UNITS 1.1 10 Volts uAmps
.com
DC Blocking Voltage per element
DataSheet 4 U .com
f.134 (3.1) .122 (3.1)
www..com
RATING AND CHARACTERISTIC CURVES (RS3501M THRU RS3507M)
TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
POWER DISSIPATION 60
sine wave Tj=150
35 25 10 5 2 1 0.5 0.2 0.1 0.2 0.4 0.6 0.8 1
pulse test per one diode TC = 150 (TYP)
POWER DISSIPATION PF(W)
50
40
TC = 25 (TYP)
30 20
10 0 1.2 1.4 1.6
0
4
8
12
16
20
24
INSTANTANEOUS FORWARD VOLTAGE, (V)
AVERAGE RECTIFIED FORWARD CURRENT, Io (A)
t4U.com
PEAK FORWARD SURGE CURRENT, (A)
SURGE FORWARD CURRENT CAPABILITY 400
AVERAGE FORWARD CURRENT, (A)
sine wave 0
IFSM
TYPICAL FORWARD CURRENT DERATING CURVE 4
on glass-epoxi substrate
8.3ms 8.3ms
3
350
1 cycle non-repetitive Tj=25
P.C.B
soldering land 5mmf sine wave R-load free in air
2
300
.com
1
250 1
2
5
10
20
50
100
0 0
40
80
120 )
160
NUMBER OF CYCLE TYPICAL FORWARD CURRENT DERATING CURVE 40
AVERAGE FORWARD CURRENT, (A)
AMBIENT TEMPERATURE, (
CONTACT THERMAL RESISTANCE fcf 1
with thermal compound
38 36 34 32 30 28 26 24 22 20 80 90
heatsink Tc Tc
0.9
/W)
sine wave R-load on heatsink
THERMAL RESISTANCE (
0.8
0.7
0.6
0.5 0.4
100 110 120 130 140 )
150 160
2
3
4
5
6
7
8
CASE TEMPERATURE, (
MOUNTING TORQUE (Kg.cm)
.com
RECTRON
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of RS3501M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X