Part Number Hot Search : 
S1ZB20 GMPSA94S SM5S18A R1C10 141471JM MAX1842 DAN217W 01502
Product Description
Full Text Search
 

To Download P9NK60Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
www..com
STP9NK60Z - STP9NK60ZFP STB9NK60Z - STB9NK60Z-1
N-CHANNEL 600V - 0.85 - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESHTMPower MOSFET
TYPE STP9NK60Z STP9NK60ZFP STB9NK60Z STB9NK60Z-1 VDSS 600 600 600 600 V V V V RDS(on) < 0.95 < 0.95 < 0.95 < 0.95 ID 7 7 7 7 A A A A Pw 125 W 30 W 125 W 125 W
1 2

3
s s s s s s s
TYPICAL RDS(on) = 0.85 EXTREMELY HIGH dv/dt CAPABILITY IMPROVED ESD CAPABILITY 100% AVALANCHE RATED GATE CHARGE MINIMIZED VERY LOW INTRINSIC CAPACITANCES VERY GOOD MANUFACTURING REPEATIBILITY
TO-220
TO-220FP
3
I2PAK
3 12
1
D2PAK
DESCRIPTION INTERNAL SCHEMATIC DIAGRAM The SuperMESHTM series is obtained through an .com extreme optimization of ST's well established stripbased PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
DataShee
APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s IDEAL FOR OFF-LINE POWER SUPPLIES, ADAPTORS AND PFC
ORDERING INFORMATION
SALES TYPE STP9NK60Z STP9NK60ZFP STB9NK60Z STB9NK60ZT4 STB9NK60Z-1 MARKING P9NK60Z P9NK60ZFP B9NK60Z B9NK60Z B9NK60Z-1 PACKAGE TO-220 TO-220FP D2PAK D2PAK I2PAK PACKAGING TUBE TUBE TUBE TAPE & REEL TUBE
June 2002
1/13
.com
.com DataSheet 4 U .com
www..com
www..com
STP9NK60Z / STP9NK60ZFP / STB9NK60Z / STB9NK60Z-1
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter
TO-220 / D2PAK / I 2PAK
Value
TO-220FP
Unit
VDS VDGR VGS ID ID IDM (l) PTOT VESD(G-S) dv/dt (1) VISO Tj Tstg
Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Gate source ESD(HBM-C=100pF, R=1.5K) Peak Diode Recovery voltage slope Insulation Withstand Voltage (DC) Operating Junction Temperature Storage Temperature 7 4.4 28 125 1
600 600 30 7 (*) 4.4 (*) 28 (*) 30 0.24 4000 4.5 2500 -55 to 150 -55 to 150
V V V A A A W W/C V V/ns V C C
(l) Pulse width limited by safe operating area (1) I SD 7A, di/dt 200 A, VDD V(BR)DSS, Tj T JMAX. (*) Limited only by maximum temperature allowed
THERMAL DATA
TO-220 I2PAK D2PAK 1 30 62.5 300 TO220FP 4.16 C/W C/W C/W C
t4U.com
Rthj-case Rthj-pcb Rthj-amb Tl
.com Thermal Resistance Junction-case Max
Thermal Resistance Junction-pcb Max
(When mounted on minimum Footprint)
DataShee
Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose
AVALANCHE CHARACTERISTICS
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 7 235 Unit A mJ
GATE-SOURCE ZENER DIODE
Symbol BVGSO Parameter Gate-Source Breakdown Voltage Test Conditions Igs= 1mA (Open Drain) Min. 30 Typ. Max. Unit V
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to souce. In this respect the Zener voltage is appropriate to achieve an efficient and costeffective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
2/13
.com
.com DataSheet 4 U .com
www..com
www..com
STP9NK60Z / STP9NK60ZFP / STB9NK60Z / STB9NK60Z-1
ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) ON/OFF
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance Test Conditions ID = 1 mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V VDS = VGS, ID = 100A VGS = 10V, ID = 3.5 A 3 3.75 0.85 Min. 600 1 50 10 4.5 0.95 Typ. Max. Unit V A A A V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Coss eq. (3) Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Equivalent Output Capacitance Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDS = 15 V, ID = 3.5 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 5.3 1110 135 30 72 Max. Unit S pF pF pF pF
VGS = 0V, VDS = 0V to 480 V
SWITCHING ON
Symbol Test Conditions VDD = 300 V, ID = 3.5 A RG = 4.7 VGS = 10 V .com (Resistive Load see, Figure 3) VDD = 480 V, ID = 7 A, VGS = 10V Min. Typ. 19 17 38 7 21 53 Max. Unit ns ns nC nC nC td(on) tr Qg Qgs Qgd
t4U.com
DataShee
SWITCHING OFF
Symbol td(off) tf tr(Voff) tf tc Parameter Turn-off Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 300 V, ID = 3.5 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 300 V, ID = 7 A, RG = 4.7, VGS = 10V (Inductive Load see, Figure 5) Min. Typ. 43 15 11 8 20 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 7 A, VGS = 0 ISD = 7 A, di/dt = 100A/s VDD = 30V, Tj = 150C (see test circuit, Figure 5) 480 3.5 14.5 Test Conditions Min. Typ. Max. 7 28 1.6 Unit A A V ns C A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area. 3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
3/13
.com
.com DataSheet 4 U .com
www..com
www..com
STP9NK60Z / STP9NK60ZFP / STB9NK60Z / STB9NK60Z-1
Safe Operating Area For TO-220/D2PAK/I2PAK Safe Operating Area For TO-220FP
Thermal Impedance For TO-220/D2PAK/I2PAK
Thermal Impedance For TO-220FP
t4U.com
.com
DataShee
Output Characteristics
Transfer Characteristics
4/13
.com
.com DataSheet 4 U .com
www..com
www..com
STP9NK60Z / STP9NK60ZFP / STB9NK60Z / STB9NK60Z-1
Transconductance Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
t4U.com
.com
DataShee
Normalized Gate Threshold Voltage vs Temp.
Normalized On Resistance vs Temperature
5/13
.com
.com DataSheet 4 U .com
www..com
www..com
STP9NK60Z / STP9NK60ZFP / STB9NK60Z / STB9NK60Z-1
Source-drain Diode Forward Characteristics Normalized BVDSS vs Temperature
Maximum Avalanche Energy vs Temperature
t4U.com
.com
DataShee
6/13
.com
.com DataSheet 4 U .com
www..com
www..com
STP9NK60Z / STP9NK60ZFP / STB9NK60Z / STB9NK60Z-1
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
t4U.com
.com
DataShee
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
7/13
.com
.com DataSheet 4 U .com
www..com
www..com
STP9NK60Z / STP9NK60ZFP / STB9NK60Z / STB9NK60Z-1
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
t4U.com
A
.com
E
DataShee
C
D1
L2
D F1
G1
Dia. L5 L7 L6 L4
P011C
L9
8/13
.com
F2
.com DataSheet 4 U .com
F
G
H2
www..com
www..com
STP9NK60Z / STP9NK60ZFP / STB9NK60Z / STB9NK60Z-1
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.5 1.5 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
t4U.com
.com
DataShee
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
G
9/13
.com
.com DataSheet 4 U .com
www..com
www..com
STP9NK60Z / STP9NK60ZFP / STB9NK60Z / STB9NK60Z-1
D2PAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L 4.88 15 1.27 1.4 2.4 0.4 0 8 10 8.5 5.28 15.85 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
t4U.com
L2 L3 M R V2
.com
1.75 3.2
1.4
DataShee
10/13
3
1
.com
.com DataSheet 4 U .com
www..com
www..com
STP9NK60Z / STP9NK60ZFP / STB9NK60Z / STB9NK60Z-1
TO-262 (I2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D e E L L1 L2 4.4 2.49 0.7 1.14 0.45 1.23 8.95 2.4 10 13.1 3.48 1.27 TYP. MAX. 4.6 2.69 0.93 1.7 0.6 1.36 9.35 2.7 10.4 13.6 3.78 1.4 MIN. 0.173 0.098 0.027 0.044 0.017 0.048 0.352 0.094 0.393 0.515 0.137 0.050 inch TYP. MAX. 0.181 0.106 0.036 0.067 0.023 0.053 0.368 0.106 0.409 0.531 0.149 0.055
DIM.
t4U.com
.com
C
DataShee
A
C2
B2
B
E
L1 L2 D L
P011P5/E
e
A1
11/13
.com
.com DataSheet 4 U .com
www..com
www..com
STP9NK60Z / STP9NK60ZFP / STB9NK60Z / STB9NK60Z-1
D2PAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 C mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
t4U.com
.com
D G N T
DataShee
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W
12/13
BASE QTY 1000
mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1
inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574
0.35 0.0098 0.0137 0.933 0.956
* on sales type
.com
.com DataSheet 4 U .com
www..com
www..com
STP9NK60Z / STP9NK60ZFP / STB9NK60Z / STB9NK60Z-1
t4U.com
.com
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
13/13
.com
.com DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of P9NK60Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X