Part Number Hot Search : 
FN2459 AD705AQ TR13F AN665 HT48R54A S3N80 HT12D SMB43A
Product Description
Full Text Search
 

To Download P9NC60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP9NC60 STP9NC60FP
N-CHANNEL 600V - 0.6 - 9A - TO-220/TO-220FP PowerMeshTMII MOSFET
TYPE STP9NC60 STP9NC60FP www..com
s s s s s
VDSS 600 V 600 V
RDS(on) < 0.75 < 0.75
ID 9.0 A 9.0 A (*)
TYPICAL RDS(on) = 0.6 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED NEW HIGH VOLTAGE BENCHMARK GATE CHARGE MINIMIZED TO-220
3 1 2
3 1 2
DESCRIPTION The PowerMESHTMII is the evolution of the first generation of MESH OVERLAYTM. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the leading edge for what concerns swithing speed, gate charge and ruggedness. APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING s SWITH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVER
s
TO-220FP
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM (1) PTOT dv/dt VISO Tstg Tj
.
Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuos) at TC = 25C Drain Current (continuos) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Peak Diode Recovery voltage slope Insulation Withstand Voltage (DC) Storage Temperature Max. Operating Junction Temperature 9 5.7 36 125 1.0
Value STP9NC60 600 600 30 9 (*) 5.7 (*) 36 (*) 40 0.32 3.5 2500 - 55 to 150
(1)ISD 9A, di/dt 100A/s, VDD V (BR)DSS, T j T JMAX (*) Limited only by Maximum Temperature Allowed
Unit V V V A A A W W/C V/ns V C
STP9NC60FP
(*)Pulse width limited by safe operating area
February 2002
1/9
STP9NC60 / STP9NC60FP
THERMAL DATA
TO-220 Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 1.0 62.5 300 TO-220FP 3.12 C/W C/W C
AVALANCHE CHARACTERISTICS
Symbol IAR
www..com
Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V)
Max Value 9 850
Unit A mJ
EAS
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 30V Min. 600 1 50 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS, ID = 250A VGS = 10V, ID = 4.5 A Min. 2 Typ. 3 0.6 Max. 4 0.75 Unit V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS =20 V , ID = 4.5A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 9 1420 205 35 Max. Unit S pF pF pF
2/9
STP9NC60 / STP9NC60FP
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd
www..com
Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
Test Conditions VDD = 300V, ID = 4.5 A RG = 4.7 VGS = 10V (see test circuit, Figure 3) VDD = 480V, ID = 9.0 A, VGS = 10V
Min.
Typ. 20 16 55 4.5 31
Max.
Unit ns ns
77
nC nC nC
SWITCHING OFF
Symbol td(off) tf tr(Voff) tf tc Parameter Turn-off Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 300 V, ID = 4.5 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 480V, ID = 9.0 A, RG = 4.7, VGS = 10V (Inductive Load see, Figure 5) Min. Typ. 64 32 19 13 32 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 9 A, VGS = 0 ISD = 9 A, di/dt = 100A/s, VDD = 100V, Tj = 150C (see test circuit, Figure 5) 600 4.7 15.5 Test Conditions Min. Typ. Max. 9.0 36 1.6 Unit A A V ns C A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area.
Safe Operating Area for TO-220
Safe Operating Area for TO-220FP
3/9
STP9NC60 / STP9NC60FP
Thermal Impedance for TO-220 Thermal Impedance for TO-220FP
www..com
Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
4/9
STP9NC60 / STP9NC60FP
Gate Charge vs Gate-source Voltage Capacitance Variations
www..com
Normalized Gate Thereshold Voltage vs Temp.
Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/9
STP9NC60 / STP9NC60FP
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
www..com
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/9
STP9NC60 / STP9NC60FP
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
www..com
A
C
D1
L2
D
F1
G1
E
Dia. L5 L7 L6 L4
P011C
L9
F2
F
G
H2
7/9
STP9NC60 / STP9NC60FP
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A
www..com
B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1
D
F
G1 H
F2
L2 L5
E
123
L4
8/9
G
STP9NC60 / STP9NC60FP
www..com
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of P9NC60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X