Part Number Hot Search : 
0100M MTZJ10 BA7230LS GTR210 FRK254D C1871 MTZJ10 CAT51
Product Description
Full Text Search
 

To Download P75NF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
N-CHANNEL 75V - 0.0095 - 80A TO-220/TO-220FP/DPAK STripFETTM II POWER MOSFET
TYPE STB75NF75 STP75NF75 STP75NF75FP
s s s s
STB75NF75 STP75NF75 STP75NF75FP
VDSS 75 V 75 V 75 V
RDS(on) <0.011 <0.011 <0.011
ID 80 A 80 A 80 A(*)
3 1 2
TYPICAL RDS(on) = 0.0095 EXCEPTIONAL dv/dt CAPABILITY 100% AVALANCHE TESTED SURFACE-MOUNTING D2PAK (TO-263) POWER PACKAGE IN TAPE & REEL (SUFFIX "T4")
3 1
TO-220FP
D2PAK TO-263 (Suffix "T4")
3 2
DESCRIPTION
This MOSFET series realized with STMicroelectronics unique STripFETTM process has specifically been designed to minimize input capacitance and gate charge. It is therefore suitable as primary switch in advanced highefficiency, high-frequency isolated DC-DC converters for Telecom and Computer applications. It is also intended for any applications with low gate drive requirements. TO-220
1
INTERNAL SCHEMATIC DIAGRAM
APPLICATIONS s SOLENOID AND RELAY DRIVERS s DC MOTOR CONTROL s DC-DC CONVERTERS s AUTOMOTIVE ENVIRONMENT ABSOLUTE MAXIMUM RATINGS
Symbol Parameter STB75NF75 STP75NF75 VDS VDGR VGS ID ID IDM(*) Ptot dv/dt (1) EAS (2) VISO Tstg Tj
due to Rth value
Value STP75NF75FP 75 75 20 80 70 320 300 2.0 12 700 ------55 to 175 2000 80(*) 70(*) 320(*) 45 0.3
Unit
Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Peak Diode Recovery voltage slope Single Pulse Avalanche Energy Insulation Withstand Voltage (DC) Storage Temperature Operating Junction Temperature
V V V A A A W W/C V/ns mJ V C
(*) Pulse width limited by safe operating area. (*) Refer to SOA for the max allowable current values on FP-type June 2003
(1) ISD 80A, di/dt 300A/s, VDD V(BR)DSS, Tj TJMAX (2) Starting T j = 25 oC, ID = 40A, VDD= 37.5V
1/11
NEW DATASHEET ACCORDING TO PCN DSG20023123 MARKING: P75NF75 @
www..com
STB75NF75 STP75NF75 STP75NF75FP
THERMAL DATA
D2PAK TO-220 Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Maximum Lead Temperature For Soldering Purpose ( 1.6 mm from case, for 10 sec.) Max Max 0.5 62.5 300 TO-220FP 3.33 C/W C/W C
ELECTRICAL CHARACTERISTICS (Tcase = 25 C unless otherwise specified) OFF
Symbol V(BR)DSS IDSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating TC = 125C VGS = 20 V Min. 75 1 10 100 Typ. Max. Unit V A A nA
IGSS
ON (*)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS VGS = 10 V ID = 250 A ID = 40 A Min. 2 Typ. 3 0.0095 Max. 4 0.011 Unit V
DYNAMIC
Symbol gfs (*) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS = 15 V ID = 40 A Min. Typ. 20 3700 730 240 Max. Unit S pF pF pF
VDS = 25V, f = 1 MHz, VGS = 0
2/11
www..com
STB75NF75 STP75NF75 STP75NF75FP
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions ID = 45 A VDD = 37.5 V RG = 4.7 VGS = 10 V (Resistive Load, Figure 3) VDD= 60 V ID= 80 A VGS= 10V Min. Typ. 25 25 117 27 47 160 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol td(off) tf Parameter Turn-off Delay Time Fall Time Test Conditions ID = 45 A VDD = 37.5 V RG = 4.7 VGS = 10 V (Resistive Load, Figure 3) Min. Typ. 66 30 Max. Unit ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (*) VSD (*) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 80 A VGS = 0 132 660 10 Test Conditions Min. Typ. Max. 80 320 1.5 Unit A A V ns nC A
di/dt = 100A/s ISD = 80 A VDD = 25 V Tj = 150C (see test circuit, Figure 5)
(*)Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. (*)Pulse width limited by safe operating area.
Safe Operating Area
Safe Operating Area for TO-220FP
3/11
www..com
STB75NF75 STP75NF75 STP75NF75FP
Thermal Impedance Thermal Impedance for TO-220FP
Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
4/11
www..com
STB75NF75 STP75NF75 STP75NF75FP
Gate Charge vs Gate-source Voltage Capacitance Variations
Normalized Gate Threshold Voltage vs Temperature
Normalized on Resistance vs Temperature
Source-drain Diode Forward Characteristics
Normalized Breakdown Voltage Temperature
5/11
www..com
STB75NF75 STP75NF75 STP75NF75FP
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/11
www..com
STB75NF75 STP75NF75 STP75NF75FP D2PAK MECHANICAL DATA
DIM. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 10 8.5 4.88 15 1.27 1.4 2.4 0.4 8 0 5.28 15.85 1.4 1.75 3.2 0.192 0.591 0.050 0.055 0.094 0.016 8 mm. MIN. 4.4 2.49 0.03 0.7 1.14 0.45 1.21 8.95 8 10.4 0.394 0.334 0.208 0.624 0.055 0.069 0.126 TYP. MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.028 0.045 0.018 0.048 0.352 0.315 0.409 inch. TYP. TYP. 0.181
0.106
0.009 0.037 0.067 0.024 0.054 0.368
7/11
www..com
STB75NF75 STP75NF75 STP75NF75FP TO-220 MECHANICAL DATA
DIM. A C D E F F1 F2 G G1 H2 L2 L3 L4 L5 L6 L7 L9 DIA 13 2.65 15.25 6.20 3.50 3.75 mm. MIN. 4.4 1.23 2.40 0.49 0.61 1.14 1.14 4.95 2.40 10 16.40 28.90 14 2.95 15.75 6.60 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 TYP. MAX. 4.6 1.32 2.72 0.70 0.88 1.70 1.70 5.15 2.70 10.40 MIN. 0.173 0.048 0.094 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 1.137 0.551 0.116 0.620 0.260 0.154 0.151 inch. TYP. TYP. 0.181 0.051 0.107 0.027 0.034 0.067 0.067 0.203 0.106 0.409
8/11
www..com
STB75NF75 STP75NF75 STP75NF75FP
TO-220FP MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
F1
D
H
F
G1
E F2
123 L2 L4
G
9/11
www..com
STB75NF75 STP75NF75 STP75NF75FP
D2PAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 BASE QTY 1000 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.795 0.960 3.937 1.197 BULK QTY 1000 1.039 0.520 MIN. inch MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 0.35 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 MIN. 0.413 0.618 0.059 0.062 0.065 0.449 0.189 0.153 0.468 0075 1.574 .0.0098 0.933 0.0137 0.956 inch MAX. 0.421 0.626 0.063 0.063 0.073 0.456 0.197 0.161 0.476 0.082
* on sales type
10/11
www..com
STB75NF75 STP75NF75 STP75NF75FP
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics (R) 2002 STMicroelectronics - All Rights Reserved All other names are the property of their respective owners. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of P75NF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X