Part Number Hot Search : 
SST39 WXA22M8 JANTX1 2N6349AG MS20030 10700449 MJD44H11 74LS03P
Product Description
Full Text Search
 

To Download P50AN4AP01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
P50AN4AP01
Version: Preliminary
TECHNICAL SPECIFICATION MODEL NO.P50AN4AP01
Customer's Confirmation
Date
By
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:1
om .c Date : Oct 22,1999 4U et This technical specification is subject to change without notice. Please return 1 copy with your signature on this page for approval. he aS at .D w w w
3,LI SHIN RD. 1,SCIENCE-BASED INDUSTRIAL PARK,HSINCHU,TAIWAN,R.O.C. http://www.pvi.com.tw
m o .c U t4 e e h S ta a .D w w w
PVI's Confirmation Confirmed By Prepared By
PRIME VIEW INTERNATIONAL CO.,LTD.

P50AN4AP01

NO.
" & + * /
ITEM



! # $%
'
( )
,
%
)'.
01 21
PAGE
" * & /

The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:2

P50AN4AP01
1. Application
This technical spec. applies to 5" color TFT-LCD module, P50AN4
2. Features
. Compatible with NTSC and PAL system . Pixel in stripe configuration . Slim and compact . Active area / Outline area = 66.5 % . High brightness . Viewing Direction 6 o'clock
3. Mechanical Specifications
Parameter Screen Size Display Format Active Area Dot Pitch Pixel Configuration Outline Dimension Weight Specifications 5 (diagonal) 960234 102.6 (H)73.9 (V) 0.107 (H)0.316 (V) Stripe 127.4 (w)92.8(H)12.9 (D) 190 Unit inch dot mm mm mm g
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:3

P50AN4AP01
4. Mechanical Drawing of TFT-LCD Module
See sattach file.
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:4

P50AN4AP01
5. Input / Output Terminals
5-1) TFT-LCD Panel Driving Pin No 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Symbol HSY FRP CSY VGH VGL VB VR VG GND VDD VSH GND CKC VSY PSI PSC VIY UD RL NP I/O I/O O I I I I I I I I I I I I/O O O I I I I Description Horizontal Sync. Input / Output Video Polarity Alternating Signal Composite Sync. Signal Supply Voltage for Gate Driver (Hi level) Supply Voltage for Gate Driver (Low level) Video Signal (Blue) Video Signal (Red) Video Signal (Green) Ground Supply voltage for Controller Supply voltage for source driver Ground Control pin for select I/O signal Vertical Sync. Input/ Output Synchronize Pulse for Decoder Synchronize Pulse for DC-DC Converter Vertical Sync. Input Pin for reset Vertical Counter UP/DOWN Control Right/Left Shift Control NTSC/PAL Input Note 5-1 Note 5-1 Note 5-6 Note 5-7 Note 5-1 Note 5-9 Note 5-8 Note 5-10 Note 5-4 Note 5-5 Note 5-1 Note 5-2 Note 5-3 Remark Note 5-1
Note 5-1Pin 13 (CKC) can select the function for Pin 1 ( HSY ), Pin 3 (CSY), and Pin 14 ( VSY ) . Pin 13 (CKC) Hi Low Pin 1 ( HSY ) HSY Output Pin 3 (CSY) CSY Input Pin 14 ( VSY ) VSY Output
External Horizontal Sync Input External Clock Input External Vertical Sync Input
Note 5-1-1: CKC= High: a. If CKC=1,the phase lock loop (PLL) is adopted in the LCD module. b. Inputs CSY, the controller of LCD module will separate the Vertical Sync and Horizontal Sync from CSY. c. Output Horizontal Sync ( HSY , Pin 1) and Vertical Sync ( VSY , Pin 14). d. The internal detect will detect Vertical Sync to reset the vertical counter.
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:5

P50AN4AP01
Note 5-1-2: CKC= Low a. If CKC=0, the phase lock loop (PLL) is not adopted in the LCD module. b. If CKC=0, the external clock input frequency of Pin 3 is 11.8 MHz. c. Input external Vertical Sync (VIY, Pin 17) and Horizontal Sync (Pin 1) to synchronize the LCD module. External Horizontal Sync and External Vertical Sync input pulse can be high going or low going. d. The pulse width of external Horizontal Sync input is 4.7s2 s. The pulse width of external Vertical Sync input is 2H~4H. e. The pulse length of external input Vertical Sync of NTSC system is 262H4H and PAL system is 312H4H. Note 5-1-3: The timing chart of HSY and external Horizontal input: CKC=1 HSY (Output)
External Horizontal CKC=0 Sync (Input) Note 5-1-4: If there is any question about CKC=0, please contact PVI. Note 5-2: VGH TYP.+20V Note 5-3: VGL TYP.-5V Note 5-4: VDD TYP.+5V Note 5-5: VSH TYP.+14V Note 5-6: The frequency of PSI is 15.75KHz.
4.7s
63.5s
CSY 10s 5V 15.75KHz 0V
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:6

P50AN4AP01
Note 5-7: The frequency of PSC is 70KHz or 39KHz(Default is 70KHz). 63.5s CSY PSC 70KHz or 39KHz
5V 0V
Note 5-8: Default is Hi (+5V) for shift Right; and inputs Low (0V) for inverse (shift Left). This version do not apply. Note 5-9: Default is Hi (+5V) for DOWN and Low (0V) is for UP. This version do not apply. Note 5-10: NTSC= Hi (+5V), PAL=LOW (0V) 5-2) Backlight driving Pin No 1 2 Symbol VL1 VL2 Description Input terminal (Hi voltage side) Input terminal (Low voltage side) Remark Note 5-11
Note 5-11Low voltage side of backlight inverter connects with Ground of inverter circuits. 5-3) Input / Output Connector A) LCD Module Connector Pin No.20 Pitch1.0 mm B) Backlight Connector JST BHR-03VS-1 Pin No.3 Pitch4 mm
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:7

P50AN4AP01
GND = 0 V Ta = 25 Unit Remark V V V V V V Note 6-1 V Note 6-2
6. Absolute Maximum Ratings:
Parameter Supply Voltage for Source Driver Supply Voltage H Level for Gate Driver L Level Supply voltage for controller Analog input signals Digital input signals Digital output signals Storage Temperature Operation Temperature Note 6-1 : HSY , CSY, VSY , CKC Note 6-2 : FRP, HSY , VSY , PSI, PSC Symbol VSH VGH VGL VDD VB,VR,VG MIN. -0.5 -0.3 -7 -0.3 -0.5 -0.5 -30 -10 MAX. +16 +26.5 +20.3 +6.5 12 +5.5 +5.5 +80 +60
7. Electrical Characteristics
7-1) Recommended Operating Conditions: A)Driving for TFT-LCD panel GND = 0V Ta = 25 Unit Remark V V V V V V V Note 7-1 V V Note 7-2 V
Parameter Supply voltage for source driver Supply voltage H Level for gate driver L level Supply voltage for controller Analog input Amplitude voltage DC component Digital input H level voltage L level Digital output H level voltage L level
Symbol VSH VGH VGL VDD VB,VR,VG
MIN. +13.5 +19 -5.5 +4.7 +2 +4 +2.4 -0.3 +2.4 0
TYP +14 +20 -5 +5 +6 +4 -
MAX. +14.5 +24 -4 +5.3 +12 +8 +5 +0.8 +5 +0.5
Note 7-1 : HSY , CSY, VSY , CKC, Note 7-2 : HSY , FRP, VSY , PSI, PSC B) Driving for backlight Parameter Lamp voltage Lamp current Lamp frequency Kick-off voltage Symbol VL IL PL Vs Min. Typ. Max. 380 420 460 4 6 8 20 60 1500 Unit Vrms mA KHz Vrms Ta= 25 Remark IL=6mA Note 7-3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:8

P50AN4AP01
Note 7-3: The waveform of lamp driving voltage should as close to a perfect SIN wave as possible. 7-2) Power Consumption Parameter Supply current for Gate Driver (Hi level) Supply current for Gate Driver (Low level) Supply current for Source Driver Supply current for controller LCD Panel Power Consumption Backlight Lamp Power Consumption Total Power Consumption Symbol Conditions TYP. MAX Unit IGH mA VGH +20V 4.8 IGL ISH IDD VGL -5V VSH +14V VDD +5V 3.5 31.0 22.6 0.66 2.52 3.18 mA mA mA W W W Remark
Note 7-4 Note 7-5
Note 7-4The power consumption for backlight is not included. Note 7-5Backlight lamp power consumption calculated by ILVL. 7-3) Input / Output signal timing chart Parameter Horizontal Width Sync. Output Phase Difference Pulse Rising Time Falling Time Vertical Sync. Width Output Pulse Phase Difference Phase Difference Rising Time Frequency Delay time Falling Time Symbol MIN. THO 4.2 THP 0 THR THF TVO TVPO TVPE TVR fFRP TFD TVF 7.67 TYP. 4.7 2 4H 1H 1.5H 7.87 MAX. 5.2 0.5 0.5 2 8.07 4 2 Unit s s s s s s s s KHZ s s Remarks
H=1/15.75K HZ odd field even field
Polarity Alternating Signal
FRP
Black
VR VG VB
Black White
2.2 0.2V
9.2 0.2V
5V CSY 0V
f = 15.75kHz
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:9

P50AN4AP01
7-4) Display Time Range A) When sync. signal of NTSC system is applied. a) Horizontally 12.6 ~ 63.39 s.
b) Vertical
19 ~ 253 H B) When sync. signal of PAL system is applied. a) Horizontally 13.0 ~ 63.8 s .
b) Vertical
26 ~ 298 H
CSY
Thp=2s Typ
Thp
TTL Input
Tho=4.7s Typ CMOS Output
HSY
Tho
FRP
CMOS Output
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:10

P50AN4AP01
Th=63.5S Typ
C) NTSC System
24
21
White
21
CMOS output
10
ODD FIELD
9
8
Tvo=254S Typ
7
Tvpo=63.5S Typ
6
Tvo
FIELD 1
5
Tvpo
4
262
3
1
2
3
4
5
6
7
18
Black
White
22
Th
19
Black
First Line Timing chart of I/O and RGB signal
23
NTSC
ODD FIELD
525
259
260 12V Typ
EVEN FIELD
1
261
2
20
HSY
VSY
FRP
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:11
RGB
CSY
Vin
1.12V Typ
524
258

P50AN4AP01
White 286 First line Black Timing chart of I/O and RGB signal RGB 20 Black
285
284
283
271
272
Tvo=254S Typ
270
EVEN FIELD
Tvo
268
269
FIELD 2
Tvpe=95S Typ
267
Tvpe
266
NTSC
265
264
263
EVEN FIELD
262
ODD FIELD
CSY
HSY
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:12
VSY
FRP
Vin
259
260
261
262
263
1
2
3
4
5
6
17
18
White
19

P50AN4AP01
D) PAL System
26
25
24
25
Black
Th=63.5S Typ
22
23
Th
CMOS output
ODD FIELD
7
6
Tvo=318S Typ
5
Tvo
4
3
Tvpo=64S Typ
FIELD 1
2
Tvpo
313
1
1
2
3
4
5
6
19
21
22
Black
24
White
23
White
First Line RGB Timing chart of I/O and RGB signal
PAL
625
ODD FIELD
624
623
EVEN FIELD
622
HSY
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:13
CSY
VSY
FRP
Vin
309
310
311
312

P50AN4AP01
27
White
26
339
Black
338
337
Black
336
335
22
White
23
White
24
White
25
333
334
318
317
EVEN FIELD
Tvo=318S Typ
Tvo
315
316
FIELD 2
Tvpe=32S Typ
314
Tvpe
313
312
1
2
3
4
5
20
21
Black
First line Timing chart of I/O and RGB signal
PAL
312
311
310
EVEN FIELD
309
ODD FIELD
308
309
310
311
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:14
RGB
CSY
HSY
VSY
FRP
Vin
63.5s
(1) Horizontal Timing Sampling Clock: 18.9MHz
Tho=4.7s 50.79s 10.6s 2.1s
E) Display Timing
(2) Vertical Timing
50.79/63.5=78% Display Time
Vin
NTSC
FIELD 1
ODD FIELD
524 ODD FIELD Tvpo=1H Typ Tvpo Tvo=1H Typ Tvo NTSC FIELD 2 EVEN FIELD
525
1
2
3
4
5
6
7
8
9
10
22
23
24
EVEN FIELD
VSY
Vin
262 264 265 266 267 268
26 3
269
270
271
272
283
284
285
286
ODD FIELD Tvpe=1.5H Typ Tvpe
EVEN FIELD
VSY
Not Display Time 28.5/262.5=11% 10.5H 28.5H
Tvo=4H Typ Tvo
Display Time 234/262.5=89% 234 H 18H First Line
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:15
P50AN4AP01

P50AN4AP01
8. Optical Characteristics
8-1) Specification: Parameter Viewing Angle Symbol Condition MIN. TYP. 45 55 Horizontal (to 12 30 35 o'clock) CR10 Vertical (to 6 10 15 o'clock) CR Tr Tf x y =0 300 320 0.250 0.300 0.300 0.350 Continuous 10,000 80 120 30 50 0.350 0.400 hr ms ms cd/ Ta = 25 MAX. Unit Remarks deg Note 8-1 deg deg Note 8-1 Note 8-1 Note8-1, 8-2 Note 8-4 Note 8-3 Note 8-3
Contrast Ratio Response time Rise Fall Brightness White Chromaticity Lamp Life Time(+25)
Note 8-1 : The definitions of viewing angles are as follows.
normal ( = 0) observer
3
12
6
LCD panel 9
: Viewing direction : Viewing angle
Note 8-2CR
Luminance when LCD is White Luminance when LCD is Black Contrast Ratio is measured in optimum common electrode voltage. Test configurations see section 8-2.
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:16

P50AN4AP01
Note 8-3: Topcon BM-7(fast) luminance meter 2field of view is used in the testing (after 20~30 minutes operation). Note 8-4: The definition of response time:
White 100% 90% Brightness 10% 0% Tr
Black
White
Tf
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:17

P50AN4AP01
8-2) Test Configuration
BM-7(fast) Caution: 1. Environmental illumination 1 lux 2. Before test CR, Vcom voltage must be adjusted carefully to get the best 500mm CR.
R,G,B signal
input
LCD Backlight
Pattern generator !" LCD Display
Testing Point
Testing Point
Pattern A
" !" R, G, B Waveform of Pattern A at Testing Point 16ms 16ms
Pattern B
VW
VW=2.2V 0.2V
!" G, B Waveform of Pattern B at Testing Point 16ms 16ms
VB
VB=9.2V 0.2V
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:18

P50AN4AP01
9. Reliability Specification
No 1 2 3 4 5 6 Test Item High Temperature Storage Test Low Temperature Storage Test High Temperature Operation Test Low Temperature Operation Test High Temperature & High Humidity Operation Test Thermal Cycling Test (non-operating) Vibration Test (non-operating) Shock Test (non-operating) Electrostatic Discharge Test Test Condition Ta = +80 , 240 hrs Ta = -30, 240 hrs Ta = +60 , 240 hrs Ta = -10 , 240 hrs Ta = +60, 95%RH, 240 hrs -25 +25 +70, 200 Cycles 30 min 5min 30 min Frequency10 ~ 55 HZ Amplitude1.5 mm Sweep time: 11 mins Test period: 6 Cycles for each direction of X, Y, Z 100G, 6ms Direction: X, Y, Z Cycle: 3 times 150pF, 330 Air: 15KV; Contact: 8KV 10 times/point, 5 points/panel face
7
8
9
Ta: ambient temperature [Criteria] Under the display quality test conditions with normal operation state, there should be no change which may affect practical display function.
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:19

P50AN4AP01
10. Block Diagram
Pin 7 6 8 3 13 14 1 15 16 2 4 5 9 10 11 12 17 18 19 20
Symbol VR VB VG CSY CKC VSY HSY PSI PSC FRP VGH VGL GND VDD VSH GND VIY UD RL NP +20V -5V GND +5V +14V GND
Controller
Source Driver
PLL
Level Shift
TFT-LCD Pannel
Vcom
DC/AC Inverter DC/DC Converter
Backlight
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:20

P50AN4AP01
11. Packing
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:21

P50AN4AP01
Revision History
Rev. 0
Issued Date Oct 22,1999
Revised NEW
Contents
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:22


▲Up To Search▲   

 
Price & Availability of P50AN4AP01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X