Part Number Hot Search : 
N5231 S0247 200P60 1212121 SG2644J LPY403AL 2SC39 VUO62
Product Description
Full Text Search
 

To Download P1800ECMCLXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
MC Series - TO-92
Description MC Series TO-92 are low capacitance SIDACtor(R) devices designed to protect broadband CPE equipment such as VoIP and DSL Modems from damaging overvoltage transients. The series provides a through-hole solution that enables CPE equipment to comply with global regulatory standards while limiting the impact to broadband signals. Features and Benefits Low voltage overshoot Agency Approvals
Agency Agency File Number E133083
Low on-state voltage Does not degrade with use Fails short circuit when surged in excess of ratings Applicable Global Standards TIA-968-A
40% lower capacitance than our Baseband Protectors, for applications that demand greater signal integrity
Pinout Designation
GR 1089 Intra-building IEC 61000-4-5 YD/T 1082 YD/T 993 YD/T 950
Pin 1 Schematic Symbol
Pin 3
TIA-968-B ITU K.20/21 Enhanced Level ITU K.20/21 Basic Level GR 1089 Inter-building
Electrical Characteristics
VDRM @lDRM=5A V min P0080ECMCLxxx P0300ECMCLxxx P0640ECMCLxxx P0720ECMCLxxx P0900ECMCLxxx P1100ECMCLxxx P1300ECMCLxxx P1500ECMCLxxx P1800ECMCLXXX P2300ECMCLxxx P2600ECMCLxxx P3100ECMCLxxx P3500ECMCLxxx P0080ECMC P0300ECMC P0640ECMC P0720ECMC P0900ECMC P1100ECMC P1300ECMC P1500ECMC P1800ECMC P2300ECMC P2600ECMC P3100ECMC P3500ECMC 6 25 58 65 75 90 120 140 170 190 220 275 320 VS @100V/s V max 25 40 77 88 98 130 160 180 220 260 300 350 400 IH IS IT A max 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 VT @IT=2.2 Amps V max 4 4 4 4 4 4 4 4 4 4 4 4 4 Capacitance @1MHz, 2V bias pF min 35 25 55 50 45 45 40 35 35 30 30 30 25 pF max 75 45 85 75 70 70 60 55 50 50 45 45 40
Part Number
Marking
mA min mA max 50 50 150 150 150 150 150 150 150 150 150 150 150 800 800 800 800 800 800 800 800 800 800 800 800 800
Notes: - Absolute maximum ratings measured at TA= 25C (unless otherwise noted). - Devices are bi-directional (unless otherwise noted). - XXX Part Number Suffix: `AP' (Ammo Pack), or `RP1' or `RP2' (Reel Pack),.
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
76 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Surge Ratings
IPP 0.2x310 1 0.5x700 2 A min C
Notes: 1 Current waveform in s 2 Voltage waveform in s - Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product. - IPP - The device must initially be in thermal equilibrium with -40C < TJ <
Series
2x10 1 2x10 2 A min 500
8x20 1 1.2x50 2 A min 400
10x160 1 10x160 2 A min 200
10x560 1 10x560 2 A min 150
5x320 1 9x720 2 A min 200
10x360 1 10x360 2 A min 175
10x1000 1 10x1000 2 A min 100
5x310 1 10x700 2 A min 200
ITSM 50/60 Hz A min 30
di/dt A/s Max 500
50
Thermal Considerations
Package TO-92 Symbol TJ TS R0JA Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient 90 Value Unit C C C/W
V-I Characteristics
+I
tr x td Pulse Waveform
tr = rise time to peak value td = decay time to half value
IPP - Peak Pulse Current - %IPP
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
Waveform = tr x td
50
Half Value
0 0
-I
tr
td t - Time (s)
Normalized VS Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
2.0
14
Percent of VS Change - %
12 10 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
IH (TC = 25C)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4
-40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25C
Ratio of
Junction Temperature (TJ) - C
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
Case Temperature (TC) - C
77 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Soldering Parameters
Reflow Condition
- Temperature Min (Ts(min))
Pb-Free assembly (see Fig. 1)
Figure 1
TP
Ramp-up
tP
Critical Zone TL to TP
Pre Heat
- Temperature Max (Ts(max)) - Time (Min to Max) (ts)
60-180 secs. 3C/sec. Max. 3C/sec. Max. 60-150 secs.
TS(max) to TL - Ramp-up Rate Reflow
- Temperature (TL) (Liquidus) - Temperature (tL)
Temperature
Average ramp up rate (Liquidus Temp (TL) to peak)
TL TS(max)
Preheat
tL
Ramp-down
TS(min)
tS
Peak Temp (TP) Time within 5C of actual Peak Temp (tp) Ramp-down Rate Time 25C to Peak Temp (TP) Do not exceed 30 secs. Max. 6C/sec. Max. 8 min. Max.
25 time to peak temperature (t 25C to peak)
Time
Physical Specifications
Environmental Specifications
High Temp Voltage Blocking 80% Rated VDRM (VAC Peak 504 or 1008 hrs. MIL-STD-750 (Method 1040) JEDEC, JESD22-A-101 cycles. MIL-STD-750 (Method 1051) EIA/JEDEC, JESD22-A104 52 VDC JEDEC, JESD22-A-101 JEDEC, JESD22-A-101 -65C, 1008 hrs. 10 cycles. MIL-STD-750 (Method 1056) JEDEC, JESD22-A-106 JEDEC, JESD22-A-102
Lead Material Terminal Finish Body Material
Copper Alloy 100% Matte-Tin Plated
Temp Cycling
UL recognized epoxy meeting flammability classification 94V-0
Biased Temp & Humidity High Temp Storage Low Temp Storage Thermal Shock Autoclave (Pressure Cooker Test) Resistance to Solder Heat Moisture Sensitivity Level
Part Numbering
Part Marking
P xxx 0 E C MC L xxx
TYPE P = SIDACtor MEDIAN VOLTAGE CONSTRUCTION VARIABLE PACKAGE TYPE PACKING OPTIONS RoHS COMPLIANT MC SERIES IPP RATING
XXXXXXX XX
XXXXX
Part Marking Code Date Code
(Refer to Electrical Characteristics Table)
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
78 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Packing Options
Package Type Packing Options Quantity
Description TO-92 Tape and Reel Pack
Added Suffix RP1
Lead Spacing
Industry Standard
0.1 inch (2.54mm) 0.2 inch (5.08mm) (Not applicable) (Not applicable)
E
TO-92 Ammo Pack TO-92 Bulk Pack
2000
RP2 AP N/A
EIA-481-D EIA-468-B N/A
Dimensions -- TO-92
Temperature Measurement Point
Ammo Pack Specification -- TO-92
Inches Millimeters Min
4.47 12.70 0.105 0.145 0.096 0.186 0.096 0.019 0.017 0.60 2.41 3.81 3.43 2.23 4.47 2.23 0.33 0.33 3.68 2.44 4.73 2.44 0.48 0.43 1.52
Dimensions are in inches (and millimeters).
6.9 (175) 1.7 (43) 25 Devices per fold 0.50 (12.7) 0.02 (0.5) 1.62 0.236 (41.2) (6.0) MAX 0.708 (18.0) 0.354 (9.0)
0.50 (12.7)
0.25 (6.35)
0.125 (3.2) MAX
A N
Min
A B D E 0.176 0.500 0.095 0.150 0.135 0.088 0.176 0.088 0.013 0.013
Max
0.196
Max
4.98 2.67
1.27 (32.2)
0.157 DIA (4.0) 0.20 (5.08)
ed
B
G H J K L
Directio
n of Fe
Flat down
MT1/PIN 1 E
MT2/PIN 3
M N
M L D J
H
G
K
All leads are insulated from case. Case is electrically non-conductive. (Rated at 1600 V(AC) RMS for one minute from leads to case over the operating temperature range.) Mold flash shall not exceed 0.13 mm per side.
The TO-92 is designed to meet mechanical standards as set forth in JEDEC publication number 95.
1.7 (43) 12.9 (327)
Tape and Reel Specification -- TO-92
FLAT SIDE OF TO-92
Inches Min A B C D W1 P P0 F(for RP1) F(for RP2) H H1 W W2 W3 W4 N/A 4.016 3.386 0.795 1.181 0.496 0.498 0.090 0.182 N/A N/A 0.674 0.354 0.236 0.020 Max 14.173 N/A N/A N/A 1.968 0.504 0.502 0.110 0.244 1.673 1.270 0.763 0.370 N/A N/A
Millimeters Min N/A 102.0 86.0 20.2 30.0 12.60 12.65 2.29 4.63 N/A N/A 17 .12 8.25 6.00 0.50 Max 360.0 N/A N/A N/A 50.0 12.80 12.75 2.80 6.19 42.50 32.26 19.38 9.75 N/A N/A
A
D C B W1
P
ROUND SIDE OF TO-92
H1 H W W2
W3
W4
(RP1)
(RP2)
P0
F
F
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
79 Revised: February 22, 2011


▲Up To Search▲   

 
Price & Availability of P1800ECMCLXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X