Part Number Hot Search : 
5HT100 AS6002 06000 STRAIGHT 245ADG MSK151 2SB867 IS25C
Product Description
Full Text Search
 

To Download NTD60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTD
HIGH VOLTAGE-HIGH CURRENT SILICON RECTIFIERS
DIFFUSED SILICON JUNCTIONS PRV 8,000 TO 60,000 VOLTS AVALANCHE CHARACTERISTICS LOW LEAKAGE
Peak EDI Type No. Reverse V oltage PRV (V olts)
Avg. Fwd.Current o at 50 C (mA)
Max. Fwd. Voltage Drop at 25 C And I O V F (Volts)
o
Length L Fig.3
NTD 08 NTD 10 NTD 12 NTD 15 NTD 20 NTD 25 NTD 30 NTD 35 NTD 40 www..com NTD 45 NTD 50 NTD 60
8,000 10,000 12,000 15,000 20,000 25,000 30,000 35,000 40,000 45,000 50,000 60,000
300 300 300 300 300 300 300 300 300 300 300 300
12 15 18 24 30 38 45 54 60 70 76 83
1.00 1.25 1.50 2.00 2.50 3.00 3.75 4.00 5.00 6.25 6.25 8.00
ELECTRICAL CHARACTERISTICS(at TA =25 C Unless Otherwise Specified)
Max. DC Reverse Current @ PRV and 25 C, IR Max. DC Reverse Current @ PRV and 100 C, IR
Ambient Operating Temperature Range,TA
o
o
1 100
A A
-55 oC to +125 oC -55 oC to +150 oC
20 Amps
Storage Temperature Range, TSTG Max.One-Half Cycle Surge Current, I FM (Surge )@ 60Hz
NTD
FIG.1
OUTPUT CURRENT vs AMBIENT TEMPERATURE
% RATED FWD CURRENT
100
75
50
25
0 0 25 50 75 100
(OC)
125
150
AMBIENT TEMPERATURE
FIG.2
NON-REPETITIVE SURGE CURRENT RATINGS
0.1SEC 100 1.0SEC
% MAXIMUM SURGE
75
50
25
www..com
0 1 2 3 4 5 6 7 8 9 10 20 30 40 50 60
CYCLES(60 Hz)
FIG.3
PACKAGE STYLE
.030 .033
DIA.
_ L + .02
1.00 MIN.
.51 MAX. DIA.
ALL DIMENSIONS IN INCHES Maximum lead and terminal temperature for soldering,3/8 inch form case, 5 seconds at 250 O C EDI reserves the right to change these specifications at any time whthout notice.
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828
Ee-mail:sales@edidiodes.com * Wwebsite: http://www.edidiodes.com


▲Up To Search▲   

 
Price & Availability of NTD60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X