Part Number Hot Search : 
TMC429 D3100 AD797BRZ SMA12 TDA3663 5D102 GT15J101 5016RPQI
Product Description
Full Text Search
 

To Download NH25M22WC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Oscillator
Model Name NH25M22WC
www..com
Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
n Main Application
l Mobile communication base station l Measuring instrument l Synthesizer l Exchanger l High-end router
n Features
l Compact, with a low height. l A surface-mount (SMD) package. l Reflow soldering is possible. l Excellent phase noise characteristics. l Excellent aging characteristics.
n Specifications
Measurement condition Standard nominal frequency (MHz) Power supply voltage Power consumption Output level Load Duty Cycle (1/2Vcc) Operating temperature range Frequency stability Frequency warm-up characteristic +25C five minutes after power is on Aging Based on frequency after 30 days operation Based on frequency after 30 days operation Frequency / temperature characteristic -10 to +70C Power supply variation characteristics DC +5V5% Frequency control characteristic 0 to +5 V, positive polarity Item Model NH25M22WC
10 DC +5V 3 W max. at the start and 2 W max. when stable (+25C) HCMOS (VOL : 0.5V max., VOH : 4.5V min.) 15pF 40 to 60% -10 to +70C 200x10-9 max. 2x10-9/day max. 100x10-9/year max. 20x10-9 max. 10x10-9 max. 1.0x10-6 min.
n Reference Value
Offset frequency
1 Hz 10 Hz 100 Hz 1k Hz 10k Hz
dBc/Hz
-70 max. -100 max. -120 max. -135 max. -135 max.
Phase noise (@10MHz)
The value of phase noise changes when the frequency changes.
n Dimensions
17.80.1 7.60.1 PIN Connections
#1 #2 #3 #4 #5 #6 #7 VCONT NC VCC OUTPUT NC NC GND
n List of Options
Power supply voltage Nominal frequency (MHz) DC +3.3V 10 to 20
25.40.2
For details of options, please feel free to contact our sales representatives.
2.5 #1 22.00.2 #2 #3 2.5
n List of Ordering Codes
Frequency (MHz) 10 Ordering Code NH25M22WC-10M-NSA3419A
7.80.2
#7 #6
#5 #4 Tolerance 0.2mm
The above frequencies are NDK' s standard frequencies. Frequencies other than the above are available. Feel free to contact our sales representatives.
co46_080418_NH25M22WC_e1


▲Up To Search▲   

 
Price & Availability of NH25M22WC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X