Part Number Hot Search : 
5KP10 2SB762 2N6217 PC150 HZZ001 02227 IRF101 00M63X
Product Description
Full Text Search
 

To Download NH20M20LA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Oscillator
Model Name NH20M20LA
www..com
Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
n Main Application
l Mobile communication base station l Measuring instrument l Synthesizer l Exchanger l High-end router
n Features
l Compact, with a low height. l Excellent rise characteristics. l Excellent phase noise characteristics. l Excellent aging characteristics.
n Specifications
Measurement condition Standard nominal frequency (MHz) Power supply voltage Power consumption Output level Load Duty Cycle (1/2Vcc) Operating temperature range Frequency stability Frequency warm-up characteristic +25C three minutes after power is on Aging Based on frequency after 30 days operation Based on frequency after 30 days operation Frequency / temperature characteristic -10 to +70C Power supply variation characteristics DC +5V5% Frequency control characteristic 0 to +5 V, positive polarity Item Model NH20M20LA
10 , 38.88 DC +5V 3 W max. at the start and 1.5 W max. when stable (+25C) HCMOS (VOL : 0.5V max., VOH : 4.5V min.) 15pF 45 to 55% -10 to +70C 500x10-9 max. 10x10-9/day max. 500x10-9/year max. 200x10-9 max. 50x10-9 max. 5x10-6 min.
n Reference Value
Offset frequency
1 Hz 10 Hz 100 Hz 1k Hz 10k Hz
dBc/Hz
-60 max. -90 max. -115 max. -135 max. -145 max.
Phase noise (@38.88MHz)
The value of phase noise changes when the frequency changes.
n Dimensions
PIN Connections
#1 #2 #3 #4 #5 VCC OUTPUT GND VCONT NC
n List of Options
Operating temperature range Power supply voltage Nominal frequency (MHz) -30 to +70C DC +3.3V 10 to 38.88
21max
For details of options, please feel free to contact our sales representatives.
#1 21max
#2
Terminal number is not printed
#3
n List of Ordering Codes
15.24
+0.2
10.5max
4POINT
0.3 -0
7.62
STAND OFF (GRASS)
Frequency (MHz) 10 38.88
Ordering Code NH20M20LA-10M-NSA3421A NH20M20LA-38.88M-NSA3421A
#5 5-0.450.1
7.62 15.24
#4
The above frequencies are NDK' s standard frequencies. Frequencies other than the above are available. Feel free to contact our sales representatives.
5
Tolerance 0.5mm
co43_080418_NH20M20LA_e1


▲Up To Search▲   

 
Price & Availability of NH20M20LA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X