Part Number Hot Search : 
MT3S0 C3216X7 PT21735 MT3S0 SEU61215 IS110X PF2510 2SC33
Product Description
Full Text Search
 

To Download NC12S0A0V40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
High Efficiency: 92% @ 12Vin, 5V/40A out Voltage and resistor-based trim No minimum load required Output voltage programmable from 0.9Vdc to 5.0Vdc via external resistors Fixed frequency operation Input UVLO, output OVP, OTP, OCP, SCP Remote ON/OFF (default: positive) Power good output signal Output voltage sense ISO 9001, TL 9000, ISO 14001, QS 9000, OHSAS 18001 certified manufacturing facility UL/cUL 60950 (US & Canada) Recognized, and TUV (EN60950) Certified CE mark meets 73/23/EEC and 93/68/EEC directives
Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
www..com
OPTIONS
The Delphi NC40 Series, 12V input, single output, non-isolated point of load DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing Delta Electronics, Inc. The NC40 series operates from a 12V nominal input, provides up to 40A of power in a vertical or horizontal mounted through-hole package and the output can be resistor- or voltage-trimmed from 0.9Vdc to 5.0Vdc. NC40 series has built-in current sharing control and multiple NC30/NC40 series modules could be paralleled together to provide even higher output currents. NC40 series provides a very cost effective point of load solution. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions.
Vertical or horizontal versions Negative On/Off logic
APPLICATIONS
DataCom Distributed power architectures Servers and workstations LAN/WAN applications Data processing applications
DATASHEET DS_NC12S40A_02072007
TECHNICAL SPECIFICATIONS
(TA=25C, airflow rate=400LFM, Vin=12Vdc, nominal Vout unless otherwise noted)
PARAMETER
ABSOLUTE MAXIMUM RATINGS Input Voltage Operating Temperature Storage Temperature Input/Output Isolation Voltage INPUT CHARACTERISTICS Operating Input Voltage Input Under-Voltage Lockout Turn-On Voltage Threshold Turn-Off Voltage Threshold Lockout Hysteresis Voltage Maximum Input Current No-Load Input Current Off Converter Input Current Input Reflected-Ripple Current Input Voltage Ripple Rejection Output Short-Circuit Input Current OUTPUT CHARACTERISTICS Output Voltage Adjustment Range Output Voltage Set Point Output Voltage Regulation Over Load Over Line Output Voltage Ripple and Noise Peak-to-Peak RMS Output Current Range Output Voltage Over-shoot at Start-up Output Voltage Under-shoot at Power-Off Output DC Current-Limit Inception DYNAMIC CHARACTERISTICS Out Dynamic Load Response Positive Step Change in Output Current Negative Step Change in Output Current Settling Time Turn-On Transient Start-Up Time, From On/Off Control Start-Up Time, From Input Minimum Output Startup Capacitive Load Maximum Output Startup Capacitive Load Minimum Input Capacitance EFFICIENCY Vo=0.9V Vo=1.2V Vo=1.5V Vo=1.8V Vo=2.5V Vo=3.3V Vo=5.0V FEATURE CHARACTERISTICS Switching Frequency ON/OFF Control Logic High Logic Low Remote Sense Range GENERAL SPECIFICATIONS MTBF Weight Over-Temperature Shutdown
NOTES and CONDITIONS
Min. 0 -40 Non-isolated 10.2
NC12S0A0V40
Typ. Max. 14 50 125 NA 12 9.0 8.3 0.7 13.8 Units Vdc C C V V V V V A mA mA mA dB A V % % % mV mV A % mV A
100% Load, 10.2Vin, 5Vout 160 40 150 55
23
Refer to Figure 35 120 Hz
1 0.9 -3.0 -1.0 -0.2 5.0 +3.0 +1.0 +0.2 50 15 40 1 100
Vin=12V, Io=Io,max, 1% trim resistors Io=Io,min to Io,max Vin=Vin,min to Vin,max 5Hz to 20MHz bandwidth Full Load, 1F ceramic, 10F tantalum Full Load, 1F ceramic, 10F tantalum Vin=12V, Turn ON Vin=12V, Turn OFF
0
62 12Vin, 10F Tan & 1F Ceramic load cap, 10A/s 50% Io,max to 75% Io,max 75% Io,max to 50% Io,max Settling to be within regulation band (+/- 3.0%) Io=Io.max Vin=12V, Vo=10% of Vo,set Vo=10% of Vo,set Ex: Three OSCON 6.3V/680F (ESR 13m max each) Full load Ex: Two OSCON 16V/270F (ESR 18m max each) Vin=12V, Io=30A Vin=12V, Io=30A Vin=12V, Io=30A Vin=12V, Io=30A Vin=12V, Io=30A Vin=12V, Io=30A Vin=12V, Io=30A
75 75 150 10 30 2040 6120 540 75 80 83 85 88 90 92 300
mV mV s ms ms F F F % % % % % % % KHz
Positive logic (internally pulled high) Module On (or leave the pin open) Module Off
2.4 0
5.5 0.8 400 2.5 37 130
V V mV M hours grams C
Telcordia SR-332 Issue1 Method1 Case3 at 50C Auto restart, refer to Figs 36 & 41 for the measuring point
DS_NC12S40A_02072007
2
ELECTRICAL CHARACTERISTICS CURVES
90 80 70
90 80 70
Efficiency (%)
50 40 30 20 10 0 0 3 5 8 11 13 16 19 21 24 27 29 32 35 37 40
10.2
12
13.8
Efficiency (%)
60
60 50 40 30 20 10 0 0 3 5 8 11 13 16 19 21 24 27 29 32 35 37 40
10.2
12
13.8
Output Current (A)
Output Current (A)
Figure 1: Converter efficiency vs. output current (0.9V output voltage)
100 90 80
Figure 2: Converter efficiency vs. output current (1.2V output voltage)
100 90 80
Efficiency (%)
60 50 40 30 20 10 0 0 3 5 8 11 13 16 19 21 24 27 29 32 35 37 40
Efficiency (%)
70
70 60 50 40 30 20
10.2
12
13.8
10 0 0 3 5 8
10.2
12
13.8
11 13 16 19 21 24 27 29 32 35 37 40
Output Current (A)
Output Current (A)
Figure 3: Converter efficiency vs. output current (1.5V output voltage)
100 90 80
Figure 4: Converter efficiency vs. output current (1.8V output voltage)
100 90 80
Efficiency (%)
60 50 40 30 20 10 0 0 3 5 8 11 13 16 19 21 24 27 29 32 35 37 40
10.2
12
13.8
Efficiency (%)
70
70 60 50 40 30 20 10 0 0 3 5 8 11 13 16 19 21 24 27 29 32 35 37 40
10.2
12
13.8
Output Current (A)
Output Current (A)
Figure 5: Converter efficiency vs. output current (2.5V output voltage)
Figure 6: Converter efficiency vs. output current (3.3V output voltage)
DS_NC12S40A_02072007
3
ELECTRICAL CHARACTERISTICS CURVES (CON.)
100 90 80
Efficiency (%)
70 60 50 40 30 20 10 0 0 3 5 8 11 13 16 19 21 24 27 29 32 35 37 40 10.2 12 13.8
Output Current (A)
Figure 7: Converter efficiency vs. output current (5V output voltage) Figure 8: Output ripple & noise at 12Vin, 0.9V/40A out
Figure 9: Output ripple & noise at 12Vin, 1.2V/40A out
Figure 10: Output ripple & noise at 12Vin, 1.5V/40A out
Figure 11: Output ripple & noise at 12Vin, 1.8V/40A out
Figure 12: Output ripple & noise at 12Vin, 2.5V/40A out
DS_NC12S40A_02072007
4
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 13: Output ripple & noise at 12Vin, 3.3V/40A out
Figure 14: Output ripple & noise at 12Vin, 5V/40A out
Figure 15: Turn on delay time at 12Vin, 0.9V/40A out Ch2:Vin Ch3:Vout Ch4:PWRGD
Figure 16: Turn on delay time Remote On/Off, 0.9V/40A out Ch2:ENABLE Ch3:Vout Ch4:PWRGD
Figure 17: Turn on delay time at 12Vin, 5V/40A out Ch2:Vin Ch3:Vout Ch4:PWRGD
Figure 18: Turn on delay time Remote On/Off, 5V/40A out Ch2: ENABLE Ch3:Vout Ch4:PWRGD
DS_NC12S40A_02072007
5
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 19: Typical transient response to step load change at 10A/S from 50% to 75% and 75% to 50% of Io, max at 12Vin, 1.2V out
Figure 20: Typical transient response to step load change at 10A/S from 50% to 75% and 75% to 50% of Io, max at 12Vin, 1.5V out
Figure 21: Typical transient response to step load change at 10A/S from 50% to 75% and 75% to 50% of Io, max at 12Vin, 1.8V out
Figure 22: Typical transient response to step load change at 10A/S from 50% to 75% and 75% to 50% of Io, max at 12Vin, 2.5V out
Figure 23: Typical transient response to step load change at 10A/S from 50% to 75% and 75% to 50% of Io, max at 12Vin, 3.3V out
Figure 24: Typical transient response to step load change at 10A/S from 50% to 75% and 75% to 50% of Io, max at 12Vin, 5.0V out
DS_NC12S40A_02072007
6
DESIGN CONSIDERATIONS
The NC40 is designed using two-phase synchronous buck topology. Block diagram of the converter is shown in Figure 25. The output can be trimmed in the range of 0.9Vdc to 5.0Vdc by a resistor from trim pin to ground. A remote sense function is provided and it is able to compensate for a drop from the output of converter to point of load. The converter can be turned ON/OFF by remote control. Positive on/off (ENABLE pin) logic implies that the converter DC output is enabled when this signal is driven high (greater than 2.4V) or floating and disabled when the signal is driven low (below 0.8V). Negative on/off logic is optional and could also be ordered. The converter provides an open collector signal called Power Good. The power good signal is pulled low when output is not within 10% of Vout or Enable is OFF. The converter can protect itself by entering hiccup mode against over current and short circuit condition. Also, the converter will shut down when an over voltage protection is detected. The converter has an over temperature protection which can protect itself by shutting down for an over temperature event. There is a thermal hysteresis of typically 30
FEATURES DESCRIPTIONS
ENABLE (On/Off)
The ENABLE (on/off) input allows external circuitry to put the NC converter into a low power dissipation (sleep) mode. Positive (active-high) ENABLE is available as standard. Positive ENABLE (active-high) units of the NC series are turned on if the ENABLE pin is high or floating. Pulling the pin low will turn off the unit. With the active high function, the output is guaranteed to turn on if the ENABLE pin is driven above 2.4V. The output will turn off if the ENABLE pin voltage is pulled below .8V. The ENABLE input can be driven in a variety of ways as shown in Figures 26, 27 and 28. If the ENABLE signal comes from the primary side of the circuit, the ENABLE can be driven through either a bipolar signal transistor (Figure 26) or a logic gate (Figure 27). If the enable signal comes from the secondary side, then an opto-coupler or other isolation devices must be used to bring the signal across the voltage isolation (please see Figure 28).
NC30/NC40
Vin Enable Vout
Trim
Ground
Ground
Figure 26: Enable Input drive circuit for NC series
5V
NC30/NC40
Vin Enable Vout Trim
Ground
Ground
Figure 27: Enable input drive circuit using logic gate. Figure 25: Block Diagram
NC30/NC40
Vin Enable Vout
Safety Considerations
It is recommended that the user to provide two 12A very fast-acting type fuses (Little fuse R451 012) in parallel in the input line for safety.
Trim
Ground
Ground
Figure 28: Enable input drive circuit example with isolation.
DS_NC12S40A_02072007
7
FEATURES DESCRIPTIONS (CON.)
Input Under-Voltage Lockout
The input under-voltage lockout prevents the converter from being damaged while operating when the input voltage is too low. The lockout occurs between 7.7V to 8.6V.
Over Temperature Protection (OTP)
To provide additional over-temperature protection in a fault condition, the unit is equipped with a non-latching thermal shutdown circuit. The shutdown circuit engages when the temperature of monitored component exceeds approximately 130. The unit will cycle on and off while the fault condition exists. The unit will recover from shutdown when the cause of the over temperature condition is removed.
Over-Current and Short-Circuit Protection
The NC series modules have non-latching over-current and short-circuit protection circuitry. When over current condition occurs, the module goes into the non-latching hiccup mode. When the over-current condition is removed, the module will resume normal operation. An over current condition is detected by measuring the voltage drop across the high-side MOSFET. The voltage drop across the MOSFET is also a function of the MOSFET's Rds(on). Rds(on) is affected by temperature, therefore ambient temperature will affect the current limit inception point. The unit will not be damaged in an over current condition because it will be protected by the over temperature protection.
Over Voltage Protection (OVP)
The converter will shut down when an output over voltage is detected. Once the OVP condition is detected, the controller will stop all PWM outputs and will turn on low-side MOSFET driver to prevent any damage to load.
Current Sharing (optional)
The parallel operation of multiple converters is available with the NC30/NC40 (option code B). The converters will current share to be within +/- 10% of each other. In addition to connect the I-Share pin together for the current sharing operation, the remote sense lines of the paralleled units must be connected at the same point for proper operation. Also, units are intended to be turned on/enabled at the same time. Hot plugging is not recommended. The current sharing diagram show in Figure 30.
NC30A/40A Vout +SENSE -SENSE GROUND I-SHARE Cout
Remote Sense
The NC30/NC40 provide Vo remote sensing to achieve proper regulation at the load points and reduce effects of distribution losses on output line. In the event of an open remote sense line, the module shall maintain local sense regulation through an internal resistor. The module shall correct for a total of 0.4V of loss. The remote sense connects as shown in Figures 29.
o o
VIN
Vo +SENSE
0
TRIM NC30A/40A
Rload
LOAD
GROUND
Vout +SENSE -SENSE
Cout
-SENSE
GROUND
GROUND
Contact and Distribution Losses
I-SHARE TRIM
Figure 29: Circuit configuration for remote sense
0
Figure 30: NC30/NC40 Current Sharing Diagram
DS_NC12S40A_02072007 DS_NC12S40A_02072007
8
FEATURES DESCRIPTIONS (CON.)
Output Voltage Programming
The output voltage of the NC series is trimmable by connecting an external resistor between the trim pin and output ground as shown Figure 31 and the typical trim resistor values are shown in Figure 32. The output can also be set by an external voltage connected to trim pin as shown in Figure 32. The NC30A/40A module has a trim range of 0.9V to 5.0V. A plot of trim behavior is shown in Figure 33
+SENSE Vout Cout GROUND -SENSE Rs TRIM
To use voltage trim, the trim equation for the NC30 is (please refer to Fig. 33) :
Rt (k) =
Rs (13.1Vt + Vout - 12.69) 0.9 Rs - Vout ( Rs + 1) + 12.69
Vout is the desired output voltage Vt is the external trim voltage Rs is the resistance between Trim and Ground (in K) Rt is the resistor to be defined with the trim voltage (in K) Below is an example about using this voltage trim equation : Example If Vt = 1.25V, desired Vout = 2.5V and Rs = 1 k
Rt (k) =
Rs(13.1Vt + Vout - 12.69) = 0.72k 0.9 Rs - Vout ( Rs + 1) + 12.69
Figure 31: Trimming Output Voltage
Power Good
The converter provides an open collector signal called Power Good. This output pin uses positive logic and is open collector. This power good output is able to sink 5mA and set high when the output is within 10% of output set point. The power good signal is pulled low when output is not within 10% of Vout or Enable is OFF.
The NC30/NC40 modules have a trim range of 0.9V to 5.0V. The trim resistor equation for the them is : Rs (k) =
12.69 - Vout Vout - 0.9
Vout is the desired voltage setpoint, Rs is the trim resistance between TRIM and Ground, Rs values should not be less than 1.8 k
Output Voltage +0.9 V +1.2 V +1.5 V +1.8 V +2.5 V +3.3 V +5.0 V Rs() OPEN 38.3K 18.7K 12.1K 6.34K 3.92K 1.87K
Output Capacitance
There is no output capacitor on the NC series modules. Hence, an external output capacitor is required for stable operation. For NC40 modules, two external 6.3V/680F output low ESR capacitors in parallel (for example, OSCON) are required for stable operation. It is important to places these low ESR capacitors as close to the load as possible in order to get improved dynamic response and better voltage regulation, especially when the load current is large. Several of these low ESR capacitors could be used together to further lower the ESR. Please refer to individual datasheet for the maximum allowed start-up load capacitance for each NC series as it is varied between series.
Figure 32: Typical trim resistor values
+SENSE Vout Cout GROUND -SENSE Rs TRIM Rt Vt
Figure 33: Output voltage trim with voltage source
DS_NC12S40A_02072007
9
FEATURES DESCRIPTIONS (CON.)
Voltage Margining
Output voltage margining can be implemented in the NC30/NC40 modules by connecting a resistor, R margin-up, from the Trim pin to the ground pin for margining up the output voltage. Also, the output voltage can be adjusted lower by connecting a resistor, Rmargin-down, from the Trim pin to the output pin. Figure 34 shows the circuit configuration for output voltage margining adjustment.
Vt
THERMAL CONSIDERATION
Thermal management is an important part of the system design. To ensure proper, reliable operation, sufficient cooling of the power module is needed over the entire temperature range of the module. Convection cooling is usually the dominant mode of heat transfer. Hence, the choice of equipment to characterize the thermal performance of the power module is a wind tunnel.
Thermal Testing Setup
+SENSE Vout
Rmargin-down
Cout
GROUND -SENSE Rs
TRIM
Delta's DC/DC power modules are characterized in heated vertical wind tunnels that simulate the thermal environments encountered in most electronics equipment. This type of equipment commonly uses vertically mounted circuit cards in cabinet racks in which the power modules are mounted.
Rmargin-up
0
Figure 34: Circuit configuration for output voltage margining
The following figure shows the wind tunnel characterization setup. The power module is mounted on a test PWB and is vertically positioned within the wind tunnel.
Reflected Ripple Current and Output Ripple and Noise Measurement
The measurement set-up outlined in Figure 35 has been used for both input reflected/ terminal ripple current and output voltage ripple and noise measurements on NC series converters.
Thermal Derating
Heat can be removed by increasing airflow over the module. To enhance system reliability, the power module should always be operated below the maximum operating temperature. If the temperature exceeds the maximum module temperature, reliability of the unit may be affected. The maximum acceptable temperature measured at the thermal reference point is 125. This is shown in Figure 36 &41.
Cs=270uF*1 Ltest=1.4uH Cin=270uF*2 Cout=680uF*3
Figure 35: Input reflected ripple/ capacitor ripple current and output voltage ripple and noise measurement setup for NC40
DS_NC12S40A_02072007
10
THERMAL CURVES (NC12S0A0V40)
Test Section for NC12S0A0V40
FACING PWB PWB
Output Current(A) 45
NC12S0A0V40(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vout = 3.3V(Either Orientation)
40
35
MODULE
30
25
AIR VELOCITY AND AMBIENT TEMPERATURE MEASURED BELOW THE MODULE
AIR FLOW
20
Natural Convection
100LFM
15
200LFM 300LFM 400LFM 500LFM 600LFM
50.8 (2.0")
10
5
0 25 35 45 55 65 75 85 Ambient Temperature ()
19 (0.75") 38 (1.5")
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
Figure 38: Output current vs. ambient temperature and air velocity@ Vout=3.3V(Either Orientation)
Output Current(A)
NC12S0A0V40(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vout = 1.5V(Either Orientation)
45
40
35
30
25
20
Natural Convection
100LFM
15
200LFM 300LFM 400LFM 500LFM 600LFM
10
5
0 25 35 45 55 65 75 85 Ambient Temperature ()
Figure 36: Temperature measurement location * The allowed maximum hot spot temperature is defined at 125
NC12S0A0V40(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vout = 5V(Either Orientation)
Figure 39: Output current vs. ambient temperature and air velocity@ Vout=1.5V(Either Orientation)
NC12S0A0V40(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vout = 0.9V(Either Orientation)
Output Current(A) 45
Output Current(A) 45
40
40
35
35
30
30
25
25
Natural Convection
20
100LFM
20
Natural Convection
100LFM
15
200LFM 300LFM 400LFM 500LFM 600LFM
15
200LFM 300LFM 400LFM 500LFM 600LFM
10
10
5
5
0 25 35 45 55 65 75 85 Ambient Temperature ()
0 25 35 45 55 65 75 85 Ambient Temperature ()
Figure 37: Output current vs. ambient temperature and air velocity@ Vout=5V(Either Orientation)
Figure 40: Output current vs. ambient temperature and air velocity@ Vout=0.9V(Either Orientation)
DS_NC12S40A_02072007
11
THERMAL CURVES (NC12S0A0H40)
Test Section for NC12S0A0H40
FACING PWB PWB
45 Output Current(A)
NC12S0A0H40(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vout = 3.3V(Either Orientation)
40
35
MODULE
30
25
20
AIR VELOCITY AND AMBIENT TEMPERATURE MEASURED BELOW THE MODULE
AIR FLOW
Natural Convection
100LFM
15
200LFM 300LFM 400LFM 500LFM 600LFM
50.8 (2.0")
10
5
0 25 35 45 55 65 75 85 Ambient Temperature ()
9.5 (0.38") 19 (0.75")
Figure 43: Output current vs. ambient temperature and air velocity@ Vout=3.3V(Either Orientation)
Output Current(A) 45
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
NC12S0A0H40(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vout =1. 5V(Either Orientation)
40
35
30
25
20
Natural Convection
100LFM 200LFM 300LFM 400LFM 500LFM 600LFM
15
10
5
0 25 35 45 55 65 75 85 Ambient Temperature ()
Figure 41: Temperature measurement location * The allowed maximum hot spot temperature is defined at 125
45 Output Current(A)
Figure 44: Output current vs. ambient temperature and air velocity@ Vout=1.5V(Either Orientation)
Output Current(A)
NC12S0A0H40(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vout = 5V(Either Orientation)
45
NC12S0A0H40(Standard) Output Current vs. Ambient Temperature and Air Velocity @ Vout = 0.9V(Either Orientation)
40
40
35
35
30
30
25
25
20
Natural Convection
100LFM 200LFM 300LFM 400LFM 500LFM 600LFM
20
Natural Convection
100LFM 200LFM 300LFM 400LFM 500LFM 600LFM
15
15
10
10
5
5
0 25 35 45 55 65 75 85 Ambient Temperature ()
0 25 35 45 55 65 75 85 Ambient Temperature ()
Figure 42: Output current vs. ambient temperature and air velocity@ Vout=5V(Either Orientation)
Figure 45: Output current vs. ambient temperature and air velocity@ Vout=0.9V(Either Orientation)
DS_NC12S40A_02072007
12
MECHANICAL DRAWING
VERTICAL HORIZONTAL
DS_NC12S40A_02072007
13
PART NUMBERING SYSTEM
NC
Product Series
NCNon-isolated Converter
12
Input Voltage
12-
S
Number of outputs
S- Single
0A0
Output Voltage
0A0-
V
Mounting
HV- Vertical
40
Output Current
40- 40A
P
ON/OFF Logic
N
Pin Length
F
A
Option Code
P- Positive R- 0.118" N- Negative N- 0.140"
F- RoHS 6/6 (Lead Free)
A- Standard Functions
10.2~13.8V output
programmable Horizontal
MODEL LIST
Model Name
NC12S0A0V40PNFA NC12S0A0H40PNFA
Packaging
Vertical Horizontal
Input Voltage
10.2 ~ 13.8Vdc 10.2 ~ 13.8Vdc
Output Voltage
0.9 V ~ 5.0Vdc 0.9 V ~ 5.0Vdc
Output Current
40A 40A
Efficiency 12Vin @ 100% load
92% (5.0V) 92% (5.0V)
CONTACT: www.delta.com.tw/dcdc
USA: Telephone: East Coast: (888) 335 8201 West Coast: (888) 335 8208 Fax: (978) 656 3964 Email: DCDC@delta-corp.com Europe: Telephone: +41 31 998 53 11 Fax: +41 31 998 53 53 Email: DCDC@delta-es.tw Asia & the rest of world: Telephone: +886 3 4526107 x6220 Fax: +886 3 4513485 Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta. Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.
DS_NC12S40A_02072007
14


▲Up To Search▲   

 
Price & Availability of NC12S0A0V40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X