Part Number Hot Search : 
GL450 XC21731 AN1127 D1040 B80C53 B1640 B45196 H16C60
Product Description
Full Text Search
 

To Download MS-7-142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Barrier Blocks Series 142
.563 Density, 8-32 x 5/16" BH Screw, Open Bottom, Double Row
Electrical Characteristics
Voltage Rating: 250 VAC RMS maximum Current Rating: 30 Amps maximum Maximum Watts Per Terminal: 7500
Mechanical Characteristics
Maximum Wire Size: #10 AWG Recommended Tightening Torque: 16 lb.-in.
Dimensions
Ordering Information
No. of Terminals 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17
Standard Screw Catalog No. 1-142 2-142 3-142 4-142 5-142 6-142 7-142 8-142 9-142 10-142 11-142 12-142 13-142 14-142 15-142 16-142 17-142
"M" Dim. 1.125 1.687 2.250 2.812 3.375 3.937 4.500 5.062 5.625 6.187 6.750 7.312 7.875 8.437 9.000 9.562 10.125
"L" Dim. 1.531 2.094 2.656 3.219 3.781 4.344 4.906 5.468 6.031 6.594 7.156 7.719 8.281 8.844 9.406 9.969 10.531
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612
2-12
Barrier Blocks Series 142
.563 Density, 8-32 x 5/16" BH Screw, Open Bottom, Double Row
Solder Terminal Options Dimensions "Y" Terminals "3/4W" Terminals "W" Terminals
Ordering Information
No. of Terminals 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17
Catalog No. 1-142-Y 2-142-Y 3-142-Y 4-142-Y 5-142-Y 6-142-Y 7-142-Y 8-142-Y 9-142-Y 10-142-Y 11-142-Y 12-142-Y 13-142-Y 14-142-Y 15-142-Y 16-142-Y 17-142-Y
Catalog No. 1-142-3/4W 2-142-3/4W 3-142-3/4W 4-142-3/4W 5-142-3/4W 6-142-3/4W 7-142-3/4W 8-142-3/4W 9-142-3/4W 10-142-3/4W 11-142-3/4W 12-142-3/4W 13-142-3/4W 14-142-3/4W 15-142-3/4W 16-142-3/4W 17-142-3/4W
Catalog No. 1-142-W 2-142-W 3-142-W 4-142-W 5-142-W 6-142-W 7-142-W 8-142-W 9-142-W 10-142-W 11-142-W 12-142-W 13-142-W 14-142-W 15-142-W 16-142-W 17-142-W
Solder Terminals can be ordered separately. Terminal Type "Y" "3/4W" "W" Catalog No. Y-142 3/4W-142 W-142
Marketed exclusively through distribution.
2-13
Call Toll Free: 1 (800) 323-9612
DURA-CON(R) Barrier Blocks High Reliability Series 142 All-Plastic
Marker Strips Dimensions
Standard
.563 Density, 8-32 x 5/16" BH Screw, Open Bottom, Double Row
"Y" Terminal
2
Ordering Information
No. of Terminals 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17
Catalog No. MS-1-142 MS-2-142 MS-3-142 MS-4-142 MS-5-142 MS-6-142 MS-7-142 MS-8-142 MS-9-142 MS-10-142 MS-11-142 MS-12-142 MS-13-142 MS-14-142 MS-15-142 MS-16-142 MS-17-142
Catalog No. MS-1-142-Y MS-2-142-Y MS-3-142-Y MS-4-142-Y MS-5-142-Y MS-6-142-Y MS-7-142-Y MS-8-142-Y MS-9-142-Y MS-10-142-Y MS-11-142-Y MS-12-142-Y MS-13-142-Y MS-14-142-Y MS-15-142-Y MS-16-142-Y MS-17-142-Y
Use Standard Marker Strips for "3/4W" and "W" Solder Terminals.
Accessories
* * Jumpers Fanning Strips
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612
2-14


▲Up To Search▲   

 
Price & Availability of MS-7-142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X