Part Number Hot Search : 
09N20 FSB37B2 AD630SE FSB37B2 4HC595 FDC637AN MSM51 3386C100
Product Description
Full Text Search
 

To Download MBT2222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBT2222 MBT2222A
MBT222/MBT222A
SILICON PLANAR EPITAXIAL TRANSISTORS N-P-N TRANSISTORS 1 3 2
ABSOLUTE MAXIMUM RATINGS
Descriptions
Storage Temperature Junction Temperature Maximum Power Dissipation (Ta=25 C ) Maximum Collector to Base Voltage Maximum Collector to Emitter Voltage Maximum Emitter to Base Voltage Maximum Collector Current
Symbol
Tstg Tj Ptot VCBO VCEO VEBO IC
Min. Typ. Max. Unit
55 150 C 150 C 250 mW 60/75 V 30/40 V 5.0/6.0 V 600 mA
1. 3. 2. Type Color Code Marking
BASE EMITTER COLLECTOR SOT-23 Black MBT222/MBT222A
ELECTRICAL CHARACTERISTICS (Ta 25 C)
Descriptions Test Conditions
VCE 10V, I C 0.1mA VCE 10V, I C 1mA VCE 10V, I C 10mA VCE 10V, I C 150mA VCE 1V, I C 150mA VCE 10V, I C 500mA VCE V, I C mA VCB V, I E mA, f VCE V, I C mA, f VCB 50V, I E 0mA VCB 60mA, I E 0mA VEB V, VEB V VEB 3V I C 0, VEB 3V, VCE 60V I C 150mA, I B 15mA I C 500mA, I B 50mA I C 150mA, I B 15mA, I C 500mA, I B 50mA I C 1.0mA I C 0 I C 100mA, I B 0 I C 0mA, I E 10uA I C 150mA I C 150mA I C 150mA I C 150mA VCE 10V, I C 1.0mA, f VCE 10mA, I C 10mA, f
Symbol
h FE1 h FE2 h FE3 h FE4 h FE5 h FE6 fT C ob C ib ICBO I CBO I CEX I EBO I BEX V CE(Sat) V CE(Sat ) V BE(Sat ) V BE(Sat ) BVCEO BVCEO BVEBO td tf tf t stg hFE hFE
Min.
35 50 75 100 50 30/40 250/300
Typ.
Max.
Unit
DC Current Gain
300
Gain Bandwidth product Output Capacitance Input Capacitance (MBT222) Collector Cut-off Current (MBT222A) (MBT222A) Emitter Cut-off Current (MBT222A) Base Current (MBT222A) Collector Saturation Voltage Base Saturation Voltage Collector to Emitter Breakdown Voltage Emitter to Base Breakdown Voltage Delay Time Rise Time Fall Time Storage Time Small Signal Current Gain Pulse Test 300 S, Duty Cycle. 2%
MHz MHz
8.0 30/25 0.01 0.01 10 10 20 400/300 1.6/1.0 1.3/0.6to1.2 2.6/2.0 30/40 60/75 5.0/6.0 10 25 60 225 300 375
MHz PF PF uA uA nA nA nA mV V V V V V V ns ns ns ns
1kHz 1kHz
50 75
THERMAL CHARACTERISTICS
Descriptions
Thermal Resistance at Tj P(Rth j-t +Rth t-s+Rth s-a) +Tamb
Symbol
R th j-a
Min.
Typ.
500
Max.
Unit
K/W
P/N
marking
MBT222
1B
MBT222A
1P
TEL:(852)23413351 FAX:(852)27978275 WEB SITE:http://www.daiwahk.com


▲Up To Search▲   

 
Price & Availability of MBT2222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X