Part Number Hot Search : 
41000 SSF7505 500KB SDA304F FR202 HZD5C9N 120N1T LBS18801
Product Description
Full Text Search
 

To Download MBR10100FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MCC
TM
MBR1020FCT
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
Micro Commercial Components
THRU MBR10100FCT
10 Amp
Schottky
* * * * *
Features
Low Power Loss High Efficiency Low Forward Voltage , High Current Capability High surge capacity Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
Barrier Rectifier 20 to 100 Volts
Maximum Ratings
* * Operating Junction Temperature: -50C to +150C Storage Temperature: -50C to +150C MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 45V 50V 60V 80V 100V 10 A 120A Maximum RMS Voltage 14V 21V 28V 31.5V 35V 42V 56V 70V TC = 100C 8.3ms, half sine
A B C D E F G H I J K L M N O
ITO-220AB
B L M C K
PIN 1 2 3
Maximum DC Blocking Voltage 20V 30V 40V 45V 50V 60V 80V 100V
D A
MBR1020FCT MBR1020FCT MBR1030FCT MBR1030FCT MBR1040FCT MBR1040FCT MBR1045FCT MBR1045FCT MBR1050FCT MBR1050FCT MBR1060FCT MBR1060FCT MBR1080FCT MBR1080FCT MBR10100FCT MBR10100FCT Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 1020FCT-1045FCT 1050FCT-1060FCT 1080FCT-10100FCT Maximum DC Reverse Current At Rated DC Blocking Voltage
E F O I J N HH PIN 1 PIN 3 PIN 2 G
Electrical Characteristics @ 25C Unless Otherwise Specified
IF(AV) IFSM
MM 14.80 --2.55 6.30 ----13.00 2.55 ----3.00 ----2.50 --0.90 0.80 3.40 4.80 3.30 2.90 1.40 15.40 10.30 2.85 6.90 4.10 1.80 13.80
VF
.55V .75V .85V
TJ = 25C IFM = 5A;
IR
0.1mA 50mA
TC = 25C TC = 100C
INCHES .583 .606 --.406 .100 .112 .248 .272 --.161 --.071 .512 .543 .100 --.035 --.032 .118 .134 --.189 --.130 .098 .114 --.055
Revision: 3
www.mccsemi.com
1 of 3
2003/04/30
MBR1020FCT thru MBR10100FCT
MCC
TM
Micro Commercial Components
INSTANTANEOUS FORWARD CURRENT AMPERES
40 20 20. 30. 40V 10 8 6 4 2 1.0 .8 . .6 .4 .2 .1 .4 .5 .6 .7 .8 9 1.0 1.1 50. 60V 80. 100V
AVERAGE FORWARD CURRENT, AMPERES
10 8 6 4 2 0 0 50 100 150
T J = 25J PULSE WIDTH = 200gs
CASE TEMPERATURE, J
INSTANTANEOUS FORWARD CHARACTERISTIC
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTNATANEOUS FORWARD CHARACTERISTIC
PEAK FORWARD SURGE CURRENT, AMPERES
150 130 110 90 70 50 30 20 10 1 2 5 10 20 50 100 8.3ms SINGLE HALF SINE WAVE JEDEC METHOD
NO. OF CYCLES AT 60Hz
Fig. 3-MAXIMUM NON-REPETITIVE SURGE CURRENT
Revision: 4
www.mccsemi.com
2 of 3
2006/05/30
MCC
TM
Micro Commercial Components
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 4
3 of 3
2006/05/30


▲Up To Search▲   

 
Price & Availability of MBR10100FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X