Part Number Hot Search : 
74LVC 90LV047 SG3501AJ CDRH5D28 KRF7319 MAC16CMG LT1175 CDRH5D28
Product Description
Full Text Search
 

To Download MBR10100F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MCC
TM
MBR1020F
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
Micro Commercial Components
THRU MBR10100F
10 Amp
Schottky
* * * *
Features
Low Power Loss High Efficiency Low Forward Voltage , High Current Capability Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Marking : type number
*
Barrier Rectifier 20 to 100 Volts
Maximum Ratings
* * Operating Junction Temperature: -50C to +150C Storage Temperature: -50C to +150C MCC Catalog Number MBR1020F MBR1030F MBR1040F MBR1050F MBR1060F MBR1080F MBR1090F MBR10100F Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 50V 60V 80V 90V 100V Maximum RMS Voltage 14V 21V 26V 35V 42V 56V 63V 80V Maximum DC Blocking Voltage 20V 30V 40V 50V 60V 80V 90V 100V
C J
ITO-220AC
B K L D A
PIN 1 2
E F H G I M
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 1020F-1040F 1050F-1060F 1080F-10100F Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) IFSM 10 A 150A TC = 100C 8.3ms, half sine
DIM A B C D E F G H I J K L M
PIN 1 PIN 2
MM MIN 14.80 --2.55 6.30 --13.00 MAX 15.40 10.30 2.85 6.90 4.10 13.80 5.10 --0.90 --0.80 3.00 3.40 --4.80 --3.10 2.50 2.90
VF
.55V .75V .85V
TJ = 25C IFM = 10A;
IR
0.5mA 50mA
TC = 25C TC = 100C
INCHES MIN MAX .583 .606 --.406 .100 .112 .248 .272 --.161 .512 .543 .200 --.035 --.032 .118 .134 --.189 --.123 .098 .114
www.mccsemi.com
Revision: 5
1 of 3
2006/05/09
MBR1020F thru MBR10100F
INSTANTANEOUS FORWARD CURRENT AMPERES
40 20
MCC
TM
Micro Commercial Components
AVERAGE FORWARD CURRENT, AMPERES
20. 30. 40V 10 8 6 4 2 1.0 .8 . .6 .4 .2 .1 .4 .5 .6 .7 .8 9 1.0 1.1 50. 60V 80. 100V
10 8 6 4 2 0 0 50 100 150
TJ = 25 J PULSE WIDTH = 200gs
CASE TEMPERATURE, J
INSTANTANEOUS FORWARD CHARACTERISTIC
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTNATANEOUS FORWARD CHARACTERISTIC
PEAK FORWARD SURGE CURRENT, AMPERES
150 130 110 90 70 50 30 20 10 1 2 5 10 20 50 100 8.3ms SINGLE HALF SINE WAVE JEDEC METHOD
NO. OF CYCLES AT 60Hz
Fig. 3-MAXIMUM NON-REPETITIVE SURGE CURRENT
www.mccsemi.com
Revision: 5
2 of 3
2006/05/09
MCC
TM
Micro Commercial Components
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 5
3 of 3
2006/05/09


▲Up To Search▲   

 
Price & Availability of MBR10100F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X