Part Number Hot Search : 
AQV204AX MC543050 CIL10NR3 A1205 LR40993 FW250 F103M PE91006
Product Description
Full Text Search
 

To Download MBR10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MBR10100, MBRF10100 & MBRB10100 Series
New Product
Vishay Semiconductors
formerly General Semiconductor
Reverse Voltage 90 to 100V Forward Current 10A
High Voltage Schottky Rectifiers
ITO-220AC (MBRF1090, MBRF10100)
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.140 (3.56) DIA. 0.130 (3.30) 0.131 (3.39) DIA. 0.122 (3.08)
TO-220AC (MBR1090, MBR10100)
0.415 (10.54) MAX. 0.154 (3.91) 0.370 (9.40) 0.360 (9.14) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.410 (10.41) 0.390 (9.91) PIN 1 0.160 (4.06) 0.140 (3.56) 2 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46)
CASE 1
0.185 (4.70) 0.175 (4.44) DIA. 0.055 (1.39) 0.045 (1.14) 0.600 (15.5) 0.580 (14.5)
0.676 (17.2) 0.646 (16.4) 0.350 (8.89) 0.330 (8.38)
PIN 2
0.635 (16.13) 0.625 (15.87)
0.350 (8.89) 0.330 (8.38)
0.603 (15.32) 0.573 (14.55) 0.560 (14.22) 0.530 (13.46)
0.191 (4.85) 0.171 (4.35) 0.060 (1.52)
PIN 1 PIN 2
0.110 (2.80) 0.100 (2.54)
PIN 1 PIN 2
0.205 (5.20) 0.195 (4.95)
0.037 (0.94) 0.027 (0.69)
0.022 (0.55) 0.014 (0.36)
0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) 0.037 (0.94) 0.027 (0.68) 0.022 (0.56) 0.014 (0.36)
TO-263AB (MBRB1090, MBRB10100)
0.411 (10.45) 0.380 (9.65) 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout TO-263AB
0.42 (10.66)
0.245 (6.22) MIN K 0.055 (1.40) 0.047 (1.19) 1 K 2 0.624 (15.85) 0.591 (15.00) 0-0.01 (0-0.254) 0.110 (2.79) 0.090 (2.29) 0.027 (0.686) 0.037 (0.940)
PIN 1 PIN 2 K - HEATSINK
0.33 (8.38) 0.63 (17.02)
Dimensions in inches and (millimeters)
0.360 (9.14) 0.320 (8.13)
0.021 (0.53) 0.014 (0.36) 0.140 (3.56) 0.110 (2.79)
0.08 (2.032) 0.24 (6.096)
0.105 (2.67)
0.12 (3.05)
0.095 (2.41)
0.205 (5.20) 0.195 (4.95)
Features
* Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * Guardring for overvoltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
Document Number 88665 01-Jul-02
Mechanical Data
Case: JEDEC TO-220AC, ITO-220AC & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 oz., 2.24 g
www.vishay.com 1
MBR10100, MBRF10100 & MBRB10100 Series
Vishay Semiconductors
formerly General Semiconductor
Maximum Ratings
Parameter
(TC = 25C unless otherwise noted)
Symbol VRRM VRWM VDC IF(AV)
MBR1090 90 90 90 10
MBR10100 100 100 100
Unit V V V A
Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC = 133C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Peak repetitive reverse current at tp = 2s, 1KHZ Voltage rate of change (rated VR) Operating junction and storage temperature range RMS Isolation voltage (MBRF type only) from terminals to heatsink with t = 1 second, RH 30%
IFSM IRRM dv/dt TJ, TSTG VISOL
150 0.5 10,000 -65 to +175 4500 3500 1500
(1) (2) (3)
A A V/s C V
Electrical Characteristics (TC = 25C unless otherwise noted)
Parameter Maximum instantaneous forward voltage at:(4) IF = IF = IF = IF = 10A, TC = 10A, TC = 20A, TC = 20A, TC = 25C 125C 25C 125C Symbol Value 0.80 0.65 0.95 0.75 100 6.0 Unit
VF
V A mA
Maximum reverse current at working peak reverse voltage(4)
TJ = 25C TJ = 100C
IR
Thermal Characteristics (TC = 25C unless otherwise noted)
Parameter Typical thermal resistance Symbol RJA RJC MBR 60 2 MBRF -- 3.5 MBRB 60 2 Unit C/W
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset (2) Clip mounting (on case), where leads do overlap heatsink (3) Screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19") (4) Pulse test: 300s pulse width, 1% duty cycle
Ordering Information
Product MBR1090, MBR10100 MBRF1090, MBRF10100 MBRB1090, MBRB10100 Case TO-220AC ITO-220AC TO-263AB Package Code 45 45 31 45 81 Package Option Anti-Static tube, 50/tube, 2K/carton Anti-Static tube, 50/tube, 2K/carton 13" reel, 800/reel, 4.8K/carton Anti-Static tube, 50/tube, 2K/carton Anti-Static 13" reel, 800/reel, 4.8K/carton
www.vishay.com 2
Document Number 88665 01-Jul-02
MBR10100, MBRF10100 & MBRB10100 Series
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
20 160 140 120 12 100 8 80 4 60 40 1 10 100
16
0 0 50 100 150
50
20 10
10
1.0 5.0 3.0 0.1 1.0 0.01 0.5 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 20 40 60 80 100
100
10
1
0.1 0.01
0.1
1
10
100
Document Number 88665 01-Jul-02
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of MBR10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X