Part Number Hot Search : 
ADP3088 1040D 10T100A SMCJ4 X2P880 22A46 10T100A KB815B
Product Description
Full Text Search
 

To Download LV8082LP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA0650A
www..com
Bi-CMOS LSI
LV8082LP
Overview
Two Constant-current H-Bridge Driver channels
The LV8082LP is a two-channel constant-current driver that supports low-voltage operation. It is optimal for constant-current drive of stepping motors (AF and Shutter) in portable equipment such as camera cell phones.
Features
* Two constant-current H-bridge driver channels * Built-in power supply switch and position detection comparator for use with a photoreflector * Supports both 2-phase drive and 1-2 phase drive. * Implemented in a low-power MOS IC process. * Ultraminiature easy to solder VCT16 package (2.6 x 2.6mm) * Built-in thermal protection and low-voltage sensing circuits
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Output voltage Input voltage Ground pin source current Allowable power dissipation Operating temperature Storage temperature Symbol VCC, VM max VOUT max VIN max IGND Pd max Topr Tstg OUT1, OUT2, OUT3, OUT4 IN Per channel Mounted on a circuit board.* Conditions Ratings 6.5 6.5 -0.3 to +6.5 400 700 -30 to +85 -40 to +150 Unit V V V mA mW C C
* Specified circuit board : 50x40x0.8mm3 : 4-layer (2S2P) glass epoxy printed circuit board
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
MS PC 20070201-S00003 / 31407 MS PC 20061127-S00001 No.A0650-1/6
LV8082LP
Allowable Operating Ratings at Ta = 25C
Parameter Supply voltage High-level input voltage Low-level input voltage Symbol VCC VIH VIL IN Conditions Ratings
www..com
Unit 2.5 to 6.0 V V V
0.53VCC or more Up to 0.2VCC
Electrical Characteristics at Ta = 25C, VCC = 3.0V
Parameter Current drain Symbol ICCO ICCO1 Output on resistance Ron1 IN = 0V IN = 3V VCC = 3.0V (High and low side total) IN = 3.0V, IOUT = 100mA VCC = 5.0V (High and low side total) IN = 5.0V, IOUT = 100mA VC = 1V, VCC = 3.0V Between RFG and ground : 1 Between RFG and ground : 0.5 (Design specification) Output turn-on time Output turn-off time Comparator threshold high-level voltage Comparator threshold Low-level voltage Comparator hysteresis Input current Vhys IIN VIN = 3V 0.39 15 30 V A VL 0.86 0.91 V Traise Tfall VH With RFG1 and RFG2 shorted to ground (Design specification) With RFG1 and RFG2 shorted to ground (Design specification) 1.3 1.37 V 0.2 0.65 s 1.5 3 s 1.94 95 190 Conditions min Ratings typ 0.1 0.7 2.0 max 1 1 3.0 A mA Unit
Ron2
1.50
2.0
Constant-voltage output 1 Constant-current output 1 Constant-current output 2
VOUT1 IOUT1 IOUT2
2.0 100 200
2.06 105 210
V mA mA
Note : The design specification items are design guarantees and are not measured.
Package Dimensions
unit : mm (typ) 3318
TOP VIEW 2.6 SIDE VIEW BOTTOM VIEW (0.125)
Pin Assignment
(VCT16)
PGND 16 OUT1
(0.13)
VM 15
VCC 14
VC 13 12 COMPIN
1
(C0.116)
OUT2
16
2
11 GND
2.6
0.4
OUT3
3
10 COMPOUT
2 LASER MARKED INDEX 0.5 (0.55)
1
OUT4
4 5 6 IN3 7 IN4 8 IN1
9
IN2
SIDE VIEW
RFG
0.8
Top View
(0.035)
0.25
SANYO : VCT16(2.6X2.6)
No.A0650-2/6
LV8082LP
Block Diagram
VCC
www..com
IN1 IN2 IN3 IN4 L O G I C AF (VCM)
VCC
PGND
VC
SH VCM
0.1V
1.3V
LVS
TSD
COMPIN
COMPOUT
GND
RFG
PCA01164
Constant-voltage calculation : VOUT = VC x 2 Example : When an VOUT of 2V is required, VC must be 1V Constant-current calculation : IOUT = 0.1 / RF Example : When an IOUT of 100mA is required, RF must be 1. Usage Notes The constant current is set by the resource RF connected between RFG and ground according to the formula shown above.
Truth Table
Input IN1 Low Low High High IN2 Low High Low High Low Low Low Low High High Low High Low High Off Off Low Low IN3 IN4 OUT1 Off Low High Low OUT2 Off High Low Low Off Low High Low Off High Low Low Off Off Output OUT3 OUT4 Standby mode Channel 1, constant voltage, reverse Channel 1, constant voltage, forward Channel 1, brake mode Standby mode Channel 2, constant voltage, reverse Channel 2, constant voltage, forward Channel 2, brake mode Mode
Note : When off, a high-impedance state. * Channel 1 functions as a constant voltage block (OUT1 and OUT2). Channel 2 functions as a constant-current block (OUT3 and OUT4). * The IC goes to the standby state with a low-level input, and to the operating state with a high-level input. * When the control inputs are both high, the IC switches to brake mode.
No.A0650-3/6
LV8082LP
Timing Chart (1) Constant voltage channel timing chart
w
w
w
.
D
a
t
a
S
h
IN1
H
H
L
IN2
L
H
H
OUT1/2
Standby
Forward
Brake
Reverse
Standby
(2) Constant current channel timing chart
IN3
H
H
IN4
L
H
H
OUT3/4
Standby
Forward
Brake
Reverse
Standby
No.A0650-4/6
LV8082LP
Photosensor Position Detection Application Circuit Example (a) Application circuit
Sensor power supply VCC
www..com
Microcontroller power supply
10k Tr COMPIN COMPOUT
IC peripheral circuits : Position sensor block
IC internal circuits : Position detection circuit
(b) Timing chart
VCC
IN
1.3V COMPIN
Hysteresis : 0.39 V
Transistor drive region Microcontroller power supply COMPOUT
No.A0650-5/6
LV8082LP
www..com
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of May, 2007. Specifications and information herein are subject to change without notice. PS No.A0650-6/6


▲Up To Search▲   

 
Price & Availability of LV8082LP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X