Part Number Hot Search : 
01400 15KW18A C28DRT 147436 2SK306 M9512807 HSU276A D883B
Product Description
Full Text Search
 

To Download LR001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.DataSheet.in
Revised: 1998. 10
LR001LR001-01
IL00
LR010
LR010-02 IL00
*****
*****
LR002
LR002-01 IL00
LR013
*****
LR013-01 IL00
*****
LR003 LR003-01
IL00
*****
LR014
RADIATION SIDE
LR014-02 IL00
*****
LR006 LR006-01
IL00
*****
LR015 LR015-02
IL08
*****
LR008 LR008-01
IL00
*****
1
www.DataSheet.in
Revised: 1998. 10
LR017
LR017-01 IL00
LR017-02 IL00
LR023LR023-01
IL00
*****
*****
*****
1 2 1 3
2
RED
GREEN
LR018 LR018-02
IL00
LR024 LR024-01
IL00
*****
*****
LR029LR029-01
IL00
*****
LR019
LR019-01 IL00
LR019-03 IL08
LR019-04 IL08
*****
*****
*****
3
21
LR032 LR032-01
IL08
B A GREEN RED RADIATION SIDE
B
A
A : RED B : GREEN
LR020
LR020-01 IL00
*****
2
www.DataSheet.in
Revised: 1998. 10
LR052 LR052-01
IL08
LR056
LR056-01 IL00
*****
CATHODE MARK
LR057
LR057-01 IL00
LR057-03 IL00
*****
*****
LR053
LR053-02 IL00
*****
A
B
RED
GREEN
LR058
LR058-01 IL00
*****
LR054LR054-01
IL08
TYPE NO. PRINTED
LR059
LR059-01 IL08
LR060
LR060-04 IL08
LR055 LR055-01
IL00
65
43
*****
1
21
5
1
8 23 4
76
5
3
GREEN 2 4 6
GREEN
1
GREEN
8
2
GREEN
7
3
RED GREEN
6
4
5
3
www.DataSheet.in
Revised: 1998. 10
LR061
8 7 6 5 1 2 3 4 8 7 6 5
LR061-02 IL00
LR075
7-SEGMENT LED --TOP VIEW-- a1 f2 A3 e NC 6 e7 d 14 A 13 b11 g 10 C9 dP8 d
LR075-06 IL22
*****
*****
a f b c
1
2
3
4
PRINTED SIDE
; GREEN ; RED
UNUSED dP dP
3 14 A A
LR062
--SIDE VIEW--
LR062-01 IL08 --SIDE VIEW--
LR062-02 IL08
dp 9
a 1
b 13
c 10
d 8
e 7
f 2
g 11
1
2
3
4
1
2
3
4
LR076
--TOP VIEW-- D1 10 D2 6
LR076-01 IL00
*****
+ + + + +
a
LR072
1 2 3 4 5 + + + + + + + + + + 10 9 8 7 6
f
g
b c dp
LR072-01 IL08
LR072-02 IL00
e
+ + + + +
d
*****
1 2 3 4 5 + + + + +
1 10 8 1 6 a f a 10 b c 8 d 5 e 4 f 2 g 3 dp 7 e d g b c dp 9 6 a b c d 5 e
1
5
+ + + + +
10 9 8 7 6
4 f 2 3 7 a g dp f e d g b c
D1 1
D2 6 a b c d e f g dp
5
7 10 2
3
4
8
9
a dp
b
c
d
e
f
g
dp
9
LR072-04 IL08 --TOP VIEW-- 1 2 3 4 5 + + + + + + + + + D.P. + 10 9 8 7 6 --TOP VIEW-- 1 2 3 4 5 + + + + +
9 2 f 3 g 4 e 5 7 8 c b 9 10 f d D.P. a a 1 6 b c d e f g dp e d 1 10 8 5 4 2 3 6
LR072-06 IL00
*****
10 9 8 7 6
7 a g b c f1 dp e1 d1 c1 e2 d2 c2 a1 g1 b1 f2 a2 g2 b2
a fgb edc
+ + + + +
LR077
--TOP VIEW-- 16 15 14 13 12 11 10 9
LR077-01 IL08
1
4 a1
23
45678
b1
c1
d1
e1
f1
g1
15 5 a2
13
1
3
2
14
16
b2
c2
d2
e2
f2
g2
10
12
8
6
7
11
9
4
www.DataSheet.in
Revised: 1998. 10
LR078
--TOP VIEW--
16 9 a f g b c d
LR078-01 IL00
LR081
12 11 10 9 + + + +
a f e g d Dig1 bf ce dp a g d Dig2 bf ce dp
LR081-01 IL08
*****
8 +
d Dig3
7
a g b c dp
++++++++
e
++++++++
1 8
+
+
+
+
+ 5
4 a b c d e f g
1
2
3
4
6
15
13
1
3
2
14
16
5 a b c d e f g dp g f 10 12 8 6 7 11 9 e d c b Dig 1 1 a dp g f e d c b a dp g f e d c b a
LR079
--TOP VIEW--
16 9
Dig 2 8
LR079-02 IL00
LR079-03 IL00 --TOP VIEW--
16 9
Dig 3 7
*****
*****
LR081-03 IL00
+++++++ +
a 1 8 e d
a d b c d
f
g
b c
+++ +++ ++
1
8
TRIPLE 7-SEGMENT LED -- TOP VIEW -- 12 11 10 9 + + + +
a
e f a
+
+
*****
8 +
bf ce dp
7 +
a g d Dig3 b c dp
a bf ce dp g d Dig2
14
13
15
16
4
2
1
f e
g
c
b
g
a
b
d
e
g
c
f
f e 16
g d Dig1
14
13
15
3
4
2
1
+
+
+
+ 4
+ 5
a
b
d
e
10
12
g
c
f
1
2
3
9
7
6
5
a
b
d
e
g
c
f
8
a 11 b 10 c4 d3 e2 f 12 g9 dp 5 dp g f e d c b Dig 1 1 Dig 2 8 Dig 3 7 a dp g f e d c b a dp g f e d c b a
11
12
10
6
5
3
9
7
a
b
d
e
11
g
c
f
8
5
+ 6
www.DataSheet.in
Revised: 1998. 10
LR083
LR083-04 IL00
LR089
LR089-01 IL00
*****
*****
1 14
8
COLUMN PIN NO.
1
2
3
4
5
6
7
8
5
6
7
!.
@]
!]
![
!=
ROW PIN NO. 1
1 !\ 2 !; 3 !' 4 !, !- @[ !/ @= 9 @8 @/
2
3
4
5
6
7
LR095
LR095-01 IL00
8
*****
LR085
16 15 14 13 12 11 1 2 3 4 5 6 16 1 2 3 4 5 6 7 8 15 14 13 12 11 10 9 7 8 9 10
1 LR085-03 IL05 2
3 4
*****
1 3
A
B
2
4
LR096 LR086
LR086-01 IL00
LR096-01 IL08
*****
*****
INDEX
PIN1 MARKING 1 2
20 3
19
18
17
4
16
7
15 14 13 12
8
9
10
11
12 2 1
5
6
7
6
11
5
4
3
8
9 7
10 8 9 10 2 4 6 8 10 12
1
2
3
4
5
6
20
19
18
17
16
15
14
13
12
11 1 3 5 7 9 11
6
www.DataSheet.in
Revised: 1998. 10
LR100
LR100-01 IL00
LR104
**********
--TOP VIEW-- D6 12 D3 11 D2 10 D1 9 D0 8
LR104-01(1/2) IL08
***** C-MOS .145" 4-CHARACTER,DOT MATRIX
7 GND
8 9 10 11 2 1 12
DIGIT 3 DIGIT 2 DIGIT 1 DIGIT 0
D0 D1 D2 D3 D4 D5 D6
1 D5 D5 D4 WR A1 A0 D0 D1 D2 D3 D6 ; ; ; ; ; ; ; ; ; ;
2 D4
3 WR
4 A1
5 A0
VDD(+5V) 6
5 A0 4 A1 3 WR
LR101
LR101-01 IL16
*****
DATA INPUT DATA INPUT WRITE DIGIT SELCT DIGIT SELCT DATA INPUT(LSB) DATA INPUT DATA INPUT DATA INPUT DATA INPUT(MSB)
LR104-01(2/2)
DISPLAY ROWS 0 TO 6 3 ROW CONTROL LOGIC & ROW DRIVERS 2 1 0 COLUMNS 0 TO 19
OSC
+128 COUNTER
+7 COUNTER
TIMING AND CONTROL LOGIC
B
A
ROW DECODER D6 D5 D4 D3 D2 D1 D0
COLUMN DECODER
RAM READ LOGIC
LATCHES
RAM MEMORY 4x7 BIT
7 BIT ASCII CODE
ROM 128x35 BIT ASCII CHARACTER DECODE 4480 BITS
COLUMN DATA
COLUMN ENABLE LATCHES AND COLUMN DRIVERS
LR103
LR103-01 IL08
WR A0 A1
WRITE ADDRESS DECODER
B
A
7


▲Up To Search▲   

 
Price & Availability of LR001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X