|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LC320W01 Liquid Crystal Display Product Specification www..com SPECIFICATION FOR APPROVAL ( ( U ) Preliminary Specification ) Final Specification Title BUYER MODEL 32.0" WXGA TFT LCD SUPPLIER *MODEL MODEL LG.Philips LCD Co., Ltd. LC320W01 SL01 *When you obtain standard approval, please use the above model name without suffix APPROVED BY / SIGNATURE DATE APPROVED BY Jay Yoon / G. Manager SIGNATURE DATE REVIEWED BY / J.H.Park / Manager PREPARED BY / B.J.Choi / Engineer Please return 1 copy for your confirmation with your signature and comments. TV Product Development Dept. LG. Philips LCD Co., Ltd Ver. 1.0 May. 25, 2005 1 / 28 LC320W01 Liquid Crystal Display Product Specification www..com CONTENTS Number COVER CONTENTS RECORD OF REVISIONS 1 2 3 3-1 3-2 3-3 3-4 3-5 3-6 4 5 6 7 7-1 7-2 8 8-1 8-2 9 9-1 9-2 9-3 9-4 9-5 9-6 GENERAL DESCRIPTION ABSOLUTE MAXIMUM RATINGS ELECTRICAL SPECIFICATIONS ELECTRICAL CHARACTERISTICS INTERFACE CONNECTIONS SIGNAL TIMING SPECIFICATIONS SIGNAL TIMING WAVEFORMS COLOR INPUT DATA REFERENCE POWER SEQUENCE OPTICAL SPECIFICATIONS MECHANICAL CHARACTERISTICS RELIABILITY INTERNATIONAL STANDARDS SAFETY EMC PACKING DESIGNATION OF LOT MARK PACKING FORM PRECAUTIONS MOUNTING PRECAUTIONS OPERATING PRECAUTIONS ELECTROSTATIC DISCHARGE CONTROL PRECAUTIONS FOR STRONG LIGHT EXPOSURE STORAGE HANDLING PRECAUTIONS FOR PROTECTION FILM ITEM Page 1 2 3 4 5 6 6 8 12 13 14 15 17 21 24 25 25 25 26 26 26 27 27 27 28 28 28 28 Ver. 1.0 May. 25, 2005 2 / 28 LC320W01 Liquid Crystal Display Product Specification www..com RECORD OF REVISIONS Revision No 0.0 1.0 Revision Date Apr. 20, 2005 May.25,2005 Page 6 7 11 12 16 22~23 24 Preliminary Specification Description Changed Electrical Characteristics for Logic Updated Electrical Characteristics for Inverter Changed Voff spec for Inverter (Voff : -0.3~0.5V -0.3~0.8V) Changed Timing Spec(HBP: 24 48, HFP :24 40) Updated Power Sequence for Inverter(VBL(Min) VBL) Updated Mechanical Drawing Updated Reliability Condition (Vibration test, Shock test) Ver. 1.0 May. 25, 2005 3 / 28 LC320W01 Liquid Crystal Display Product Specification www..com 1. General Description The LC320W01 is a Color Active Matrix Liquid Crystal Display with an integral External Electrode Fluorescent Lamp(EEFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element. It is a transmissive type display operating in the normally black mode. It has a 31.51 inch diagonally measured active display area with WXGA resolution (768 vertical by 1366 horizontal pixel array). Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes. Gray scale or the luminance of the sub-pixel color is determined with a 8-bit gray scale signal for each dot, thus presenting a palette of more than 16.7M(true) colors. It has been designed to apply the 8-bit 1-port LVDS interface. It is intended to support LCD TV, PCTV where high brightness, super wide viewing angle, high color gamut, high color depth and fast response time are important. RGB(Mini-LVDS) CN4 LUT Data +12.0V LVDS 5pair Source Driver Circuit LUT Data S1 S1366 DCR LUT, ODC LUT Gate Driver Circuit G1 Select #9 Enable #10 VBR_EXT #28 VBR_OUT #27 (30pin) CN1 LVDS Rx (Receiver) DCR Controller ODC Controller Timing Controller Power Circuit Block TFT - LCD Panel (1366 G768 RGB 768 pixels) +24.0V +24.0V CN2, Inverter (Master, 12Pin, High) CN3, Inverter (Slaver, 12Pin, High) Back light Assembly (18EEFL) General Features Active Screen Size Outline Dimension Pixel Pitch Pixel Format Color Depth Luminance, White Dynamic C/R (for AI) Viewing Angle (CR>10) Power Consumption Weight Display Operating Mode Surface Treatment Ver. 1.0 31.51 inches(800.4mm) diagonal 760.0 mm(H) x 450.0 mm(V) x 48.0 mm(D) (Typ.) 170.25x 510.75x RGB 1366 horiz. by 768 vert. pixels RGB stripe arrangement 8bit, 16,7 M colors 500 cd/m2 (Center 1 point) (Typ.) 1600:1 (Typ.) Viewing angle free ( R/L 178(Typ.), U/D 178(Typ.)) Total 88.86 Watt (Typ.) (Logic=4.86 W, Lamp=84W [IBL=90mA] ) 6,900 g (Typ.) Transmissive mode, normally black Hard coating(3H), anti-glare treatment of the front polarizer May. 25, 2005 4 / 28 LC320W01 Liquid Crystal Display Product Specification www..com 2. Absolute Maximum Ratings The following items are maximum values which, if exceeded, may cause faulty operation or damage to the LCD module. Table 1. ABSOLUTE MAXIMUM RATINGS Value Parameter Symbol Min Max +14.0 +27.0 +5.25 +5.0 +40 +50 90 90 VDC VDC VDC VDC at 25 VLCD VBL VON/OFF VBr TOP TST HOP HST -0.3 21.6 -0.3 0 0 -20 10 10 Unit Remark Power Input LCM Voltage Backlight inverter ON/OFF Control Voltage Brightness Control Voltage Operating Temperature Storage Temperature Operating Ambient Humidity Storage Humidity AE C AE C Note 1 %RH %RH Note : 1. Temperature and relative humidity range are shown in the figure below. Wet bulb temperature should be 39 AE C Max. and no condensation of water. 60 60% Humi y [ (%)RH dit ] Stor age Wet Bulb Temperature [E ] 40% Oper on ati 10% Dry Bulb Temperature [AE C] Ver. 1.0 May. 25, 2005 5 / 28 LC320W01 Liquid Crystal Display Product Specification www..com 3. Electrical Specifications 3-1. Electrical Characteristics It requires two power inputs. One is employed to power for the LCD circuit. The other input power for the EEFL/Backlight is to power inverter. Table 2-1. ELECTRICAL CHARACTERISTICS Value Parameter MODULE : Power Input Voltage Permissible Input Ripple Voltage Power Input Current Power Consumption Rush current VLCD VRP ILCD PLCD IRUSH Symbol Min Typ Max Unit Note 11.4 - 12.0 405 520 4.86 - 12.6 200 527 676 6.33 3.0 VDC mVP-P mA mA Watt A 1 2 1 3 Notes : 1. The specified current and power consumption are under the VLCD=12.0V, 25 2AE C, fV=60Hz condition whereas mosaic pattern(8 x 6) is displayed and fV is the frame frequency. 2. The current is specified at the maximum current pattern. 3. The duration of rush current is about 2ms and rising time of power input is 1ms (min.). White : 255Gray Black : 0Gray Mosaic Pattern(8 x 6) Ver. 1.0 May. 25, 2005 6 / 28 LC320W01 Liquid Crystal Display Product Specification www..com Table 2-2. ELECTRICAL CHARACTERISTICS Parameter Inverter : Power Input Voltage Power Input Current Power Consumption Input Voltage for Control System Signals Lamp : Life Time 253/4 2E 50,000 Hrs 3 VBL IBL PBL VBR V on V off Symbol Value Min Typ Max Unit Note 22.8 0 3.0 -0.3 24.0 3.5 84 25.2 3.85 92.4 3.3 VDC A W VDC VDC VDC 1 1 1 2 Brightness Adjust On/Off On Off 5.0 0 5.25 0.8 Note : 1. The specified current and power consumption are under the typical supply Input voltage, 24.0V. Ripple voltage of the Power Input Voltage is under 0.2 Vp-p. 2. Brightness Control. This VBR Voltage control brightness. VBR Voltage Function Maximum Brightness (100%) Minimum Brightness.(30%) 3.3V 0V 3. Specified values are for a single lamp which is aligned horizontally. The Life Time is determined as the time at which brightness of the lamp is 50% compared to that of initial value at the typical lamp current on condition of continuous operating at each ambient temperature. Ver. 1.0 May. 25, 2005 7 / 28 LC320W01 Liquid Crystal Display Product Specification 3-2. Interface Connections This LCD module employs two kinds of interface connection, a 30-pin connector is used for the module electronics and two 12-pin connectors are used for the integral backlight system. 3-2-1. LCD Module - LCD Connector(CN1) : FI-X30SSL-HF (Manufactured by JAE) or Equivalent - Mating Connector : FI-30C2L (Manufactured by JAE) or Equivalent Table 3. MODULE CONNECTOR(CN1) PIN CONFIGURATION Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 Symbol VLCD VLCD VLCD VLCD GND GND GND GND Select DCR Enable GND RARA+ GND RBRB+ GND RCRC+ GND RCLKRCLK+ GND RDRD+ GND VBR_OUT VBR_EXT GND GND Power Supply +12.0V Power Supply +12.0V Power Supply +12.0V Power Supply +12.0V Ground Ground Ground Ground Select LVDS Data format Dynamic CR En able ( `L or NC'= Disable , `H' = Enable ) Ground LVDS Receiver Signal(-) LVDS Receiver Signal(+) Ground LVDS Receiver Signal(-) LVDS Receiver Signal(+) Ground LVDS Receiver Signal(-) LVDS Receiver Signal(+) Ground LVDS Receiver Clock Signal(-) LVDS Receiver Clock Signal(+) Ground LVDS Receiver Signal(-) LVDS Receiver Signal(+) Ground VBR output form LCD mod ule External VBR input from Sy stem to LC D mod ule Ground Ground Description www..com Note 1 2 3 Note: 1. If the pin no. 9 is Ground, Interface format is "LG", and if the pin no. 9 is Vcc(3.3V), Interface format is "DISM". See page 9 and 10. 2. When #10 pin is no connection, DCR is disabled. 3. The pin no. 30 is necessary for LCD test. When LVDS signals are abnormal operation more than 3-Vsync times and power 12V is supplied, `Open' or `Vcc' : LCD operate itself some test patterns.(AGP - Auto Generation Pattern) `Ground' : LCD operate itself a black pattern. (NSB - No Signal Black) LPL recommend `Ground' for NSB. 4. All GND (ground) pins should be connected together, which should be also connected to the LCD module's metal frame. 5. All VLCD (power input) pins should be connected together. 6. Input Levels of LVDS signals are based on the IEA 664 Standard. Ver. 1.0 May. 25, 2005 8 / 28 LC320W01 Liquid Crystal Display Product Specification Table 4. REQUIRED SIGNAL ASSIGNMENT FOR LVDS TRANSMITTER ( Pin9="L"www..com or "Open" ) Host System 24 Bit RED0 RED1 RED2 RED3 RED4 RED5 RED6 RED7 GREEN0 GREEN1 GREEN2 GREEN3 GREEN4 GREEN5 GREEN6 GREEN7 BLUE0 BLUE1 BLUE2 BLUE3 BLUE4 BLUE5 BLUE6 BLUE7 Hsync Vsync Data Enable CLOCK 51 52 54 55 56 3 50 2 4 6 7 11 12 14 8 10 15 19 20 22 23 24 16 18 27 28 30 31 DS90C385 or Compatible TxOUT0TxOUT0+ 48 47 FI-X30SSL-HF 12 13 Timing Controller RxIN0RxIN0+ 100U TxOUT1TxOUT1+ 46 45 15 16 100U RxIN1RxIN1+ TxOUT2TxOUT2+ 42 41 18 19 100U RxIN2RxIN2+ TxCLKOUTTxCLKOUT+ 40 39 21 22 100U RxCLKINRxCLKIN+ TxOUT3TxOUT3+ 38 37 24 25 9 30 100U RxIN3RxIN3+ LG / DISM LCD Test GND Note: 1. The LCD Module uses a 100 Ohm [O ] resistor between positive and negative lines of each receiver input. 2. Refer to LVDS Transmitter Data Sheet for detail descriptions. (DS90C385 or Compatible) 3. `7' means MSB and `0' means LSB at R,G,B pixel data. GND LCD Module Ver. 1.0 May. 25, 2005 9 / 28 LC320W01 Liquid Crystal Display Product Specification www..com Table 5. REQUIRED SIGNAL ASSIGNMENT FOR LVDS TRANSMITTER ( Pin9="H" ) Host System 24 Bit RED0 RED1 RED2 RED3 RED4 RED5 RED6 RED7 GREEN0 GREEN1 GREEN2 GREEN3 GREEN4 GREEN5 GREEN6 GREEN7 BLUE0 BLUE1 BLUE2 BLUE3 BLUE4 BLUE5 BLUE6 BLUE7 Hsync Vsync Data Enable CLOCK 50 2 51 52 54 55 56 3 8 10 4 6 7 11 12 14 16 18 15 19 20 22 23 24 27 28 30 31 DS90C385 or Compatible TxOUT0TxOUT0+ 48 47 FI-X30SSL-HF 12 13 Timing Controller RxIN0RxIN0+ 100U TxOUT1TxOUT1+ 46 45 15 16 100U RxIN1RxIN1+ TxOUT2TxOUT2+ 42 41 18 19 100U RxIN2RxIN2+ TxCLKOUTTxCLKOUT+ 40 39 21 22 100U RxCLKINRxCLKIN+ TxOUT3TxOUT3+ 38 37 24 25 9 30 100U RxIN3RxIN3+ LG / DISM LCD Test GND Note: 1. The LCD Module uses a 100 Ohm [O ] resistor between positive and negative lines of each receiver input. 2. Refer to LVDS Transmitter Data Sheet for detail descriptions. (DS90C385 or Compatible) 3. `7' means MSB and `0' means LSB at R,G,B pixel data. Vcc LCD Module Ver. 1.0 May. 25, 2005 10 / 28 LC320W01 Liquid Crystal Display Product Specification 3-2-2. Backlight Inverter Input Connector -Inverter Connector : S12B-PHA-SM3(manufactured by JST) or Equivalent -Mating Connector : PHR-12 or Equivalent Status Connector -Inverter Connector : S2B-PH-SM3-TB(manufactured by JST) or Equivalent -Mating Connector : PHR-2(manufactured by JST) or Equivalent Table 6. INVERTER CONNECTOR PIN CONFIGULATION Pin No 1 2 3 4 5 6 7 8 9 10 11 12 Symbol VBL VBL VBL VBL VBL GND GND GND GND GND VBR On/Off www..com Description Power Supply +24.0V Power Supply +24.0V Power Supply +24.0V Power Supply +24.0V Power Supply +24.0V POWER GND POWER GND POWER GND POWER GND POWER GND 0V ~ 3.3V 0V ~ 5.0V Master VBL VBL VBL VBL VBL GND GND GND GND GND VBR On/Off Slave VBL VBL VBL VBL VBL GND GND GND GND GND Don't care Don't care Note 1 2 3 Option Pin(Lamp Open Status Detection) 1 2 GND Status POWER GND GND Status Upper 3.0V(Normal), Under 0.7V(Abnormal) Component side Status connector 1 2 1 2 3 Input connector 11 12 Lower PCB Top Upper Bottom Note : 1. GND should be connected to the LCD module's metal frame. 2. Minimum Brightness : VBR = 0.0V Maximum Brightness : VBR = 3.3V 3. VON : 3.0 ~ 5.0V VOFF : -0.3 ~ 0.8V Ver. 1.0 May. 25, 2005 11 / 28 LC320W01 Liquid Crystal Display Product Specification www..com 3-3. Signal Timing Specifications This is the signal timing required at the input of the LVDS transmitter. All of the interface signal timing should be satisfied with the following specification for it's proper operation. Table 7. TIMING TABLE ITEM Period DCLK Frequency Period Hsync Frequency Width Period Vsync Frequency Width Horizontal Valid Horizontal Back Porch Horizontal Front Porch DE (Data Enable) Horizontal Blank Vertical Valid Vertical Back Porch Vertical Front Porch Vertical Blank tHP fH tWH tVP fV tWV tHV tHBP tHFP - Symbol tCLK Min 12.5 68 1472 45 8 776 47 2 1366 48 40 tHP- tHV 768 5 1 tVP- tVV Typ 13.8 72.3 1528 47.4 32 790 60 5 1366 80 48 162 768 15 2 22 Max 14.7 80 1776 50 1063 63 1366 - Unit ns MHz tCLK KHz Remark tCLK tHP Hz tHP Note 1) PAL : 47~53Hz NTSC : 57~63Hz tCLK tHP- tHV 768 tHP tVFP tVP- tVV tVV tVBP Note : Hsync Period and Hsync Width should be even number times of tCLK. If the value is odd number times of tCLK, display control signal can be asynchronous. In order to operate the LCD, Hsync, Vsync and DE(Data Enable) signals should be used. 1. The performance of the electro-optical characteristics may be influenced by variance of the vertical refresh rate. 2. Vsync and Hsync should be keep the above specification. Ver. 1.0 May. 25, 2005 12 / 28 LC320W01 Liquid Crystal Display Product Specification www..com 3-4. Signal Timing Waveforms 0.7VDD 0.3VDD Hsync, Vsync, DE, Data DCLK tCLK 0.5 VDD Valid data First data Invalid data Pixel 0,0 Pixel 2,0 Invalid data Valid data Second data Invalid data Pixel 1,0 Pixel 3,0 Invalid data DE(Data Enable) tHP HSync tWH tHBP tHV tHFP DE(Data Enable) tVP tWV VSync tVBP tVV tVFP DE(Data Enable) Ver. 1.0 May. 25, 2005 13 / 28 LC320W01 Liquid Crystal Display Product Specification 3-5. Color Data Reference www..com The brightness of each primary color(red,green,blue) is based on the 8-bit gray scale data input for the color the higher the binary input, the brighter the color. The below table provides a reference for color versus data input. Table 8. COLOR DATA REFERENCE Input Color Data Color RED MSB LSB MSB GREEN LSB MSB BLUE LSB R7 R6 R5 R4 R3 R2 R1 R0 G 7 G6 G5 G4 G3 G2 G1 G0 B7 B6 B5 B4 B3 B2 B1 B0 Black Red (255) Green (255) 0 1 0 0 0 1 1 1 Dark 0 0 0 1 0 0 0 1 1 1 0 0 0 1 0 0 0 1 1 1 0 0 0 1 0 0 0 1 1 1 0 0 ... 1 1 1 1 0 0 1 1 0 0 1 1 0 0 ... 0 0 Dark 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ... 0 0 0 0 0 0 0 0 0 0 0 0 0 0 00 00 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 01 01 00 00 1 1 0 0 1 1 0 0 1 1 0 0 ... 0 0 0 0 0 0 01 01 1 1 1 1 1 1 1 1 0 0 1 1 0 0 1 1 0 0 00 10 00 00 0 0 0 0 0 0 0 0 0 0 0 0 ... 1 1 0 0 1 1 0 0 1 1 0 0 00 10 00 00 0 0 0 0 0 0 0 0 0 0 0 0 ... 1 1 1 1 1 1 0 1 0 1 0 0 0 1 1 1 0 0 0 1 0 0 0 1 1 1 0 0 0 1 0 0 0 1 1 1 0 0 00 10 01 00 01 10 11 11 00 10 0 0 1 0 1 0 1 1 0 0 0 0 1 0 1 0 1 1 0 0 0 0 1 0 1 0 1 1 0 0 ... 0 0 0 0 0 0 0 0 0 0 0 0 00 00 00 10 0 0 0 0 0 0 0 0 0 0 0 0 ... 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0 1 0 1 1 0 0 0 0 1 0 1 0 1 1 0 0 0 0 1 0 1 0 1 1 0 0 00 00 10 01 11 01 10 11 00 00 0 0 0 1 1 1 0 1 0 0 0 0 0 1 1 1 0 1 0 0 0 0 0 1 1 1 0 1 0 0 ... 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 1 0 0 0 0 0 1 1 1 0 1 0 0 0 0 0 1 1 1 0 1 0 0 0 0 0 1 1 1 0 1 0 0 Basic Color Blue (255) Cyan Magenta Yellow White RED (000) RED (001) RED ... RED (254) RED (255) GREEN (000) Dark 0 GREEN (001) 0 GREEN ... GREEN (254) GREEN (255) BLUE (000) BLUE (001) BLUE ... BLUE (254) BLUE (255) Note : Users should be input true 8 Bit data streams via LVDS transmitter. Ver. 1.0 May. 25, 2005 14 / 28 LC320W01 Liquid Crystal Display Product Specification 3-6. Power Sequence 3-6-1. LCD Driving circuit 90% 90% 10% www..com Power Supply For LCD VLCD 0V 10% T1 T2 T5 T6 T7 Interface Signal (Tx) T3 T8 Valid Data T4 T9 Option Signal (DISM, DCR_Enable) Lamp ON Power for Lamp Table 9. POWER SEQUENCE Parameter T1 T2 T3 T4 T5 T6 T7 T8 T9 Value Min 1.0 5.0 200 200 0.5 2.0 Typ 0 < T8 < T2 0 < T9 < T5 Max 20 50 50 300 Unit ms ms ms ms ms ms s ms ms Note : 1. Please avoid floating state of interface signal at invalid period. 2. When the interface signal is invalid, be sure to pull down the power supply VLCD to 0V. 3. The case when the T2/T5 exceed maximum specification, it operates protection pattern(Black pattern) till valid signal inputted. There is no reliability problem. 4. The T3/T4 is recommended value, the case when failed to meet a minimum specification, abnormal display would be shown. There is no reliability problem. 5. If the on time of option signal(DISM or DCR_Enable) precedes the on time of Power(VLCD), check the LCD logic Power(Vcc) is under 0.8V, otherwise it will be happened abnormal display. May. 25, 2005 15 / 28 Ver. 1.0 LC320W01 Liquid Crystal Display Product Specification 3-6-2. On/Off for Inverter 24V (typ.) 90% www..com Power Supply For Inverter VBL 0V 10% 0.7V T1 T2 T3 T2 Enable (On/Off) T4 VBr T4 3-6-3. Deep condition for Inverter T5 VBL VBL x 0.8 0V Table 10. POWER SEQUENCE FOR INVERTER Value Parameter Min T1 T2 T3 T4 T5 20 500 200 0 Typ Max 10 ms ms ms ms ms Unit Remark After Inverter's connected VBL x 0.8 Ver. 1.0 May. 25, 2005 16 / 28 LC320W01 Liquid Crystal Display Product Specification 4. Optical Specification www..com Optical characteristics are determined after the unit has been `ON' and stable in a dark environment at 253/4 2AE C. The values are specified at an approximate distance 50cm from the LCD surface at a viewing angle of and equal to 0 AE . It is presented additional information concerning the measurement equipment and method in FIG. 1. Optical Stage(x,y) LCD Module Pritchard 880 or equivalent 50cm FIG. 1 Optical Characteristic Measurement Equipment and Method Table 11. OPTICAL CHARACTERISTICS Parameter Contrast Ratio Surface Luminance, white Luminance Variation Rise Time Response Time (Gray to Gray) Decay Time G to G RED Rx Ry Gx Gy Bx By Wx Wy r l u d Without AI With AI May. 25, 2005 Typ -0.03 Symbol CR CR with AI LWH WHITE TrR TrD 5P 8 10 8 0.640 0.343 0.280 0.605 0.145 0.065 0.285 0.293 Typ +0.03 Ta= 253/4 2AE C, VLCD=12.0V, fV=60Hz, Dclk=72.3MHz, VBR=3.3V Value Min 600 1200 400 Typ 800 1600 500 1.3 12 14 14 ms 4 cd/m2 Max Unit Note 1 2 3 GREEN Color Coordinates [CIE1931] BLUE WHITE Viewing Angle (CR>10) x axis, right(=0AE ) x axis, left (=180AE ) y axis, up (=90AE ) y axis, down (=270AE ) Gray Scale Ver. 1.0 85 85 85 85 89 89 89 89 6 17 / 28 degree 5 LC320W01 Liquid Crystal Display Product Specification Note : 1. Contrast Ratio(CR) is defined mathematically as : Surface Luminance with all white pixels Surface Luminance with all black pixels It is measured at center 1-point. Contrast Ratio = 2. Surface Luminance(LWH) is the luminance value at center 1-point across the LCD surface 50cm from the surface with all pixels displaying white. For more information see the FIG. 2. 3. The variation of surface luminance , WHITE is defined as : WHITE(5P) = Maximum(Lon1,Lon2, Lon3, Lon4, Lon5) / Minimum(Lon1,Lon2, Lon3, Lon4, Lon5) Where Lon1 to Lon5 are the luminance with all pixels displaying white at 5 locations . For more information, see the FIG. 2. 4. Response time is the time required for the display to transition from G(N) to G(M) (Rise Time, TrR) and from G(M) to G(N) (Decay Time, TrD). For additional information see the FIG. 3. (N www..com Luminance [%] (Typ) 0.18 0.27 1.00 2.40 4.60 7.60 11.40 16.00 21.60 28.00 35.40 43.70 53.00 63.20 74.50 88.00 100.00 May. 25, 2005 Luminance [%] (Typ) with AI 0.08 0.20 0.83 2.00 3.70 6.30 9.70 13.90 19.20 25.60 33.40 42.50 53.00 63.20 74.50 88.00 100.00 18 / 28 LC320W01 Liquid Crystal Display Product Specification www..com Measuring point for surface luminance & measuring point for luminance variation H A e c B V e e e A : H / 4 mm B : V / 4 mm H : 697.685 mm V : 392.256 mm @ H,V : Active Area FIG. 2 The Position of Points for Luminance Measure Response time is defined as the following figure and shall be measured by switching the input signal for "Gray(N)" and "Gray(M)". % 100 90 TrR TrD Optical Response 10 0 Gray(M) Gray(N) N,M = 0(Black)~255(White), N May. 25, 2005 19 / 28 LC320W01 Liquid Crystal Display Product Specification www..com Dimension of viewing angle range Normal E Y = 90, Up = 180, Left = 0, Right = 270, Down FIG. 4 Viewing Angle Ver. 1.0 May. 25, 2005 20 / 28 LC320W01 Liquid Crystal Display Product Specification 5. Mechanical Characteristics www..com The following items provide general mechanical characteristics. In addition, the figures in the next page show the detail information of mechanical drawing for LCD module. Table 13. MECHANICAL CHARACTERISTICS Horizontal Outline Dimension Vertical Depth Horizontal Bezel Area Vertical Horizontal Active Display Area Vertical Weight Surface Treatment 6,900 g(Typ.), 7,240 g(Max) Hard coating(3H) Anti-glare treatment of the front polarizer 392.256mm 398.4mm 697.685mm 760.0mm 450.0 mm 48.0 mm 703.8mm Notes : Please refer to a mechanic drawing in terms of tolerance at the next page. Ver. 1.0 May. 25, 2005 21 / 28 LC320W01 Liquid Crystal Display Product Specification www..com Ver. 1.0 May. 25, 2005 22 / 28 LC320W01 Liquid Crystal Display Product Specification www..com Ver. 1.0 May. 25, 2005 23 / 28 LC320W01 Liquid Crystal Display Product Specification www..com 6. Reliability Table 14. ENVIRONMENT TEST CONDITION No. 1 2 3 4 Test Item High temperature storage test Low temperature storage test High temperature operation test Low temperature operation test Ta= 50AE C 240h Ta= -20AE C 240h Condition Ta= 40AE C 50%RH 240h Ta= 0AE C 240h 5 Vibration test (non-operating) Wave form : random Vibration level : 1.0Grms Bandwidth : 10-500Hz Duration : X,Y,Z, 10 min One time each direction Shock level : 100Grms Waveform : half sine wave, 2ms Direction : 3/4 X, 3/4 Y, 3/4 Z One time each direction Ta= 40 AE C 90%RH 240h 0 - 14,000 feet(4267.2m) 0 - 40,000 feet(12192m) 6 Shock test (non-operating) 7 Humidity condition Operation Altitude operating storage / shipment 8 Ver. 1.0 May. 25, 2005 24 / 28 LC320W01 Liquid Crystal Display Product Specification www..com 7. International standards 7-1. Safety a) UL 60950, Third Edition, Underwriters Laboratories, Inc., Dated Dec. 11, 2000. Standard for Safety of Information Technology Equipment, Including Electrical Business Equipment. b) CAN/CSA C22.2, No. 60950, Third Edition, Canadian Standards Association, Dec. 1, 2000. Standard for Safety of Information Technology Equipment, Including Electrical Business Equipment. c) EN 60950 : 2000, Third Edition IEC 60950 : 1999, Third Edition European Committee for Electrotechnical Standardization(CENELEC) EUROPEAN STANDARD for Safety of Information Technology Equipment Including Electrical Business Equipment. 7-2. EMC a) ANSI C63.4 "Methods of Measurement of Radio-Noise Emissions from Low-Voltage Electrical and Electrical Equipment in the Range of 9kHZ to 40GHz. "American National Standards Institute(ANSI), 1992 b) C.I.S.P.R "Limits and Methods of Measurement of Radio Interface Characteristics of Information Technology Equipment." International Special Committee on Radio Interference. c) EN 55022 "Limits and Methods of Measurement of Radio Interface Characteristics of Information Technology Equipment." European Committee for Electrotechnical Standardization.(CENELEC), 1998 ( Including A1: 2000 ) Ver. 1.0 May. 25, 2005 25 / 28 LC320W01 Liquid Crystal Display Product Specification www..com 8. Packing 8-1. Designation of Lot Mark a) Lot Mark A B C D E F G H I J K L M A,B,C : SIZE(INCH) E : MONTH G : ASSEMBLY CODE Note 1. YEAR Year Mark 2001 1 2002 2 2003 3 2004 4 2005 5 D : YEAR F : FACTORY CODE H, I, J, K, L, M : SERIAL NO. 2006 6 2007 7 2008 8 2009 9 2010 0 2. MONTH Month Mark Jan 1 Feb 2 Mar 3 Apr 4 May 5 Jun 6 Jul 7 Aug 8 Sep 9 Oct A Nov B Dec C 3. FACTORY CODE Factory Code Mark LPL Gumi K LPL Nanjing C HEESUNG D 4. SERIAL NO. Mark 100001~199999, 200001~299999, 300001~399999, ...., A00001~A99999, ....., Z00001~Z99999 b) Location of Lot Mark Serial No. is printed on the label. The label is attached to the backside of the LCD module. This is subject to change without prior notice. 8-2. Packing Form a) Package quantity in one box : 5 pcs b) Box Size : 880mm X 500mm X 570mm Ver. 1.0 May. 25, 2005 26 / 28 LC320W01 Liquid Crystal Display Product Specification www..com 9. Precautions Please pay attention to the followings when you use this TFT LCD module. 9-1. Mounting Precautions (1) You must mount a module using holes arranged in four corners or four sides. (2) You should consider the mounting structure so that uneven force (ex. Twisted stress) is not applied to the module. And the case on which a module is mounted should have sufficient strength so that external force is not transmitted directly to the module. (3) Please attach the surface transparent protective plate to the surface in order to protect the polarizer. Transparent protective plate should have sufficient strength in order to the resist external force. (4) You should adopt radiation structure to satisfy the temperature specification. (5) Acetic acid type and chlorine type materials for the cover case are not desirable because the former generates corrosive gas of attacking the polarizer at high temperature and the latter causes circuit break by electro-chemical reaction. (6) Do not touch, push or rub the exposed polarizers with glass, tweezers or anything harder than HB pencil lead. And please do not rub with dust clothes with chemical treatment. Do not touch the surface of polarizer for bare hand or greasy cloth.(Some cosmetics are detrimental to the polarizer.) (7) When the surface becomes dusty, please wipe gently with absorbent cotton or other soft materials like chamois soaks with petroleum benzine. Normal-hexane is recommended for cleaning the adhesives used to attach front / rear polarizers. Do not use acetone, toluene and alcohol because they cause chemical damage to the polarizer. (8) Wipe off saliva or water drops as soon as possible. Their long time contact with polarizer causes deformations and color fading. (9) Do not open the case because inside circuits do not have sufficient strength. 9-2. Operating Precautions (1) The spike noise causes the mis-operation of circuits. It should be lower than following voltage : V=3/4 200mV(Over and under shoot voltage) (2) Response time depends on the temperature.(In lower temperature, it becomes longer.) (3) Brightness depends on the temperature. (In lower temperature, it becomes lower.) And in lower temperature, response time(required time that brightness is stable after turned on) becomes longer. (4) Be careful for condensation at sudden temperature change. Condensation makes damage to polarizer or electrical contacted parts. And after fading condensation, smear or spot will occur. (5) When fixed patterns are displayed for a long time, remnant image is likely to occur. (6) Module has high frequency circuits. Sufficient suppression to the electromagnetic interference shall be done by system manufacturers. Grounding and shielding methods may be important to minimized the interference. (7) Please do not give any mechanical and/or acoustical impact to LCM. Otherwise, LCM can't be operated its full characteristics perfectly. (8) A screw which is fastened up the steels should be a machine screw. (if not, it causes metallic foreign material and deal LCM a fatal blow) (9) Please do not set LCD on its edge. Ver. 1.0 May. 25, 2005 27 / 28 LC320W01 Liquid Crystal Display Product Specification www..com 9-3. Electrostatic Discharge Control Since a module is composed of electronic circuits, it is not strong to electrostatic discharge. Make certain that treatment persons are connected to ground through wrist band etc. And don't touch interface pin directly. 9-4. Precautions for Strong Light Exposure Strong light exposure causes degradation of polarizer and color filter. 9-5. Storage When storing modules as spares for a long time, the following precautions are necessary. (1) Store them in a dark place. Do not expose the module to sunlight or fluorescent light. Keep the temperature between 5AE C and 35AE C at normal humidity. (2) The polarizer surface should not come in contact with any other object. It is recommended that they be stored in the container in which they were shipped. 9-6. Handling Precautions for Protection Film (1) The protection film is attached to the bezel with a small masking tape. When the protection film is peeled off, static electricity is generated between the film and polarizer. This should be peeled off slowly and carefully by people who are electrically grounded and with well ionblown equipment or in such a condition, etc. (2) When the module with protection film attached is stored for a long time, sometimes there remains a very small amount of glue still on the bezel after the protection film is peeled off. (3) You can remove the glue easily. When the glue remains on the bezel surface or its vestige is recognized, please wipe them off with absorbent cotton waste or other soft material like chamois soaked with normalhexane. Ver. 1.0 May. 25, 2005 28 / 28 |
Price & Availability of LC320W01-SL01 |