Part Number Hot Search : 
8701E A7805A SC2440 A4970 TDA7294 B5817W SPC5634 PI3B1
Product Description
Full Text Search
 

To Download LBS14201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
141.8MHz SAW Filter 0.55MHz Bandwidth
Part Number: LBS14201
www.sipatsaw.com
SIPAT Co., Ltd.
Features
For IF SAW filter High attenuation Single-ended operation Dual In-line Package No matching required for operation at 50 RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Center Frequency Insertion Loss 3 dB Bandwidth 40 dB Bandwidth Passband Variation Absolute Delay f00.7MHz f00.9MHz Ultimate Rejection f01.3MHz f05.3MHz Material Temperature coefficient Substrate Material Ambient Temperature Operating Temperature Range Storage Temperature Range DC Voltage Input Power ESD Class Package Size Notes: 1. 2. 3. 4. All specifications are based on the test circuit shown; In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature; Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; This is the optimum impedance in order to achieve the performance show.
Unit
MHz dB MHz MHz dB usec dB dB dB dB KHz/C C C C V dBm -
Minimum
141.65 0.55 35 45 50 55
Typical
141.8 21.4 0.67 1.38 0.3 3.15 40 57 60 70 0.14 Qz 25
Maximum
141.95 27 1 4 -
-40 -45 -
0 1A
+85 +105 10
DIP3512 (35.0x12.8x4.7mm3)
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBS14201 2008-10-07 1.0 Page 1/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
141.8MHz SAW Filter 0.55MHz Bandwidth
Part Number: LBS14201
www.sipatsaw.com
SIPAT Co., Ltd.
Matching Configuration
Source/Load Impedance=50 ohm
INPUT 50 OUTPUT 50
Notes - Component values may change depending on board layout.
Package Dimension
35.00 0.5 12.80 0.5
SIPAT LBS14201 XXYYZZ
Pad Configuration: Input Output 1 5
Ground All Others
4.7 4.5
Marking Configuration: 1) SIPAT: Manufacturer Name 2) LBS14201: Part Number 3) XXYY: Date(Year/month) 4) ZZ: Identified Code
0.45 0.05 2.54 0.2 7.62 0.2
3 6
Package: DIP3512
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
2 1
4 5
25.40 0.2
2.54 0.2
Unit: mm
Part Number Rev. Date Ver.
LBS14201 2008-10-07 1.0 Page 2/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
141.8MHz SAW Filter 0.55MHz Bandwidth
Part Number: LBS14201
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -11.4318 -21.4318 -31.4318
-20.9318 -19.9318
Passband Respond
Type Performance
-20.4318
-41.4318 Magnitude(dB)
Amplitude ripple(dB)
-51.4318 -61.4318 -71.4318 -81.4318
-21.4318
-21.9318
-22.4318
-22.9318
-91.4318 -101.4318 -111.4318 137 138 139 140 141 142 143 Frequency(MHz) 144 145 146
-23.4318
-23.9318
140.8
141
141.2
141.4
141.6 141.8 Frequency(MHz)
142
142.2
142.4
142.6
Horizontal: 1MHz/Div
Vertical: 10dB/Div
Horizontal: 0.2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f00.3MHz)
Type Performance 80 5000 60 4500 40 4000 20 Group Delay Time(ns) 3500
X: 141.5 Y: 3107 X: 141.8 Y: 3266 X: 142.1 Y: 3300
Phase Linearity(f00.3MHz)
Type Performance
3000
Degree(deg)
0
X: 141.5 Y: -5.084
X: 141.8 Y: 2.072
X: 142.1 Y: -4.641
-20
2500 -40 2000 -60
1500
1000
-80
500 141.2
141.4
141.6
141.8 Frequency(MHz)
142
142.2
142.4
-100 141.2
141.4
141.6
141.8 Frequency(MHz)
142
142.2
142.4
Horizontal: 0.2MHz/Div
Vertical: 500ns/Div
Horizontal: 0.2MHz/Div
Vertical: 20deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
0.0
0.0
5.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBS14201 2008-10-07 1.0 Page 3/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBS14201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X