Part Number Hot Search : 
TIC22 GZ223 PBSS4 GZ223 HM304 OMT253 H60N60 AR912
Product Description
Full Text Search
 

To Download K9656M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet K 9656 M
www..com
SAW Components IF Filter for Audio Applications Data Sheet
Standard
s s s s
K 9656 M 33,90 MHz and 38,90 MHz
Plastic package SIP5K
B/G D/K I L/L'
Features
s TV IF audio filter with two channels s Channel 1 (L') with one pass band for sound carriers
at 40,40 MHz (L') and 39,75 MHz (L'- NICAM)
s Channel 2 (B/G,D/K,L,I) with one pass band for
sound carriers between 32,35 MHz and 33,40 MHz
Terminals
s Tinned CuFe alloy
Dimensions in mm, approx. weight 1,0 g
Pin configuration 1 2 3 4 5 Input Switching input Chip carrier - ground Output Output
Type K 9656 M
Ordering code B39389-K9656-M100
Marking and package according to C61157-A1-A15
Packing according to F61074-V8067-Z000
Maximum ratings Operable temperature range Storage temperature range DC voltage AC voltage
TA Tstg VDC Vpp
- 25/+65 -40/+85 5 10
C C V V
between any terminals between any terminals
2
Mar 31, 2006
SAW Components IF Filter for Audio Applications Data Sheet
Characteristics of channel 1(switching pin 2 connected to ground) Reference temperature: Terminating source impedance: Terminating load impedance:
K 9656 M 33,90 MHz and 38,90 MHz
TA = 25 C ZS = 50 ZL = 2 k || 3 pF
min. typ. 16,3 max. 17,8 dB
Insertion attenuation Reference level for the following data Relative attenuation
40,40 MHz 14,8
rel 39,75 38,40 33,90 41,90 32,40 25,00 ... 33,90 41,90 ... 45,00 MHz MHz MHz MHz MHz MHz MHz -1,3 26,0 39,0 28,0 34,0 34,0 27,0 -- -- -- -0,3 36,0 51,0 41,0 42,0 41,0 34,0 40 0,8 || 9,5 2,9 || 4,8 -72 0,7 -- -- -- -- -- -- -- -- -- -- dB dB dB dB dB dB dB ns k || pF k || pF ppm/K
Picture carrier Adjacent picture carrier Adjacent sound carrier Lower sidelobe Upper sidelobe Group delay ripple (p-p)
Impedance at 40,40 MHz Input: ZIN = RIN || CIN Output: ZOUT = ROUT || COUT Temperature coefficient of frequency
TCf
--
3
Mar 31, 2006
SAW Components IF Filter for Audio Applications Data Sheet
Characteristics of channel 2 (switching pin 2 connected to pin 1) Reference temperature: Terminating source impedance: Terminating load impedance:
K 9656 M 33,90 MHz and 38,90 MHz
TA = 25 C ZS = 50 ZL = 2 k || 3 pF
min. typ. 15,8 max. 17,3 dB
Insertion attenuation Reference level for the following data Relative attenuation Sound carrier B/G-NICAM Sound carrier I Sound carrier D/K, L Picture carrier Color carrier Adjacent picture carrier Adjacent sound carrier
33,40 MHz 14,3
rel MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz -1,5 -1,4 0,1 35,0 23,0 38,0 -- 38,0 34,0 40,0 37,0 32,0 -- -- -- -0,5 -0,4 1,1 41,0 32,0 47,0 9,3 46,0 39,0 52,0 43,0 38,0 40 0,9 ||13,5 2,8 || 4,8 -72 0,5 0,6 2,1 -- -- -- -- -- -- -- -- -- -- -- -- -- dB dB dB dB dB dB dB dB dB dB dB dB ns k || pF k || pF ppm/K
Lower sidelobe Upper sidelobe Group delay ripple (p-p)
33,05 32,90 32,40 38,90 34,47 30,90 31,90 40,40 40,90 41,40 25,00 ... 30,90 40,40 ... 45,00
Impedance at 33,40 MHz Input: ZIN = RIN || CIN Output: ZOUT = ROUT || COUT Temperature coefficient of frequency
TCf
--
4
Mar 31, 2006
SAW Components IF Filter for Audio Applications Data Sheet
Frequency response of channel 1
K 9656 M 33,90 MHz and 38,90 MHz
5
Mar 31, 2006
SAW Components IF Filter for Audio Applications Data Sheet
Frequency response of channel 2
K 9656 M 33,90 MHz and 38,90 MHz
6
Mar 31, 2006
SAW Components IF Filter for Audio Applications Data Sheet
K 9656 M 33,90 MHz and 38,90 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW CE MM PD P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 2001. All Rights Reserved. As far as patents or other rights of third parties are concerned, liability is only assumed for components per se, not for applications, processes and circuits implemented within components or assemblies. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or the international representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our sales offices.
7
Mar 31, 2006


▲Up To Search▲   

 
Price & Availability of K9656M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X