Part Number Hot Search : 
3362H201 C1413 MP4020 MA2YD21 36003300 A5030A UPA1758 NTE1611
Product Description
Full Text Search
 

To Download JM20336 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMicron/JM20336
JM20336 Hi-Speed USB & SATA II 3.0G Combo to SATA II 3.0G Bridge
Description
The JM20336 is a bridge controller, which translates the communication protocol between SATA II 3.0G www..com and Hi-Speed USB commands. The integrated 15MIPS 8051, dual-port SATA II 3.0G and Hi-Speed USB technology enable users to perform Hi-Speed USB to SATA II 3.0G, and SATA II 3.0G to SATA II 3.0G applications in a signal chip. In this chip, the Hi-Speed USB controller supports the USB Mass Storage Class Bulk-Only Transport Specification, and support dual LUN applications. The SATA controller could be configured as host or device. The dual-port SATA II 3.0G controllers further support the SATA to SATA communication.
Features
* * * * * * * * * * * * * * * * * * * Compliance with Serial ATA International Organization: Serial ATA Revision 2.5 Support SATA 1.5G/3.0G Speed Negotiation Support SATA II Asynchronous Signal Recovery (Hot Plug) feature Support SATA II NCQ Support SATA Host/Device controller configuration Compliance with USB 2.0 electrical specification Support USB 2.0 High-Speed and Full-Speed Operation Support USB HID Interrupt Transfer Compliance with USB Mass Storage Class, Bulk-Only Transport Specification Support Dual LUN of USB Mass Storage Class Support ATA/ATAPI PACKET command feature set Support SATA 25MHz and USB 30MHz external crystal Integrated 15MIPS 8051 microprocessor with 32k-byte mask ROM Support 8 GPIO Support one-button system backup operation Support one-button disk copy Support external NVRAM for customer VID/PID, Manufacture and Product String. Embedded 3.3V to 1.8V Voltage Regulator 0.18um CMOS technology with LQFP 64/100 package
Quick Reference
Signal Bit Rate 3.0 Gbps/SATA and 480 Mbps/USB Spread Spectrum Power Supply ESD Protection Adj. Amplitude Adj. Pre-emphasis Package Applications -0.3% to 0.0 3.3V 2000 V 2 levels 4 levels 64/100 -pin LQFP USB & SATA products * Enclosure system * Storage Subsystem * Portable compact HDD
Version 1.0 (c) JMicron 2003. All rights reserved.
Page 1
Nov. 2005 Copying prohibited.
JMicron/JM20336
Functional Block Diagram
Data RAM DMA Controller Voltage Regulator
Program ROM
USB Device Controller
Hi-Speed USB PHY
USB
www..com
MCU
SATA II Controller
SATA II PHY
SATA_B
GPIO
GPIO I/F
SATA II Controller
SATA II PHY
SATA_A
Fig. 1 Functional Block Diagram of JM20336
Applications
SATA
SATA
SATA Device
PC Host
SATA SATA USB USB
PC Host
SATA
SATA Device
SATA Device
Fig. 2 Hi-Speed USB & SATA II 3.0G Combo to SATA II 3.0G Bridge
SATA
USB
USB
JM20336
GPIO
JM20336
GPIO
LED NVRAM Keypad
LED NVRAM Keypad
Product Information Name JM20336 Design Kit 1 JM20336 Data Sheet 2 JM20336 Design Guide 3 Application EVB
Description Hi-Speed USB & SATA II 3.0G Combo to SATA II 3.0G Bridge Contact Information Department Email Sales sales@jmicron.com Tech. Support fae@jmicron.com
Version 1.0 (c) JMicron 2003. All rights reserved.
Page 2
Nov. 2005 Copying prohibited.


▲Up To Search▲   

 
Price & Availability of JM20336

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X