Part Number Hot Search : 
LTC1386 C1321 2CMX1TCG PN9352 DX0907 10330 DX0907 74L00
Product Description
Full Text Search
 

To Download JM20330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
JMicron/JM20330
JM20330 Serial ATA Bridge Chip
Description
JMicron's JM20330 is a single chip solution for serial and parallel ATA translation. It includes the Serial ATA PHY, Link, Transport, and Parallel ATA (application layer) controller. The Serial ATA physical, link, and transport layers are compliant to Serial ATA 1.0. JM20330 supports a 1.5GHz data rate, and scalable to 3.0 GHz data rate by directly doubling the internal clock source. The application layer supports both the ATA register command set and PACKET command set, which could drive both Hard Disk Drive and ATAPI Optical Storage such as CR-ROM, CD-RW, DVD-ROM, DVD-RW, etc. The Serial ATA and the Parallel ATA application layer support both host and device operation and can be configured through a single pin.
Features
Quick Reference
3.0/1.5 Gbps -3.0% to 0.0 3.3V and 1.8V 2000 V Programmable 2 levels 4 levels 64-pin TQFP All SATA products Mass storage devices Optical storage Dongle bridge Storage system
Serial ATA 1.0 Specification compliant Signal Bit Rate Automatic Serial ATA 3.0/1.5 Gbps speed Spread Spectrum negotiation ATA/ATAPI PIO mode 0 to 4 Power Supply .com ATA/ATAPI Ultra DMA of transfer rate 16.7, ESD Protection 25, 33, 48, 66, 100, 133, and 150MB/s. Host and Device ATA/ATAPI LBA48 addressing mode associated with 2-byte sector count Adj. Amplitude Support Serial ATA hot-plug Adj. Pre-emphasis Ultra low power consumption Work for both AC and DC couple between Package the transmitter and the receiver Applications Provide specified OOB signal detection and transmission Support Spread Spectrum Clocking to reduce EMI Support 20MHz, 25MHz, 30MHz or 40MHz Reference Clock Support Partial/Slumber power management Provide adjustable TX signal amplitude and pre-emphasis level Master/Slave support
Version 1.0 (c) JMicron 2003. All rights reserved. May 2003 Page 1
DataShee
Copying prohibited.
.com
-{ Z "OE "s * 'J ae OE (R) "c ZO ' 2-11-22 T"^**[ Y Z"^*[ r *@ 154-8539*@ TEL: 03 (3487) 8502 / FAX: 03 (3487) 8825 / e-mail: jmicron@mcmjapan.com * /*@ SO *1/4cAE*S `a *a Zs--i ae*1/4' " 3-7-13 *V`a *a TN r EAST*@ 532-0011*@ TEL: 06(6885) 1688 / FAX: 06 (6885) 1721 / * ZX * /*@
.com DataSheet 4 U .com
www..com
JMicron/JM20330
Functional Block Diagram
FIFO Transport Layer Application Layer (ATA/ ATAPI Controller) FIFO Link Layer Physical Layer (PHY) RXP/RXN
TXP/TXN
Parallel ATA
Status and Control Register (SCR)
MODE[2:0]
Register File
GPIO I/F
GIO0 GIO1
Fig. 1 Functional Block Diagram of JM20330
Applications
t4U.com
Device Bridge
.com
Application Layer (ATA/ATAPI Controller)
Application Layer (ATA/ATAPI Controller)
Host Bridge
FIFO
FIFO
Transport Layer
Transport Layer
Physical Layer (PHY)
Link Layer
HDD/ Optical Storage
TXP/ TXN
RXP/ RXN
Link Layer
RXP/ RXN
TXP/ TXN
Physical Layer (PHY)
FIFO
MODE = 0xx
MODE =1xx GIO0 GIO1
Status and Control Register (SCR)
GIO0
GPIO I/ F
FIFO
Parallel ATA
Parallel ATA
PC IDE Port
Status and Control Register (SCR)
GIO1
GPIO I/ F
Register File
Register File
JM30330
JM30330
Fig. 2 JM20330 Host and Device bridge system diagram
Product Information
Name JM20330 Design Kit 1 JM20330 Data Sheet 2 JM20330 Design Guide 3 Application EVB Description Serial ATA Bridge Chip Contact Information Department Email Sales sales@jmicron.com.tw Tech. Support fae@jmicron.com.tw
Version 1.0
.com 2003. All rights reserved. (c) JMicron
May 2003 Page 2
Copying prohibited.
-{ Z "OE "s * "c 'J aeZO ' (R) OE 2-11-22 T"^**[ Y Z"^*[ r *@ 154-8539*@ TEL: 03 (3487) 8502 / FAX: 03 (3487) 8825 / e-mail: jmicron@mcmjapan.com * /*@ SO *1/4cAE*S `a *a Zs--i ae*1/4' " 3-7-13 *V`a *a TN r EAST*@ 532-0011*@ TEL: 06(6885) 1688 / FAX: 06 (6885) 1721 / * ZX * /*@
.com DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of JM20330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X