Part Number Hot Search : 
T25GF120 ER14B1 21FQ030 14C35 16HAFA RG205 HRW0202B FSC4NF
Product Description
Full Text Search
 

To Download IRFZ24NSPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
PD - 95147
IRFZ24NS/LPbF
l l l l l l l
Advanced Process Technology Surface Mount (IRFZ24NS) Low-profile through-hole (IRFZ24NL) 175C Operating Temperature Fast Switching Fully Avalanche Rated Lead-Free
HEXFET(R) Power MOSFET
D
VDSS = 55V RDS(on) = 0.07
G
ID = 17A
S
Description
Absolute Maximum Ratings
ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible onresistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRFZ24NL) is available for lowprofile applications.
D 2 P ak
T O -26 2
Parameter
Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
17 12 68 3.8 45 0.30 20 71 10 4.5 6.8 -55 to + 175 300 (1.6mm from case )
Units
A W W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient ( PCB Mounted,steady-state)**
Typ.
--- ---
Max.
3.3 40
Units
C/W 04/19/04
DataSheet 4 U .com
www..com
IRFZ24NS/LPbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage gfs Forward Transconductance V(BR)DSS IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LS Ciss Coss Crss Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 55 --- --- 2.0 4.5 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 0.052 --- --- --- --- --- --- --- --- --- --- 4.9 34 19 27 Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID =1mA 0.07 VGS =10V, ID = 10A 4.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 10A 25 VDS = 55V, VGS = 0V A 250 VDS = 44V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 20 ID = 10A 5.3 nC VDS = 44V 7.6 VGS = 10V, See Fig. 6 and 13 --- VDD = 28V --- ID = 10A ns --- RG = 24 --- RD = 2.6, See Fig. 10 Between lead, nH 7.5 --- and center of die contact 370 --- VGS = 0V 140 --- pF VDS = 25V 65 --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
V SD t rr Q rr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 17 showing the A G integral reverse --- --- 68 p-n junction diode. S --- --- 1.3 V TJ = 25C, IS = 10A, VGS = 0V --- 56 83 ns TJ = 25C, IF = 10A --- 120 180 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 ) Starting TJ = 25C, L =1.0mH RG = 25, IAS = 10A. (See Figure 12)
Pulse width 280s; duty cycle 2%. Uses IRFZ24N data and test conditions
ISD 10A, di/dt 280A/s, VDD V(BR)DSS,
TJ 175C ** When mounted on 1" square PCB (FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994.
DataSheet 4 U .com
www..com
IRFZ24NS/LPbF
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
I , D rain-to-Source Current (A ) D
I , D rain-to-S ource C urrent (A ) D
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
10
10
4 .5V
4.5V 20 s P U LS E W ID TH TC = 25C T J = 2 5C
0.1 1 10 100
1
A
1 0.1 1
2 0 s P U L S E W ID T H TJ = 17 5C T C = 175C
10 100
A
V D S , D rain-to-S ourc e V oltage (V )
V DS , D rain-to-S ource V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
3.0
R D S (on ) , D rain -to-S ou rc e O n R es is tan c e (N orm a liz ed)
I D = 17 A
I D , D rain-to-So urce C urren t (A )
2.5
TJ = 2 5 C T J = 1 7 5 C
2.0
10
1.5
1.0
0.5
1 4 5 6 7
V DS = 2 5V 2 0 s P U L S E W ID TH
8 9 10
A
0.0 -60 -40 -20 0 20 40 60 80
V G S = 1 0V
100 120 140 160 180
A
V G S , G ate-to -So urce Voltag e (V)
T J , J unc tion T em perature (C )
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
DataSheet 4 U .com
www..com
IRFZ24NS/LPbF
700
600
C , Capacitance (pF)
500
C iss
400
C oss
300
V G S , G ate-to-S ource V oltage (V )
V GS C is s C rs s C o ss
= = = =
0V , f = 1M H z C g s + C g d , Cd s S H O R T E D C gd C d s + C gd
20
I D = 10 A V D S = 44 V V D S = 28 V
16
12
8
200
C rss
4
100
0 1 10 100
A
0 0 4 8
FO R TE S T C IRC UIT S E E FIG U R E 1 3
12 16 20
A
V D S , D rain-to-S ourc e V oltage (V )
Q G , T otal G ate C harge (nC )
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
I S D , R everse Drain C urrent (A )
O P E R A T IO N IN T H IS A R E A L IM ITE D B Y R D S (o n)
T J = 1 75 C TJ = 25 C
10
I D , D rain Current (A )
100 10 s
10
100 s
1 0.4 0.6 0.8 1.0 1.2 1.4 1.6
V G S = 0V
1.8
A
1 1
T C = 25 C T J = 17 5C S ing le P u lse
10
1m s 10m s 100
A
2.0
V S D , S ourc e-to-D rain V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
DataSheet 4 U .com
www..com
IRFZ24NS/LPbF
V DS
20
RD
VGS RG
D.U.T.
+
16
-V DD
I D , Drain Current (A)
10V
12
Pulse Width 1 s Duty Factor 0.1 %
8
Fig 10a. Switching Time Test Circuit
VDS 90%
4
0
25
50
75
100
125
150
175
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
10
Fig 10b. Switching Time Waveforms
Thermal Response (Z thJC )
D = 0.50 1 0.20 0.10 0.05 0.1 0.02 0.01
SINGLE PULSE (THERMAL RESPONSE)
0.01 0.00001
0.0001
0.001
0.01
Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.1
PDM t1 t2
1
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
DataSheet 4 U .com
www..com
IRFZ24NS/LPbF
140
E A S , S ingle Pulse Avalanc he E nergy (m J)
VDS
L D.U.T.
TOP
120
B O T TO M
ID 4.2 A 7.2A 1 0A
RG
+ -
100
VDD
80
10 V
IAS tp
0.01
60
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp VDD VDS
40
20
0
V D D = 25 V
25 50 75 100 125 150
175
A
S tarting T J , J unc tion T em perature (C )
IAS
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
Current Regulator Same Type as D.U.T.
Fig 12b. Unclamped Inductive Waveforms
50K
QG
12V
.2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
DataSheet 4 U .com
www..com
IRFZ24NS/LPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ V DD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
DataSheet 4 U .com
www..com
IRFZ24NS/LPbF
D2Pak Package Outline
D2Pak Part Marking Information (Lead-Free)
T H IS IS AN IR F 530S WIT H L OT CODE 8024 AS S E MB L E D ON WW 0 2, 2000 IN T H E AS S E MB L Y L INE "L " N ote: "P " in as s embly line pos ition indicates "L ead-F ree" IN T E R N AT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE P AR T N U MB E R F 53 0S DAT E CODE YE AR 0 = 2000 WE E K 02 L INE L
OR
INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE P AR T NU MB E R F 530S DAT E CODE P = DE S IGNAT E S L E AD-F R E E P R ODU CT (OP T IONAL ) YE AR 0 = 2000 WE E K 02 A = AS S E MB L Y S IT E CODE
DataSheet 4 U .com
www..com
IRFZ24NS/LPbF
TO-262 Package Outline
TO-262 Part Marking Information
E X AM P L E : T H IS IS AN IR L 3103 L L OT COD E 178 9 AS S E MB L E D ON W W 19 , 199 7 IN T H E AS S E MB L Y L IN E "C" N ote: "P " in as s embly line pos ition indicates "L ead-F ree" IN T E R N AT ION AL R E CT IF IE R L OGO AS S E MB L Y L OT COD E P AR T N U MB E R
D AT E COD E YE AR 7 = 19 97 WE E K 19 L IN E C
OR
IN T E R N AT ION AL R E CT IF IE R L OGO AS S E MB L Y L OT COD E P AR T N U MB E R D AT E COD E P = D E S IGN AT E S L E AD -F R E E P R OD U CT (OP T ION AL ) YE AR 7 = 19 97 WE E K 19 A = AS S E MB L Y S IT E COD E
DataSheet 4 U .com
www..com
IRFZ24NS/LPbF
D2Pak Tape & Reel Information
TR R
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 4 .1 0 (.1 6 1 ) 3 .9 0 (.1 5 3 )
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 )
0 .3 6 8 (.0 1 4 5 ) 0 .3 4 2 (.0 1 3 5 )
F E E D D IRE CTIO N 1 .8 5 (.0 7 3 )
1 .6 5 (.0 6 5 )
1 1.6 0 (.4 57 ) 1 1.4 0 (.4 49 )
1 5.4 2 (.6 0 9 ) 1 5.2 2 (.6 0 1 )
2 4 .3 0 (.9 5 7 ) 2 3 .9 0 (.9 4 1 )
TR L
1 0.9 0 (.4 2 9 ) 1 0.7 0 (.4 2 1 ) 1 .7 5 (.0 6 9 ) 1 .2 5 (.0 4 9 ) 1 6 .1 0 ( .6 3 4 ) 1 5 .9 0 ( .6 2 6 ) 4 .7 2 (.1 3 6) 4 .5 2 (.1 7 8)
F E E D D IRE CTIO N
13 .5 0 (.53 2) 12 .8 0 (.50 4)
27 .40 (1.0 79) 23 .90 (.94 1)
4
3 30 .0 0 (14.1 73) MAX.
60.00 (2.3 62) M IN .
NO TES : 1. C O M F O R M S T O E IA-4 18. 2. C O N TR O LL IN G D IM E N S IO N : M IL LIM E T E R . 3. D IM E N S IO N M E A SU R E D @ H U B . 4. IN C LU D E S F L AN G E D IS T O R T IO N @ O U TE R E D G E.
26 .40 (1 .03 9) 24 .40 (.9 61 ) 3
30 .40 (1.19 7) MAX. 4
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 04/04
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of IRFZ24NSPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X