Part Number Hot Search : 
V640MU LA7629 LA1137 DS1213B ARG07 M3016 CDSUA11 82N06
Product Description
Full Text Search
 

To Download IRFP054V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94110
IRFP054V
HEXFET(R) Power MOSFET
Advanced Process Technology l Ultra Low On-Resistance l Dynamic dv/dt Rating l 175C Operating Temperature l Fast Switching l Fully Avalanche Rated l Optimized for SMPS Applications Description
l
D
VDSS = 60V RDS(on) = 9.0m
G S
ID = 93A
Advanced HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.
TO-247AC
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 srew
Max.
93 66 360 180 1.2 20 90 18 4.7 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V A mJ V/ns C
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Typ.
--- 0.24 ---
Max.
0.85 --- 40
Units
C/W
www.irf.com
1
3/30/01
IRFP054V
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss EAS
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Single Pulse Avalanche Energy
Min. 60 --- --- 2.0 61 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 9.0 m VGS = 10V, ID = 54A 4.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 54A 25 VDS = 60V, VGS = 0V A 250 VDS = 48V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 170 ID = 64A 39 nC VDS = 48V 59 VGS = 10V, See Fig. 6 and 13 --- VDD = 30V --- ID = 64A ns --- RG = 6.2 --- VGS = 10V, See Fig. 10 Between lead, 4.5 --- 6mm (0.25in.) nH G from package 7.5 --- and center of die contact 4080 --- VGS = 0V 840 --- VDS = 25V 180 --- pF = 1.0MHz, See Fig. 5 1080220 mJ IAS = 90A, L = 54H
Typ. --- 0.066 --- --- --- --- --- --- --- --- --- --- 22 160 77 110
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 93 showing the A G integral reverse --- --- 360 S p-n junction diode. --- --- 1.2 V TJ = 25C, IS = 90A, VGS = 0V --- 78 120 ns TJ = 25C, IF = 64A --- 250 380 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
Pulse width 400s; duty cycle 2%. This is a typical value at device destruction and represents
operation outside rated limits.
RG = 25, IAS = 90A, VGS=10V (See Figure 12) This is a calculated value limited to TJ = 175C . This is tested with same test conditions as the existing data sheet ISD 90A, di/dt 250A/s, VDD V(BR)DSS, Calculated continuous current based on maximum allowable T 175C
J
Starting TJ = 25C, L = 54H
junction temperature. Package limitation current is 90A.
2
www.irf.com
IRFP054V
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I D , Drain-to-Source Current (A)
100
10
4.5V
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
4.5V
20s PULSE WIDTH TJ = 175 C
1 10 100
1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
10 0.1
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.5
ID = 70A
RDS(on) , Drain-to-Source On Resistance (Normalized)
I D , Drain-to-Source Current (A)
2.0
TJ = 175 C
100
1.5
TJ = 25 C
10
1.0
0.5
1 4.0
V DS = 25V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0 10.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFP054V
7000
6000
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = 64A VDS = 48V VDS = 30V VDS = 12V
16
C, Capacitance (pF)
5000
4000 3000
Ciss
12
8
2000
Coss
1000
4
Crss
0 1 10 100 0 0 40 80
FOR TEST CIRCUIT SEE FIGURE 13
120 160 200
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000 OPERATION IN THIS AREA LIMITED BY R DS (on)
ISD , Reverse Drain Current (A)
100
TJ = 175 C
10
ID , Drain-to-Source Current (A)
100 100sec
TJ = 25 C
1
10
1msec
0.1 0.0
V GS = 0 V
0.5 1.0 1.5 2.0
1 1
Tc = 25C Tj = 175C Single Pulse 10
10msec
VSD ,Source-to-Drain Voltage (V)
100
1000
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFP054V
100
LIMITED BY PACKAGE
80
VDS VGS RG
RD
D.U.T.
+
I D , Drain Current (A)
-VDD
60
VGS
Pulse Width 1 s Duty Factor 0.1 %
40
Fig 10a. Switching Time Test Circuit
20
VDS 90%
0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50
0.20 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) P DM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFP054V
500
EAS , Single Pulse Avalanche Energy (mJ)
1 5V
TOP
400
VD S
L
D R IV E R
BOTTOM
ID 37A 64A 90A
RG
VGS 20V
D .U .T IA S tp 0 .0 1
+ - VD D
300
A
200
Fig 12a. Unclamped Inductive Test Circuit
V (B R )D SS tp
100
0 25 50 75 100 125 150 175
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
VGS
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
IG
ID
Charge
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFP054V
Peak Diode Recovery dv/dt Test Circuit
+
D.U.T* Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+
-
+
RG VGS * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14. For N-channel HEXFET(R) power MOSFETs
www.irf.com
7
IRFP054V
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
15.90 (.626) 15.30 (.602) -B3.65 (.143) 3.55 (.140) 0.25 (.010) M -A5.50 (.217) 20.30 (.800) 19.70 (.775) 1 2 3 -C14.80 (.583) 14.20 (.559) 4.30 (.170) 3.70 (.145)
L E A D A S S IG N M E N T S 1 2 3 4 G A TE D R A IN S O UR C E D R A IN
-DDBM 5.30 (.209) 4.70 (.185) 2.50 (.089) 1.50 (.059) 4
2X
5.50 (.217) 4.50 (.177)
N OTE S : 1 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O JE D E C O U T L IN E T O -24 7 -A C .
2.40 (.094) 2.00 (.079) 2X 5.45 (.215) 2X
1.40 (.056) 3X 1.00 (.039) 0.25 (.010) M 3.40 (.133) 3.00 (.118) C AS
0.80 (.031) 3X 0.40 (.016) 2.60 (.102) 2.20 (.087)
TO-247AC Part Marking Information
E XA MP LE : THIS IS AN IR F PE 30 W ITH A SS EM BL Y LO T CO DE 3 A1Q
A
INTE RNA TIO N AL RE CTIF IE R LO G O A S SE M BLY LO T CO D E
P AR T NU MB ER IR FP E 30 3A 1Q 9302 D ATE CO D E (YYW W ) YY = YEA R W W W E EK
Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101] market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 3/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFP054V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X