Part Number Hot Search : 
EPC1111H J13007 39LF020 2N7012 00226 4C15F A6040 SST25W
Product Description
Full Text Search
 

To Download GL35-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GL1500, 2500, 3500 SERIES
IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes
GL FEATURES l l l Plastic Case With Heatsink For
Heat Dissipation Surge Overload Ratings to 400
Amperes The plastic package has Underwriters Laboratory Flammability Classification 94V-O
MECHANICAL DATA Case: Molded plastic with heatsink integrally mounted in the bridge Encapsulation Weight: 1 ounce, 30 grams Mounting position: Any Terminals: Wire Lead 50 mils
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Inductive or resistive Load at 60Hz. For capacitive load derate current by 20%. All Ratings are for TC=25 unless otherwise specified. Max Recurrent Peak Reverse Voltage Max RMS Input Voltage Max DC Blocking Voltage DC Output Voltage, Resistive Load DC Output Voltage, Capacitive Load Max Average Forward Current GL15 for Resistive Load GL25 at TC=55 GL35 Non-repetitive GL15 Peak Forward Surge Current at GL25 Rated Load GL35 Max Forward Voltage GL15 IF 7.5A per Bridge Element at GL25 12.5A Specified Current GL35 17.5A Max Reverse Leakage Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 I2t Rating for fusing ( t < 8.3ms ) Typical Thermal Resistance (Fig. 3) R JC Operating Temperature Range TJ Storage Temperature Range TA -00 50 35 50 30 50 -01 100 70 100 62 100 -02 200 140 200 124 200 15 25 35 300 300 400 1.2 10 1000 374 / 664 2.0 -55 to +150 -04 400 280 400 250 400 -06 600 420 600 380 600 -08 800 560 800 505 800 UNITS V V V V V A A A A A A V A A2s /W
RATING AND CHARACTERISTIC CURVES GL1500 THRU GL3500
Fig. 1-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS AT TJ=25
Fig. 2-OUTPUT CURRENT VS. CASE TEMPERATURE RESISTIVE OR INDUCTIVE LOAD TJ=175
Fig. 3-OUTPUT CURRENT VS. AMBIENT TEMPERATURE RESISTIVE OR INDUCTIVE LOAD BRIDGE MOUNTED ON A8"x8" ALUMINUM PLATE 25" THICK
Fig. 4-POWER DISSIPATION VS. AVERAGE OUTPUT CURRENT RESISTIVE OR INDUCTIVE LOAD, TJ=175


▲Up To Search▲   

 
Price & Availability of GL35-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X