Part Number Hot Search : 
6328UR41 UPF1060 3323U254 MAX66 C100L MUR140 MRF90 CY7C148
Product Description
Full Text Search
 

To Download FR601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR601 thru FR607
FAST RECOVERY RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 6.0 Amperes R-6
FEATURES
Fast switching for high efficiency Low cost Diffused junction Low reverse leakage current Low forward voltage drop www..com High current capability The plastic material carries UL recognition 94V-0
1.0(25.4) MIN
.052(1.3) DIA .048(1.2)
.360(9.1) .340(8.6)
2100
.360(9.1) DIA .340(8.6)
MECHANICAL DATA
Case: JEDEC R-6 molded plastic Polarity: Color band denotes cathode Weight: 0.07 ounces , 2.1 grams Mounting position: Any
1.0(25.4) MIN
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 6.0A DC(Note1) Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA=75
SYMBOL VRRM VRMS VDC I(AV)
FR601 50 35 50
FR602 100 70 100
FR603 200 140 200
FR604 400 280 400 6.0
FR605 600 420 600
FR606 800 560 800
FR607 1000 700 1000
UNIT V V V A
IFSM VF IR TRR CJ RJA TJ TSTG 150 140
300 1.3 5.0 100 250 70 32 -50 to +125 -50 to +150 500
A V uA
Maximum Reverse Recovery Time(Note 1) Tyical Junction Capacitance (Note2) Tyical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A
pF /W
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction of ambient.
~ 57 ~
RATING AND CHARACTERTIC CURVES FR601 thru FR607
FIG. 1 - FORWARD CURRENT DERATING CURVE 6.0 5.0 PEAK FORWARD SURGE CURRENT, AMPERES
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 400
AVERAGE FORWARD CURRENT AMPERES
300
4.0 www..com 3.0 2.0 1.0 0 20 40 60 80 100 120 140
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
200
100
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 1 2 5 10 20 50 100
AMBIENT TEMPERATURE
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 1000 INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL FORWARD CHARACTERISTICS
1000
100
CAPACITANCE, (pF)
100
FR601 - FR604
10
TJ = 25C
1.0
FR605 - FR607
TJ = 25C f = 1 MHz
PULSE WIDTH 300us
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
10 1 4 10 100
REVERSE VOLTAGE ,VOLTS
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
~ 58 ~


▲Up To Search▲   

 
Price & Availability of FR601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X