Part Number Hot Search : 
FR155G DS513 11R27CQ MB10A A213EHI R1004 NTE713 MP324
Product Description
Full Text Search
 

To Download FR601-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
FR601-G thru FR607-G (RoHS Device)
Voltage Range 50 to 1000 V Current 6.0 Ampere Features Fast switching for high efficiency Low forward voltage drop High current capability Low reverse leakage current High surge current capability Mechanical Data Case: Molded plastic P600 Epoxy: UL 94V-0 rate flame retardant Terminals: Solderable per MIL-STD-202 method 208 Polarity:Color band denotes cathode Mounting position: Any Weight: 2.1 grams P600
.052(1.3) .048(1.2) 1.0(25.4) MIN.
Fast Recovery Rectifier
DIA.
.360(9.1) .340(8.6) .360(9.1) .340(8.6) 1.0(25.4) MIN.
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SYMBOL FR601 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TL=55 C Peak Forward Surge Current, 8.3ms single Half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 6.0 A Maximum DC Reverse Current @TJ=25 C At Rated DC Blocking Voltage @TJ=100 C Maximum Reverse Recovery Time (Note 1) Typical junction Capacitance (Note 2) Maximum Thermal Resistance (Note 3) Operating Junction and Storage Temperature Range
o o o
FR602 100 70 100
FR603 200 140 200
FR604 400 280 400 6.0
FR605 600 420 600
FR606 800 560 800
FR607 UNIT 1000 700 1000 V V V A
VRRM VRMS VDC IF(AV)
50 35 50
IFSM
300
A
VF
1.3 5.0 500 150 100 55 -55 to + 125
o
V uA uA 250 500 nS pF CW
o
IR Trr CJ R JA TJ, TSTG
C
NOTES : (1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A. (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC. (3) Thermal Resistance junction to lead.
COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921
FR601-G thru FR607-G (RoHS Device)
RATINGS AND CHARACTERISTIC CURVES FR601-G THRU FR607-G
FIG.1 - FORWARD CURRENT DERATING CURVE
6.0
Fast Recovery Rectifier
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
300
5.0
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
Pulse Width 8.3ms Single Half-Sire-Wave (JEDEC Method)
250
4.0
200
3.0
150
2.0
100
1.0 60 Hz Resistive or Inductive load 0 0 50 100
o
50
0 150 1 10 100
LEAD TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, AMPERES
10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ=125 C
o
100
1.0
10
0.1
1
TJ=25 C
o
0.01 0.2 0.4 0.6 0.8
TJ=25 C PULSE WIDTH=300uS 1% DUTY CYCLE 1.0 1.2 1.4 1.6
o
0.1 0 20 40 60 80 100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
JUNCTION CAPACITANCE, pF
TJ = 25 C f = 1.0 MHZ Vsig = 50mVp-p
o
100
10 0.1 1.0 4.0 10 100
REVERSE VOLTAGE, VOLTS
COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921


▲Up To Search▲   

 
Price & Availability of FR601-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X