|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
EX161001 16 characters x 1 line Item Standard Value 80.0(W) X 36.0(H) X 10.0 (T) 65.0(W) X 14.0(H) 0.55(W) X 0.75(H) 0.63(W) X 0.83(H) Unit mm mm mm mm Mechanical Data Module Dimensions Viewing Area Dot Size Dot Pitch External Dimensions www..com Pin Assignment No. 1 2 3 4 5 6 7 8 Symbol VSS VDD VEE RS R/W E DB0 DB1 Function GND, 0V +5V For LCD Drive Function Select Read/Write Enable Signal Data Bus Line Data Bus Line No. 9 10 11 12 13 14 15 16 Symbol DB2 DB3 DB4 DB5 DB6 DB7 LED A LED K Function Data Bus Line Data Bus Line Data Bus Line Data Bus Line Data Bus Line Data Bus Line LED Supply LED Supply Block Diagram CO M 8 +5V VDD DB 0 DB 7 VDD VEE VR E R/W RS V EE V DD V SS CONTROL LSI CO M 8 LCD P anel S E G 40 SE G 40 VSS LE D A LE D K LE D UNIT |
Price & Availability of EX161001 |