Part Number Hot Search : 
ER106 AQZ102D TGT20 2SB64 TZ630N EF9365 EF9365 TPC6108
Product Description
Full Text Search
 

To Download E304-5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A
B
2 7 MI N
1.5 2.54
.5 1 MAX
CATHODE
8.6 1
5
5.9
T-1 and T-13/4, Infrared LEDs: 880nm, 940nm
Line Part No. No. Size T-1 T-1 T-13/4 T-13/4 Lens Clear Trans.Blue Clear Trans.Blue Radiant Power at 20mA Minimum Typical 2.0mW/sr 2.0mW/sr 8.0mW/sr 5.0mW/sr 10.0mW/sr 4.0mW/sr 20.0mW/sr 20.0mW/sr Vewing Angle 21/2 30 30 30 30 Forward Voltage Peak at 20mA Wave Length Typical Maximum at 20mA 1.2V 1.4V 1.2V 1.4V 1.5V 1.7V 1.5V 1.7V 940nm 880nm 940nm 880nm Drawing A A B B
INFRARED INFRARED INFRARED INFRARED
1 2 3 4
E21 E22 E23 E24
C
2 7 MI N
1.5 2.54
.5 1 MAX
CATHODE
8.6 1
5
5.9
T-13/4 LEDs with Resistor - 5V
Line No. Part No. E304-5V E148-5V E149-5V E151-5V E150-5V Lens Diffused Diffused Diffused Clear Diffused Voltage Range Minimum Maximum 4.0VDC 4.0VDC 4.0VDC 4.0VDC 4.0VDC 6.0VDC 6.0VDC 6.0VDC 6.0VDC 6.0VDC Luminous Intensity Viewing Current Range Peak at 5VDC Angle at 5VDC Wave Length Minimum Maximum 21/2 Minimum Maxiumum at 5VDC Drawing 100mcd 5mcd 5mcd 20mcd 5mcd 300mcd 30mcd 20mcd 150mcd 20mcd 60 60 60 30 60 8mA 8mA 8mA 8mA 8mA 15.5mA 15.5mA 15.5mA 15.5mA 15.5mA 660nm 625nm 590nm 565nm 565nm C C C C C
* RED * RED * YELLOW * GREEN * GREEN
5 6 7 8 9
D
2 7 MI N
1.5 2.54
.5 1 MAX
CATHODE
8.6 1
5
5.9
T-13/4 LEDs with Resistor - 12V
Line No. Part No. E304-12V E149-12V E151-12V Lens Diffused Diffused Diffused Voltage Range Minimum Maximum 9.5VDC 9.5VDC 9.5VDC 13.0VDC 13.0VDC 13.0VDC Luminous Intensity Viewing Current Range Peak at 12VDC Angle at 12VDC Wave Length Minimum Maximum 21/2 Minimum Maximum at 12VDC Drawing 100mcd 5mcd 12mcd 300mcd 15mcd 20mcd 60 60 60 8mA 8mA 8mA 15.5mA 15.5mA 15.5mA 660nm 590nm 565nm D D D
* RED * YELLOW * GREEN
68
10 11 12
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169
A
B
Surface Mount Infrared LEDs: 880nm, 940nm
Line No. Part No. E25A E26A Lens Clear Translucent Blue Radiant Power at 20mA Minimum Maximum 1.25mW/sr 1mW/sr 5.0mW/sr 5.0mW/sr Vewing Angle 21/2 120 120 Forward Voltage Peak at 20mA Wave Length Typical Maximum at 20mA 1.2V 1.4V 1.5V 1.7V 940nm 880nm Drawing A B
INFRARED INFRARED
1 2
Tape & Reel packaging is standard, 1,500 LEDs per reel. Recommended soldering pad, see page 84, number 4.
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169
B
C
Phototransistors
Light Current IL VCE =5V H=1mW/cm 2 Minimum Maximum 1.0mA 1.0mA 2.0mA 2.0mA Dark Curremt ID VCE=10 H=0 Maximum 100nA 100nA Collector to Emitter Breakdown Voltage BRCEO IC=100A H=0 Minimum 30.0V 30.0V Emitter to Collector Breakdown Voltage BRECO IC=100A H=0 Minimum 5.0V 5.0V Collector to Emitter Saturation Voltage VCE (sat) IC=0.1mA H=2.5mW/cm2 Maximum Drawing 0.8V 0.8V B C
Line No. 3 4
Part No. D40 D41
Size T-1 T-13/4
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169


▲Up To Search▲   

 
Price & Availability of E304-5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X