Part Number Hot Search : 
ISL97632 MP564 2N6250 N03LA V614ME06 354509 ST2SD965 R534P
Product Description
Full Text Search
 

To Download DU2810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XF r an AMP company
=
RF MOSFET 2 - 175 MHz
Features
l l l l l
Power
Transistor,
lOW, 28V
DU2810S
N-Channel Enhancement Mode Device DMOS Structure Lower Capacitances for Broadband Operation Common Source Configuration Low Noise Floor
Absolute Maximum Ratinas at 25C
( Parameter 1 Drain-SourceVoltage Gate-Source Drain-Source Voltage Current 1 Symbol ) V, V OS `0s PO 1 T, T ST0 eJC ) 1 1 Rating 65 20 2.8 35' 200 -65to+150 2 1 1 Units I v
V
1 I
A W "C "C "Cl-W 1
Power Dissipation ( JunctionTemperature StorageTemperature Thermal Resistance
Typical Device \mpedance
Frequency (MHz) 30
50
*,, (OHMS)
27.0 -j 11.0
24.0 - j 15.0
*,onD (OHMS)
23.0 - j 3.0 19.0 - j 5.0
6.0 j 9.0 -j 5.0 14.0 ,I
100
18.0 -j 18.0 200
v&3 Z,, is the series equivalent 2 LOAD is the series equivalent input impedance load impedance
12.0 - j 19.0 V, 1,,=100 mA, Po,,=lO.O Watts
of the device from gate to source. as measured from drain to ground.
RF Test Fixture
+"r;s
+"m
INPUT
c2 Cl c3
c4 c5
C6 Rl L2 Ll L3 Ql 9-28
20 pF, UNELCU 500 pF, UNELCCI 1000 pF, UNELCO 5 uF ELECTROLYTIC 12K OHM 4 TURNS 2 TURNS 5 TURNS DU2810S M/A-COM, Inc.
Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451 # Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
OF Nil, 16 AWG ON JO' ID OF Nil. 16 AWG ON .35' ID OF NO. 16 AWG UN 035' ID
Specifications Subject to Change Without Notice.
North America:
Tel. (800) 366-2266 Fax (800) 618-8883
l
Asia/Pacific:


▲Up To Search▲   

 
Price & Availability of DU2810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X