Part Number Hot Search : 
3RUS4150 3EZ39 ZFAMG10A C74VHC1 AOD456L IRHQ8110 C74VHC1 CHEMF4PT
Product Description
Full Text Search
 

To Download DI100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DI100/150 THRU DI1010/1510
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes
FEATURES l l l l l Plastic material used carries Underwriters
DIP
Laboratory recognition 94V-O Low leakage Surge overload rating-- 30~50 amperes peak Ideal for printed circuit board Exceeds environmental standards of MIL-S-19500/228
MECHANICAL DATA Case: Reliable low cost construction utilizing molded plastic technique results in inexpensive product Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: Polarity symbols molded or marking on body Mounting Position: Any Weight: 0.02 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, Resistive or inductive load. For capacitive load, derate current by 20%. DI100 DI101 DI150 DI151 50 100 35 70 50 100 DI102 DI104 DI152 DI154 200 400 140 280 200 400 1.0 1.5 30.0 50.0 10.0 1.1 DI106 DI156 600 420 600 DI108 DI1010 UNITS DI158 DI1510 V 800 1000 V 560 700 V 800 1000
A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge input Voltage Maximum DC Blocking Voltage Maximum Average Forward Current DI100 TA=40 DI150 Peak Forward Surge Current, 8.3ms single DI100 half sine-wave superimposed on rated load DI150 I2t Rating for fusing ( t < 8.35 ms) Maximum Forward Voltage Drop per Bridge Element at 1.0A
Maximum Reverse Current at Rated TJ= 25 DC Blocking Voltage per element TJ=125 Typical Junction capacitance per leg (Note 1) CJ Typical Thermal resistance per leg (Note 2) R JA Typical Thermal resistance per leg (Note 2) R JL Operating Temperature Range TJ Storage Temperature Range TA
A2t V
A mA
PF
5.0 0.5 25.0 40.0 15.0 -55 to +125 -55 to +150
/W
NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts 2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5x0.5"(13x13mm) copper pads RATING AND CHARACTERISTIC CURVES DI100/150 THRU DI1010/1510
Fig. 1-MAXIMUM NON-REPETITIVE SURGE CURRENT Fig. 2-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
Fig. 3-TYPICAL FORWARD CHARACTERISTICS
Fig. 4-TYPICAL REVERSE CHARACTERISTICS


▲Up To Search▲   

 
Price & Availability of DI100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X