Part Number Hot Search : 
TDA8562Q SY87701L 1458504 40014 LR2004A BLV958 MBRF10 PSMN8
Product Description
Full Text Search
 

To Download CZTA2810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CZTA28 SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CZTA28 type is a NPN Silicon Darlington Transistor manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for applications requiring extremely high gain. MARKING: FULL PART NUMBER
SOT-223 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
SYMBOL VCES VCBO VEBO IC PD TJ, Tstg JA 80 80 12 500 2.0 -65 to +150 62.5
UNITS V V V mA W C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN ICBO ICES IEBO BVCBO BVCES BVEBO VCE(SAT) VCE(SAT) VBE(ON) hFE hFE fT Cob VCB=60V VCE=60V VEB=10V IC=100A IC=100A IE=10A IC=10mA, IB=10A IC=100mA, IB=100A VCE=5.0V, IC=100mA VCE=5.0V, IC=10mA VCE=5.0V, IC=100mA VCE=5.0V, IC=10mA, f=100MHz VCB=10V, IE=0, f=100kHz 10,000 10,000 125 80 80 12
MAX 100 500 100
UNITS nA nA nA V V V
1.2 1.5 2.0
V V V
MHz 8.0 pF
R3 (1-March 2010)
CZTA28 SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
SOT-223 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) Base 2) Collector 3) Emitter 4) Collector MARKING: FULL PART NUMBER
R3 (1-March 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CZTA2810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X