Part Number Hot Search : 
L8XPREL TDA7266 F1628 13036 254273 MH1383P LZ951600 SI7401DN
Product Description
Full Text Search
 

To Download 50N02409PU54A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com www..com
SUD50N024-06P
New Product
Vishay Siliconix
N-Channel 22-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
VDS (V)
24C
FEATURES
ID (A)d
80 64
rDS(on) (W)
0.006 @ VGS = 10 V 0.0095 @ VGS = 4.5 V
D TrenchFETr Power MOSFET D 175_C Junction Temperature D PWM Optimized for High Efficiency
APPLICATIONS
D Synchronous Buck DC/DC Conversion - Desktop - Server
D
TO-252
G Drain Connected to Tab G D S
Top View Order Number: SUD50N024-06P S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Pulse Voltage Drain-Source Voltage Gate-Source Voltage Continuous Drain Currenta Pulsed Drain Current Continuous Source Current (Diode Conduction)a Avalanche Current, Single Pulse Avalanche Energy, Single Pulse TA = 25_C Maximum Power Dissipation Operating Junction and Storage Temperature Range TC = 25_C PD TJ, Tstg L = 0.1 mH TC = 25_C TC= 100_C ID IDM IS IAS EAS
Symbol
VDS(pulse) VDS VGS
Limit
24C 22 "20 80d 56d 100 26 45 101 6.8a 65 - 55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction to Ambienta Junction-to-Ambient Maximum Junction-to-Case t v 10 sec Steady State RthJA RthJC
Symbol
Typical
18 40 1.9
Maximum
22 50 2.3
Unit
_C/W C/W
Notes a. Surface Mounted on FR4 Board, t v 10 sec. b. Limited by package c. Pulse condition: TA = 105_C, 50 ns, 300 kHz operation d. Calculation based on maximum allowable Junction Temperature. Package limitation current is 50 A. Document Number: 72289 S-31398--Rev. A, 30-Jun-03 www.vishay.com
1
www..com www..com
SUD50N024-06P
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currentb Drain Source On State Drain-Source On-State Resistanceb Forward Transconductanceb V(BR)DSS VGS(th) IGSS IDSS ID(on) rDS(on) gfs VGS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 16 V, VGS = 0 V VDS = 16 V, VGS = 0 V, TJ = 125_C VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 20 A VGS = 10 V, ID = 20 A, TJ = 125_C VGS = 4.5 V, ID = 20 A VDS = 15 V, ID = 20 A 15 0.0073 50 0.0046 0.006 0.0084 0.0095 S W 22 0.8 3.0 "100 1 50 V nA mA A
Symbol
Test Condition
Min
Typa
Max
Unit
Dynamica
Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec Ciss Coss Crss RG Qg Qgs Qgd td(on) tr td(off) tf VDD = 10 V, RL = 0.2 W ID ^ 50 A, VGEN = 10 V, RG = 2.5 W VDS = 10 V, VGS = 4.5 V, ID = 50 A VGS = 0 V, VDS = 10 V, f = 1 MHz 2550 900 415 1.5 19 7.5 6.0 11 10 24 9 20 15 35 15 ns 30 nC W p pF
Source-Drain Diode Ratings and Characteristic (TC = 25_C)
Pulsed Current Diode Forward Voltageb Source-Drain Reverse Recovery Time ISM VSD trr IF = 50 A, VGS = 0 V IF = 50 A, di/dt = 100 A/ms 1.2 35 100 1.5 70 A V ns
Notes a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width v 300 ms, duty cycle v 2%. c. Independent of operating temperature.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
160 140 VGS = 10 thru 5 V 120 I D - Drain Current (A) 4V 100 80 60 40 20 2V 0 0 2 4 6 8 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3V I D - Drain Current (A) 60 80 100
Transfer Characteristics
40 TC = 125_C 20 25_C - 55_C 3.0 3.5 4.0 4.5
VDS - Drain-to-Source Voltage (V) www.vishay.com
VGS - Gate-to-Source Voltage (V) Document Number: 72289 S-31398--Rev. A, 30-Jun-03
2
www..com www..com
SUD50N024-06P
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Transconductance
100 TC = - 55_C g fs - Transconductance (S) 80 r DS(on)- On-Resistance ( W ) 25_C 125_C 0.008 VGS = 4.5 V 0.006 0.010
Vishay Siliconix
On-Resistance vs. Drain Current
60
VGS = 6.3 V
40
0.004 VGS = 10 V 0.002
20
0 0 10 20 30 40 50
0.000 0 20 40 60 80 100
ID - Drain Current (A)
ID - Drain Current (A)
Capacitance
3500 3000 Ciss C - Capacitance (pF) 2500 2000 1500 Coss 1000 Crss 500 0 0 4 8 12 16 20 10
Gate Charge
V GS - Gate-to-Source Voltage (V)
8
VDS = 10 V ID = 50 A
6
4
2
0 0 8 16 24 32 40
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
1.6 VGS = 10 V ID = 30 A r DS(on)- On-Resistance ( W ) (Normalized) 1.4 I S - Source Current (A) 100
Source-Drain Diode Forward Voltage
1.2
TJ = 150_C 10
TJ = 25_C
1.0
0.8
0.6 - 50
1 - 25 0 25 50 75 100 125 150 175 0 0.3 0.6 0.9 1.2 1.5 TJ - Junction Temperature (_C) VSD - Source-to-Drain Voltage (V)
Document Number: 72289 S-31398--Rev. A, 30-Jun-03
www.vishay.com
3
www..com www..com
SUD50N024-06P
Vishay Siliconix
THERMAL RATINGS
Maximum Drain Current vs. Ambiemt Temperature
40 1000 Limited by rDS(on) 32 I D - Drain Current (A) I D - Drain Current (A) 100 10, 100 ms 1 ms 10 ms 100 ms 1s 10 s 100 s dc
New Product
Safe Operating Area
24
10
16
1
8
0.1
TA = 25_C Single Pulse
0 0 25 50 75 100 125 150 175
0.01 0.1 1 10 100 TA - Ambient Temperature (_C) VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.02 0.05
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 10 100 1000
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedance, Junction-to-Case
2 Normalized Effective Transient Thermal Impedance 1 Duty Cycle = 0.5
0.2 0.1 0.1 0.02 0.05 Single Pulse
0.01
10 -4
10 -3
10 -2
10 -1 Square Wave Pulse Duration (sec)
1
10
100
www.vishay.com
4
Document Number: 72289 S-31398--Rev. A, 30-Jun-03


▲Up To Search▲   

 
Price & Availability of 50N02409PU54A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X