Part Number Hot Search : 
L5991AD FQP3N25 G121S KST9015 IRFL9110 GM38C45 ULS200X FC7103
Product Description
Full Text Search
 

To Download 49FCT3805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT49FCT3805/A 3.3V CMOS BUFFER/CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805/A
* 0.5 MICRON CMOS Technology * Guaranteed low skew < 500ps (max.) * Very low duty cycle distortion < 1.0ns (max.) * Very low CMOS power levels * TTL compatible inputs and outputs * Inputs can be driven from 3.3V or 5V components www..com * Two independent output banks with 3-state control * 1:5 fanout per bank * "Heartbeat" monitor output * VCC = 3.3V 0.3V * Available in SSOP, SOIC, and QSOP packages
FEATURES:
DESCRIPTION:
The FCT3805 is a 3.3 volt, non-inverting clock driver built using advanced dual metal CMOS technology. The device consists of two banks of drivers, each with a 1:5 fanout and its own output enable control. The device has a "heartbeat" monitor for diagnostics and PLL driving. The MON output is identical to all other outputs and complies with the output specifications in this document. The FCT3805 offers low capacitance inputs with hysteresis. The FCT3805 is designed for high speed clock distribution where signal quality and skew are critical. The FCT3805 also allows single point-topoint transmission line driving in applications such as address distribution, where one signal must be distributed to multiple recievers with low skew and high signal quality. For more information on using the FCT3805 with two different input frequencies on bank A and B, please see AN-236.
FUNCTIONAL BLOCK DIAGRAM
OE A 5 IN A O A1 - O A5
PIN CONFIGURATION
VCCA OA1 OA2 OA3 GNDA 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCCB OB1 OB2 OB3 GNDB OB4 OB5 MON OEB INB
IN B OE B
5 O B1 - O B5
OA4 OA5 GNDQ
M ON
OEA INA
SOIC/ SSOP/ QSOP TOP VIEW
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
1
c 2004 Integrated Device Technology, Inc.
SEPTEMBER 2004
DSC-3102/5
IDT49FCT3805/A 3.3V CMOS BUFFER/CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) VTERM(3) VTERM(4) TSTG IOUT Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to +4.6 -0.5 to +7 -0.5 to VCC+0.5 -65 to +150 -60 to +60 Unit V V V C mA
PIN DESCRIPTION
Pin Names OEA, OEB INA, INB OAn, OBn MON Clock Inputs Clock Outputs Monitor Output Description 3-State Output Enable Inputs (Active LOW)
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for www..com extended periods may affect reliability. 2. VCC terminals. 3. Input terminals. 4. Outputs and I/O terminals.
FUNCTION TABLE (1)
Inputs OEA, OEB L L H H
NOTE: 1. H = HIGH L = LOW Z = High-Impedance
Outputs INA, INB L H L H OAn, OBn L H Z Z MON L H L H
CAPACITANCE (TA = +25 C, f = 1.0MHz)
O
Symbol CIN COUT
Parameter(1) Input Capacitance Output Capacitance
Conditions VIN = 0V VOUT = 0V
Typ. 4.5 5.5
Max. 6 8
Unit pF pF
NOTE: 1. This parameter is measured at characterization but not tested.
2
IDT49FCT3805/A 3.3V CMOS BUFFER/CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified Commercial: TA = 0C to +70C, Industrial: TA = -40C to +85C, VCC = 3.3V 0.3V
Symbol VIH VIL IIH IIL
www..com
Parameter Input HIGH Level (Input pins) Input HIGH Level (I/O pins) Input LOW Level (Input and I/O pins) Input HIGH Current (Input pins) Input HIGH Current (I/O pins) Input LOW Current (Input pins) Input LOW Current (I/O pins) High Impedence Output Current (3-State Output Pins) Clamp Diode Voltage Output HIGH Current Output LOW Current Output HIGH Voltage Output LOW Voltage
Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VCC = Max. VCC = Max. VCC = Min., IIN = -18mA VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3) VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3) VCC = Min. VIN = VIH or VIL VCC = Min. VIN = VIH or VIL IOH = -0.1mA IOH = -8mA IOL = 0.1mA IOL = 16mA IOL = 24mA VI = 5.5V VI = VCC VI = GND VI = GND VO = VCC VO = GND
Min. 2 2 -0.5 -- -- -- -- -- -- -- -36 50 VCC-0.2 2.4(5) -- -- -- -- -60 -- -- --
Typ. -- -- -- -- -- -- -- -- -- -0.7 -60 90 -- 3 -- 0.2 0.3 -- -135 150 0.1
Max. 5.5 VCC + 0.5 0.8 1 1 1 1 1 1 -1.2 -110 200 -- -- 0.2 0.4 0.5 1 -240 -- 10
Unit V V A
IOZH IOZL VIK
A V mA mA V V A mA mV A
IODH IODL VOH VOL
IOFF IOS VH ICCL ICCH ICCZ
Input Power Off Leakage Short Circuit Current(4) Input Hysteresis Quiescent Power Supply Current
VCC = 0V, VIN = 4.5V VCC = Max., VO = VCC = Max. VIN = GND or VCC GND(3)
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at Vcc = 3.3V, +25C ambient. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. This parameter is guaranteed but not tested. 5. VOH = Vcc - 0.6V at rated current.
3
IDT49FCT3805/A 3.3V CMOS BUFFER/CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = VCC -0.6V(3) VCC = Max. Outputs Open OEA = OEB = GND Per Output Toggling 50% Duty Cycle IC
www..com
Test Conditions(1)
Min. --
Typ.(2) 10 0.035
Max. 30 0.06
Unit A mA/MHz
VIN = VCC VIN = GND
--
Total Power Supply Current(6)
VCC = Max. Outputs Open fO = 25MHz 50% Duty Cycle OEA = OEB = VCC Mon. Output Toggling VCC = Max. Outputs Open fO = 50MHz 50% Duty Cycle OEA = OEB = GND Eleven Outputs Toggling
VIN = VCC VIN = GND VIN = VCC -0.6V VIN = GND VIN = VCC VIN = GND VIN = VCC -0.6V VIN = GND
--
0.9
1.6
--
0.9
1.6
--
20
33
(5)
mA
--
20
33
(5)
NOTES: 1. 2. 3. 4. 5. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. Typical values are at VCC = 3.3V, +25C ambient. Per TTL driven input (VIN = VCC -0.6V); all other inputs at VCC or GND. This parameter is not directly testable, but is derived for use in Total Power Supply calculations. Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fONO) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = VCC -0.6V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fO = Output Frequency NO = Number of Outputs at fO All currents are in milliamps and all frequencies are in megahertz.
4
IDT49FCT3805/A 3.3V CMOS BUFFER/CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - COMMERCIAL(3,4)
Symbol tPLH tPHL tR tF tSK(O) tSK(P) tSK(T) Parameter Propagation Delay INA to OAn, INB to OBn Output Rise Time Output Fall Time Output skew: skew between outputs of all banks of same package (inputs tied together) Pulse skew: skew between opposite transitions of same output (|tPHL -- tPLH|) Package skew: skew between outputs of different packages at same power supply voltage, tPZL tPZH tPLZ tPHZ temperature, package type and speed grade Output Enable Time OEA to OAn, OEB to OBn Output Disable Time OEA to OAn, OEB to OBn 1.5 1.5 6.5 5.5 1.5 1.5 6 5 ns ns Conditions(1) CL = 50pF RL = 500 FCT3805 Min.(2) Max. 1.5 -- -- -- -- -- 5.8 2 2 0.5 1 1.5 FCT3805A Min.(2) Max. 1.5 -- -- -- -- -- 5 2 2 0.5 1 1.2 Unit ns ns ns ns ns ns
www..com
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL(3,4)
Symbol tPLH tPHL tR tF tSK(O) tSK(P) tSK(T) Parameter Propagation Delay INA to OAn, INB to OBn Output Rise Time Output Fall Time Output skew: skew between outputs of all banks of same package (inputs tied together) Pulse skew: skew between opposite transitions of same output (|tPHL -- tPLH|) Package skew: skew between outputs of different packages at same power supply voltage, tPZL tPZH tPLZ tPHZ temperature, package type and speed grade Output Enable Time OEA to OAn, OEB to OBn Output Disable Time OEA to OAn, OEB to OBn 1.5 1.5 6.5 5.5 1.5 1.5 6 5 ns ns Conditions(1) CL = 50pF RL = 500 FCT3805 Min.(2) Max. 1.5 -- -- -- -- -- 5.8 2 2 0.6 1 1.5 FCT3805A Min.(2) Max. 1.5 -- -- -- -- -- 5.2 2 2 0.6 1 1.2 Unit ns ns ns ns ns ns
NOTES: 1. See test circuits and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. tPLH, tPHL, tSK(t) are production tested. All other parameters guaranteed but not production tested. 4. Propagation delay range indicated by Min. and Max. limit is due to VCC, operating temperature and process parameters. These propagation delay limits do not imply skew.
5
IDT49FCT3805/A 3.3V CMOS BUFFER/CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
6V
SWITCH POSITION
Test Switch 6V GND Disable LOW Enable LOW Disable HIGH Enable HIGH
VCC
GND
500
VIN
Pulse Generator
VOUT D.U.T.
50pF
RT
500
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
www..com
Test Circuits for All Outputs
3V 1.5V INPUT tPLH tPHL VOH 2.0V OUTPUT tR tF 0.8V 1.5V VOL OUTPUT 2 tPLH2 tPHL2 OUTPUT 1 tSK(o) tSK(o) 0V INPUT tPLH1 tPHL1 3V 1.5V 0V VOH 1.5V VOL VOH 1.5V VOL
Package Delay
3V 1.5V 0V tPLH tPHL VOH 1.5V VOL
tSK(o) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1|
Output Skew - tSK(O)
INPUT
INPUT tPLH1 PACKAGE 1 OUTPUT tSK(t) PACKAGE 2 OUTPUT tPLH2 tPHL2 tSK(t) tPHL1
3V 1.5V 0V VOH 1.5V VOL VOH 1.5V VOL
OUTPUT tSK(p) = |tPHL - tPLH|
Pulse Skew - tSK(P)
ENABLE CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH SWITCH OPEN 1.5V 0V 0V 3.5V 1.5V tPHZ 0.3V VOH tPLZ 3.5V 0.3V V OL DISABLE 3V 1.5V 0V
tSK(t) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1|
Package Skew - tSK(T)
Output Skew - tSK(X)
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH 2. Pulse Generator for All Pulses: f 1.0MHz; tF 2.5ns; tR 2.5ns
6
IDT49FCT3805/A 3.3V CMOS BUFFER/CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT49FCT XXXX Device Type X Package X Package
Blank I SO SOG PY PYG Q QG 3805 3805A
Commercial (0C to +70C) Industrial (-40C to +85C) Small Outline IC SOIC - Green Shrink Small Outline IC SSOP - Green Quarter-size Small Outline IC QSOP - Green Non-Inverting 3.3V Buffer/Clock Driver
www..com
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of 49FCT3805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X