Part Number Hot Search : 
01547 IPW60R STPS745M 3DD102E 1N5236 2SD21 NTE3882 78M12
Product Description
Full Text Search
 

To Download 4710KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
4710KL SERIES DC AXIAL FAN
8 - 4.3
ROTATION
105.0 0.3
AIR
NAME PLATE
5.0 25.5 0.5
5.0
105.0 0.3 119.0 0.5
Specification Data:
* Dimensions/Type: * Motor Protection: * Temperature Range: B50 B10~B40 All Classes * Material: * Lead Wire: * Weight: * Rotation Direction: * Airflow Direction: 119mm x 25mm Axial Fan
B50 B50 B40 B40
Auto Restart/Reverse Polarity Protection
Static Pressure, Pa
119.0 +0.5
B30 B2 B20 B10
-10C~+60C (Operating) -10C~+70C (Operating) -40C~+70C (Storage) Casing: Plastic (Black) 94V-0 Impeller: Plastic (Black) 94V-0 UL1007, AWG24, +Red, -Black 180g Clockwise Out Over Support Struts
0
0.6
1.2
1.8
300 min
2.4
3.0
Airflow, m3/min
Model
Product No.
Rated Voltage (VDC)
Voltage Range
Current (A)
Input Power (W)
Speed (RPM)
Max. Airflow (m3/min)
Max. Static Pressure (Pa)
Noise (dBA)
4710KL-04W-B104710KL-04W-B204710KL-04W-B304710KL-04W-B404710KL-04W-B504710KL-05W-B104710KL-05W-B204710KL-05W-B304710KL-05W-B404710KL-05W-B504710KL-07W-B104710KL-07W-B204710KL-07W-B304710KL-07W-B404710KL-07W-B50-
X00 X00 X00 X00 X00 X00 X00 X00 X00 X00 X00 X00 X00 X00 X00
12 12 12 12 12 24 24 24 24 24 48 48 48 48 48
6.0~13.8 6.0~13.8 6.0~13.8 6.0~13.8 6.0~13.0 10.0~27.6 10.0~27.6 10.0~27.6 10.0~27.6 10.0~26.0 25.0~55.2 25.0~55.2 25.0~55.2 25.0~50.0 25.0~50.0
0.12 0.19 0.28 0.40 0.55 0.08 0.10 0.15 0.22 0.29 0.05 0.07 0.09 0.12 0.18
1.44 2.28 3.36 4.80 6.60 1.92 2.40 3.60 5.28 6.96 2.40 3.36 4.32 5.76 8.64
1600 1900 2200 2500 2800 1600 1900 2200 2500 2800 1600 1900 2200 2500 2800
1.80 2.15 2.50 2.85 3.25 1.80 2.15 2.50 2.85 3.25 1.80 2.15 2.50 2.85 3.25
17.9 24.8 32.3 40.9 50.5 17.9 24.8 32.3 40.9 50.5 17.9 24.8 32.3 40.9 50.5
27.0 31.0 35.0 38.5 41.5 27.0 31.0 35.0 38.5 41.5 27.0 31.0 35.0 38.5 41.5
Distributed by: Diamond Electronics Ltd
Tel: +44(0)1477 500450 Fax: +44(0)1477 500656 Mail: sales@diamondelec.co.uk Web: www.diamondelec.co.uk
The information above represents typical performance of the product, and is subject to change without notice. Product performance may be varied or enhanced to meet individual requirements.
49


▲Up To Search▲   

 
Price & Availability of 4710KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X