Part Number Hot Search : 
SD1609 S87C51FB MI31T R3A150F2 70104 S3P72H8 STBN068 NTES1N02
Product Description
Full Text Search
 

To Download 4710KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4710KL (119 X 25L)
EMINEBEA.COM
www..com
Auto Restart/Polarity Protection 10M or over with a DC500V Megger AC 700V 1s
Static Pressure
50 40 30 20 10 0 (m3/min) 0 1.5 Air Flow 3 (Pa)
B50 Class: -10C ~ +60C (Operating) B10 ~ B40 Class: -10C ~ +70C (Operating) All Class: -40C ~ +70C (Storage) (non-condensing environment)
B50 B40 B30 B20 B10
Ps
25C 25C
100,000 Hours (B00, E00) 80,000 Hours (V00)
inch Units: (mm)
11.8 (300) min
.169 4 - (4.3 0.2)
88 0) 4. 24. 1 (
.169 4 - (4.3 0.2)
96 0) 4. 26. 1 (
4.51 (114.5) 4.13 (105.0)
AIR
NAME PLATE
4.13 (105.0 0.3) 4.69 (119.0 +0.5)
4.13 (105.0) 4.51 (114.5) INLET SIDE
4.53 (115.0) 4.13 (105.0)
.169 8 - (4.3 0.2)
ROTATION
4.13 (105.0) 4.53 (115.0) OUTLET SIDE
.19 (5.0)
1.0 (25.5 0.5)
.19 (5.0)
4.13 (105.0 0.3) 4.69 (119.0 0.5)
Casing : Plastic (Black) 94V-0 Impeller : Plastic (Black) 94V-0 Bearing : Ball Bearing Lead Wire : UL1007, AWG24, +Red, -Black
Rated
Operating
Voltage
Current
Input
Power
Speed
Max.
Air Flow
Max. Static
Pressure
Noise
Mass
MODEL
Product No. 4710KL-04W-B104710KL-04W-B204710KL-04W-B304710KL-04W-B404710KL-04W-B504710KL-05W-B104710KL-05W-B204710KL-05W-B304710KL-05W-B404710KL-05W-B50Rotation: Clockwise
Voltage
(V) 12 12 12 12 12 24 24 24 24 24
(V) 6.0 ~ 13.8 6.0 ~ 13.8 6.0 ~ 13.8 6.0 ~ 13.8 6.0 ~ 13.0 10.0 ~ 27.6 10.0 ~ 27.6 10.0 ~ 27.6 10.0 ~ 27.6 10.0 ~ 26.0
(A)*1 0.12 0.19 0.28 0.40 0.55 0.08 0.10 0.15 0.22 0.29
(W)*1 1.44 2.28 3.36 4.80 6.60 1.92 2.40 3.60 5.28 6.96
(min-1)*1 1600 1900 2200 2500 2800 1600 1900 2200 2500 2800
CFM*1 (m3/min)*1 in H2O O 63.5 75.9 88.2 100.6 114.7 63.5 75.9 88.2 100.6 114.7 1.80 2.15 2.50 2.85 3.25 1.80 2.15 2.50 2.85 3.25 .07 .10 .13 .16 .20 .07 .10 .13 .16 .20
(Pa)*1 17.9 24.8 32.3 40.9 50.5 17.9 24.8 32.3 40.9 50.5
(dB)*1 27.0 31.0 35.0 38.5 41.5 27.0 31.0 35.0 38.5 41.5
(g) 180 180 180 180 180 180 180 180 180 180
X00 X00 X00 X00 X00 X00 X00 X00 X00 X00
Airflow Outlet: Air Out Over Struts
*1: Average Values in Free Air


▲Up To Search▲   

 
Price & Availability of 4710KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X