Part Number Hot Search : 
SDA113C CGY121A TEVAL OFMS22MI TLMO3101 11P24 DHR200C5 035PT
Product Description
Full Text Search
 

To Download 2SD1664 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC 2SD1664
NPN EPITAXIAL SILICON TRANSISTOR
MEDIUM POWER NPN TRANSISTOR
DESCRIPTION
The UTC 2SD1664 is an epitaxial planar type NPN silicon transistor.
1
FEATURES
*Low VCE(sat): VCE (sat)= 0.15V(Typ) (Ic/IB= 500mA/50mA) *Complement the 2SB1132.
SOT-89
1:EMITTER
2:COLLECTOR
3:BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25C )
PARAMETER
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current DC PULSE (Note1) Collector Power Dissipation
SYMBOL
VCBO VCEO VEBO Ic www..com Pc
RATING
40 32 5 1 2 0.5 2 (Note2) 150 -55 ~ +150
UNIT
V V V A A W W C C
Junction Temperature Tj Storage Temperature TSTG Note1: Duty=1/2,Pw=20ms Note2: When mounted on a 40*40*0.7 mm ceramic board.
ELECTRICAL CHARACTERISTICS(Ta=25C,unless otherwise specified)
PARAMETER
Collector Base Breakdown Voltage Collector Emitter Breakdown Voltage Emitter Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current DC Current Transfer Ratio Collector-Emitter Saturation Voltage Transition Frequency Output Capacitance
SYMBOL
BVCBO BVCEO BVEBO ICBO IEBO hFE VCE(sat) fT Cob
TEST CONDITIONS
Ic= 50A Ic= 1mA IE=50A VCB=20V VEB= 4V VCE= 3V,Ic= 100mA Ic/IB=500mA /50mA VCE=5V, IE= - 50 mA,f=100MHz VCB= 10V, IE= 0 A,f=1MHz
MIN
40 32 5
TYP
MAX
UNIT
V V V A A V MHz pF
82 0.15 150 15
0.5 0.5 390 0.4
CLASSIFICATION OF hFE
RANK RANGE P 82-180 Q 120-270 R 180-390
UTC
UNISONIC TECHNOLOGIES
CO. LTD
1
QW-R208-025,A
UTC 2SD1664
500 Collector Current: Ic(mA)
NPN EPITAXIAL SILICON TRANSISTOR
500 Figure 2.Grounded Emitter OutputCharacteristics 4.5 mA 2.5mA 3.0mA 3.5mA 4.0mA 2.0mA 1.5mA
ELECTRICAL CHARACTERISTICS CURVES
Figure 1.Grounded Emitter PropagationCharacteristics VCE =6V 200 T a=100 T a=25 T a=55 Collector Current: Ic(mA) 100 50 20 10 5 2 1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 Base toEmitter Voltage:V BE(V) Figure 3.DC Current Gain vs.Collector Current (I) 2000 1000 DC Current Gain:hFE DC Current Gain:hFE 500 T a=25 2000 VcE= 3V 1000 500 0 0 400 300 1.0mA 200 0.5mA 100 T a=25 IB =0mA
0.4 0.8 1.2 1.6 2.0 Collector toEmitter Voltage:V CE (V) Figure 4.DC Current Gain vs.Collector Current (II)
200
Vc E= 3V VcE= 1V
200
T a=100 T a=25
100 50 1
100 50 T a= -55 2 5 10 20 50 100 200 500 1000 Collector Current :Ic(mA)
2
5 10 20 50 100 200 5001000 Collector Current :Ic(mA) Collector Saturation Voltage:VCE(sat) ( V)
1
Collector Saturation Voltage:VCE(sat) ( V)
0.5
Figure5.Collector-emitter Saturation Voltage vs.Collector Current (I) T a=25
Figure6.Collector-emitter Saturation Voltage vs.Collector Current (II) 0.5 IC/ IB=10
0.2 0.1 0.05 IC/IB=50 IC/IB=20 IC/IB=10 0.02 0.01 1 2 5 10 20 50 100200 5001000 Collector Current :Ic(mA)
0.2 0.1 0.05 T a=100 T a=-40 0.02 0.01 1 2 5 10 20 50 100200 5001000 Collector Current :Ic(mA) T a=25
UTC
UNISONIC TECHNOLOGIES
CO. LTD
2
QW-R208-025,A
UTC 2SD1664
NPN EPITAXIAL SILICON TRANSISTOR
Figure 8. Collector Output Capacitance vs.Collector-base Voltage Ta=25 f=1MHz IB=0A
Figure 7.Gain Bandwidth Product vs. Emitter Current Collector Output Capacitance:Cob (pF) Ta=25 VCE =5V Transition Frequency:fT(MHz) 200
100
50
20
100 50
10
20 -1
-2
-5 -10 -20 -50 -100 Emitter Current :IB(mA)
5
0.5
1 2 5 10 20 Collector to Base Voltage:VCB(V)
Figure 9.Safe Operation Area Transient Thermal Resistance:Rth (/W) 5 2 Collector Current:Ic (A) 1 0.5 0.2 0.1 0.05 Ta=25 0.02 *Single pulse 0.01 0.1 0.2 0.5 1 2 5 10 20 50 Collector to Emitter Voltage:VCE(V)
PW s* 0m =1
Figure 10 .Transient Thermal Resistance 1000 Ta=25
100
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
s* m 00 =1 PW DC
10
1
0.1 0.001 0.01
0.1
1 10 Time:t(s)
100
1000
UTC
UNISONIC TECHNOLOGIES
CO. LTD
3
QW-R208-025,A


▲Up To Search▲   

 
Price & Availability of 2SD1664

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X