Part Number Hot Search : 
PE9613 MP3301H AT89C M600H 1R5NU41 AT89C GA100 1E220
Product Description
Full Text Search
 

To Download 0607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cord Sets www.schurter.com/pg07_2 Interconnection Cord with IEC Plug E, Angled
0607
E
70 C
Description
Interconnection Cord, Protection class I, Pin temperature 70 C, Cable
References Weblinks
General Product Information Approvals, RoHS, CHINA-RoHS, Mating Connectors, e-Store, Distributor-Stock-Check, Accessories
Technical Data
Ratings IEC Ratings UL/CSA Dielectric Strength 10 A / 250 VAC; 50 Hz 10 A / 250 VAC; 60 Hz > 4 kVDC between L-N > 2 kVAC between L/N-PE (1 min/50 Hz) -25 C to 70 C from front side IP 20 acc. to IEC 60529 Suitable for appliances with protection class 1 acc. to IEC 61140 moulded PVC, black or grey Plug E acc. to IEC/EN 60320-1 UL 498, CSA C22.2 no. 42 (for cold conditions) pin-temperature 70 C, 10 A, Protection Class 1
Allowable Operation Temp. Degree of Protection Protection Class Terminal Material: Housing
Dimensions
46.7 mm
20.6
46.7
54.3
o 11
Connectors
0607
www.schurter.com/pg07_2 Config. Code 0607|-|R|-|Type|-|D|-|Length|
The characters are placeholders for the correspondingly keys of selections from the key tables. Typ steht fur die Dose bzw. 2. Seite, Lange ist die Leitungslange in mm.
Cord Sets
Product Configurator
0607|-| R |-|Type|-|D|-|Length| = cord type
cord type H03VV-F 3G0,75mm2 H05VV-F 3G0,75mm2 H05VV-F 3G1,0mm2 SVT 3x18AWG SJT 3x18AWG special cord Cord definition is detailed in general product information XXX Configuration key C G I N P Z
0607|-|R|-|Type|-| D |-|Length| = Color
Color jet black; RAL9005 silver grey; RAL7001 standard color: black Configuration key A B
0607|-|R|-|Type|-|D|-| Length | = Cord length
Cord length zzzz, 000500, 001000, 001500, 002000, 002500, 003000, 005000 Cord length in mm
0607|-|R|-| Type |-|D|-|Length| = Cord end 2
Cord end 2 zzzz, 2512, 2530, 3011, 3012, 3013, 302U, 3020, 3027, 3030, 311L, 312L
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal Appliance Outlet further types to 0607 4787 4788 6600-3 6600-4
Appliance Outlet shuttered Overview complete IEC Appliance Outlet F Shuttered, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F Shuttered, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal Appliance Outlet shuttered further types to 0607 4721 4723
Connector Overview complete IEC Connector C15, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Angled IEC Connector C13, Rewireable, Angled Connector further types to 0607 Distribution Unit Overview complete Distribution Unit for Snap-in Mounting with 1 IEC Appliance Inlet C14 and 1 Appliance Outlet F Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F Distribution Unit with 1 IEC Appliance Inlet C14 or Power Cord, 4 IEC Appliance Outlets F and Extra Components Distribution Unit with 1 IEC Appliance Inlet C14 and 2 Appliance Outlets F, Shuttered Distribution Unit with 1 IEC Appliance Inlet C14 and 4 Appliance Outlets F Distribution Unit further types to 0607 0712 0909 4740 4741 4747 ... 0101 0102 0102-G 0112 4012 ...
2
Connectors
Cord Sets www.schurter.com/pg07_2
0607
Category / Description Power Cord Overview complete Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13 Power Cord further types to 0607 Power Entry Module Overview complete IEC Appliance Outlet F with Fuseholder 1-pole IEC Appliance Inlet C14 with modular extended Components IEC Appliance Inlet C14 with Appliance Outlet F IEC Appliance Inlet C14 with Appliance Outlet F, Line Switch 2-pole and Voltage Selector Power Entry Module further types to 0607 4719 Felcom 64 KP (Outlet) PMM 0311 3011 3012 3013 3020 ...
Power Entry Module with line filter Overview complete IEC Appliance Inlet C14 Modular Assembling Options Power Entry Module with line filter further types to 0607 Felcom 54
Power Supply or Interconnection Cord Overview complete Divers Power Supply and Interconnection Cords 10 A Power Supply or Interconnection Cord further types to 0607 Kabelverbindung/10 A
The specifications, descriptions and illustrations indicated in this document are based on Connectors current information. All content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 0607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X