|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com STR-W6765 Quasi-Resonant Topology Primary Switching Regulators Features and Benefits Quasi-resonant topology IC Low EMI noise and soft switching Bottom-skip operation Improved system efficiency over the entire output load by avoiding increase of switching frequency Standby burst mode operation Lowers input power at very light output load condition Avalanche-guaranteed MOSFET Improves systemlevel reliability and does not require VDSS derating 800 V / 1.8 , 52 to 110 W (Universal/230 Vac input) Description The STR-W6765 is a quasi-resonant topology IC designed for SMPS applications. It shows lower EMI noise characteristics than conventional PWM solutions, especially at greater than 2 MHz. It also provides a soft-switching operation to turn on the internal MOSFET at close to zero voltage (VDS bottom point) by use of the resonant characteristic of primary inductance and a resonant capacitor. The package is a fully molded TO-220, which contains the controller chip (MIC) and MOSFET, enabling output power up to 52 W with universal input or 110 W with a 230 Vac input. The bottom-skip function skips the first bottom of VDS and turns on the MOSFET at the second bottom point, to minimize an increase of operational frequency at light output load, improving system-level efficiency over the entire load range. There are two standby functions available to reduce the input power under very light load conditions. The first is an auto-burst mode operation that is internally triggered by periodic sensing, and the other is a manual standby mode, which is executed by clamping the secondary output. In general applications, the manual standby mode reduces the input power further compared to the auto-burst mode. The soft-start function minimizes surge voltage and reduces power stress to the MOSFET and to the secondary rectifying Continued on the next page... Continued on the next page... Package: 6-pin TO-220 Typical Application +B ErrAmp P A S1 GND Standby ON/OFF LowB S2 D 1 4 VCC D STR-W6735 B SI Standby Out GND Cont 6 FB 3 7 5 S/GND RX OCP /BD SS /OLP A B For ErrAmp, Sanken SE series device recommended For SI, Sanken linear regulator IC recommended CX ROCP 28103.30-6 STR-W6765 Features and Benefits (continued) Various protections Improved system-level reliability Pulse-by-pulse drain overcurrent limiting Overvoltage protection (bias winding voltage sensing), with latch Overload protection with latch Maximum on-time limit Quasi-Resonant Topology Primary Switching Regulators Description (continued) diodes during the start-up sequence. Various protections such as overvoltage, overload, overcurrent, maximum on-time protections and avalanche-energy-guaranteed MOSFET secure good systemlevel reliability. Applications include the following: Set Top Box LCD PC monitor, LCD TV Printer, Scanner SMPS power supplies Selection Guide Part Number STR-W6765 Package TO-220 Packing Bulk, 100 pieces Absolute Maximum Ratings at TA = 25C Parameter Drain Current1 Maximum Switching Current2 Single Pulse Avalanche Energy3 Input Voltage for Controller (MIC) SS/OLP Terminal Voltage FB Terminal Inflow Current FB Terminal Voltage OCP/BD Terminal Voltage MOSFET Power Dissipation4 Symbol IDpeak IDmax EAS VCC VSSOLP IFB VFB VOCPBD PD1 Terminal Conditions 1 - 3 Single pulse 1 - 3 TA = -20C to 125C Single pulse, VDD = 99 V, L = 20 mH, 1-3 ILpeak = 5.8 A 4-3 5-3 6-3 6 - 3 IFB within the limits of IFB 7-3 With infinite heatsink 1-3 Without heatsink 4 - 3 VCC x ICC - Refer to TOP - - - Rating 11.2 11.2 300 35 -0.5 to 6.0 10 -0.5 to 9.0 -1.5 to 5.0 28.7 1.3 0.8 -20 to 115 -20 to 115 -40 to 125 150 Unit A A mJ V V mA V V W W W C C C C Controller (MIC) Power Dissipation PD2 Operating Internal Leadframe Temperature TF Operating Ambient Temperature TOP Storage Temperature Tstg Junction Temperature TJ 1Refer to figure 2 2I DMAX is the drain current determined by the drive voltage of the IC and the threshold voltage, Vth, of the MOSFET 3Refer to figure 3 4Refer to figure 5 All performance characteristics given are typical values for circuit or system baseline design only and are at the nominal operating voltage and an ambient temperature of +25C, unless otherwise stated. Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 2 STR-W6765 4 VCC Quasi-Resonant Topology Primary Switching Regulators Protection latch R S Q DRIVE Reg D + Start Stop Burst Burst Control Reg& Iconst 1 Delay OVP S/GND 3 6 S Q OSC MaxON R S OCP OLP + Soft Start Bottom Selector Counter Number 1 2 3 4 5 6 7 Name D NC S/GND VCC SS/OLP FB OCP/BD Drain Clipped Description MOSFET drain No connection MOSFET source and ground Source/ground terminal Power supply terminal Soft Start/Overload Protection terminal Feedback terminal Overcurrent Protection/Bottom Detection Input of power supply for control circuit Input to set delay for Overload Protection and Soft Start operation Input for Constant Voltage Control and Burst (intermittant)Mode oscillation cotnrol signals Input for overcurrent detection and bottom detection signals Figure 1 - MOSFET Safe Operating Area Derating Curve 100 Safe Operating Area Temperature Derating Coefficient (%) 80 Drain Current, ID (A) 11.2 10.0 1 0. 60 40 20 Refer to figure 1 for MOSFET SOA temperature derating coefficient 0 0 25 50 75 100 125 150 0.1 1 10 100 1000 Temperature, TF (C) Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com + - BSD BD Figure 2 - MOSFET Safe Operating Area Drain Current versus Voltage at TA = 25C, Single Pulse 100.0 1.0 + + OCP/BD SS/OLP RQ + FB - FB 7 5 Functions 1 m s lim (on) nt S re o R D r Cu ue t d it Drain-to-Source Voltage, VDS (V) m s 3 STR-W6765 Quasi-Resonant Topology Primary Switching Regulators Figure 3 - MOSFET Avalanche Energy Derating Curve 100 EAS Temperature Derating Coefficient (%) (C/W) Transient Thermal Resistance, R JC Figure 4 - Transient Thermal Resistance 10.000 80 1.000 60 0.100 40 0.010 20 0 0.001 25 50 75 100 125 150 Channel Junction Temperature, TJ (C) 1 10 100 Time, t (s) 1m 10m 100m Figure 5 - MOSFET Power Dissipation versus Temperature 30 25 Power Dissipation, PD1 (W) With infinite heatsink PD1 = 28.7 W at TA 20 15 10 5 Without heatsink PD1 = 1.3 W at TA 0 20 40 60 80 100 120 140 160 0 Ambient Temperature, TA (C) Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 4 STR-W6765 ELECTRICAL CHARACTERISTICS Characteristic Symbol Quasi-Resonant Topology Primary Switching Regulators Terminals Min. Typ. Max. Units ELECTRICAL CHARACTERISTICS for Controller (MIC)1, valid at TA = 25C, VCC = 20 V, unless otherwise specified Power Supply Start-up Operation Operation Start Voltage Operation Stop Voltage Circuit Current In Operation Circuit Current In Non-Operation Oscillation Frequency Soft Start Operation Stop Voltage Soft Start Operation Charging Current Normal Operation Bottom-Skip Operation Threshold Voltage 1 Bottom-Skip Operation Threshold Voltage 2 Overcurrent Detection Threshold Voltage OCP/BDOCP/BD Terminal Outflow Current Quasi-Resonant Operation Threshold Voltage 1 Quasi-Resonant Operation Threshold Voltage 2 FB Terminal Threshold Voltage FB Terminal Inflow Current (Normal Operation) Standby Operation Standby Operation Start Voltage Standby Operation Start Voltage Interval Standby Non-Operation Circuit Current FB Terminal Inflow Current, Standby Operation FB Terminal Threshold Voltage, Standby Operation Minimum On Time Maximum On Time Protection Operation Overload Protection Operation Threshold Voltage Overload Protection Operation Charging Current Overvoltage Protection Operation Voltage Latch Circuit Holding Current2 Latch Circuit Release Voltage2 Drain-to-Source Breakdown Voltage Drain Leakage Current On Resistance Switching Time Thermal Resistance 1Current VCC(ON) VCC(OFF) ICC(ON) ICC(OFF) fosc VSSOLP(SS) ISSOLP(SS) VOCPBD(BS1) VOCPBD(BS2) VOCPBD(LIM) IOCPBD VOCPBD(TH1) VOCPBD(TH2) VFB(OFF) IFB(ON) VCC(S) VCC(SK) ICC(S) IFB(S) VFB(S) tON(MIN) tON(MAX) VSSOLP(OLP) ISSOLP(OLP) VCC(OVP) ICC(H) VCC(La.OFF) VDSS IDSS RDS(on) tf RJA 4-3 4-3 4-3 4-3 1-3 5-3 5-3 7-3 7-3 7-3 7-3 7-3 7-3 6-3 6-3 4-3 4-3 4-3 6-3 6-3 1-3 1-3 5-3 5-3 4-3 4-3 4-3 1-3 1-3 1-3 1-3 Junction to Internal Frame 16.3 8.8 - - 19 1.1 -710 -0.720 -0.485 -0.995 -250 0.28 0.67 1.32 600 10.3 1.10 - - 0.55 0.40 27.5 4.0 -16 25.5 - 6.0 800 - - - - 18.2 9.7 - - 22 1.2 -550 -0.665 -0.435 -0.940 -100 0.40 0.80 1.45 1000 11.1 1.35 20 4 1.10 0.82 32.5 4.9 -11 27.7 45 7.2 - - - - - 19.9 10.6 6 100 25 1.4 -390 -0.605 -0.385 -0.895 -40 0.52 0.93 1.58 1400 12.1 1.65 56 14 1.50 1.25 39.0 5.8 -6 29.9 140 8.5 - 300 1.8 400 1.55 V V mA A kHz V A V V V A V V V A V V A A V s s V A V A V V A ns C/W ELECTRICAL CHARACTERISTICS for MOSFET, valid at TA = 25C, unless otherwise specified polarity with respect to the IC: positive current indicates current sink at the terminal named, negative current indicates source at the terminal named. 2Latch circuit refers to operation during Overload Protection or Overvoltage Protection. Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 5 STR-W6765 Quasi-Resonant Topology Primary Switching Regulators ELECTRICAL CHARACTERISTICS Test Conditions* Parameter Operation Start Voltage Operation Stop Voltage Circuit Current In Operation Circuit Current In Non-operation Oscillation Frequency Soft Start Operation Stop Voltage Soft Start Operation Charging Current Bottom-Skip Operation Threshold Voltage 1 Bottom-Skip Operation Threshold Voltage 2 Overcurrent Detection Threshold Voltage OCP/BDOCP/BD Terminal Outflow Current Quasi-Resonant Operation Threshold Voltage 1 Quasi-Resonant Operation Threshold Voltage 2 FB Terminal Threshold Voltage FB Terminal Inflow Current (Normal Operation) Standby Operation Start Voltage Standby Operation Start Voltage Interval Standby Non-Operation Circuit Current FB Terminal Inflow Current, Standby Operation FB Terminal Threshold Voltage Standby Operation Minimum On Time Maximum On Time Test Conditions VCC voltage at which oscillation starts. VCC voltage at which oscillation stops. Inflow current flowing into power supply terminal in oscillation. Inflow current flowing into power supply terminal prior to oscillation. Oscillating frequency ( fosc= 1 / T ). SS/OLP terminal voltage at which ISS/OLP reach -100 A by raising the SS/OLP terminal voltage from 0 V gradually. SS/OLP terminal charging current (SS/OLP terminal voltage = 0 V). Input 1 s pulse width, as shown in waveform 1, to OCP/BD terminal twice after V1-3 rises. After that, offset the input waveform gradually from 0 V in the minus direction. Measurment of the offset voltage VOCPBD(BS1) is taken when the V1-3 start-to-fall point switches from twopulses-after to one-pulse-after. After measuring VOCPBD(BS1), as shown in waveform 2, offset the input waveform gradually. Measurment of the offset voltage VOCPBD(BS2) is taken when the V1-3 start-to-fall point switches from two-pulses-after to one-pulse-after. OCP/BD terminal voltage at which oscillation stops by lowering the OCP/BD terminal voltage from 0 V gradually. OCP/BD terminal outflow current (OCP/BD terminal voltage = -0.95 V). OCP/BD terminal voltage at which oscillation starts with setting the OCP/BD terminal voltage at 1 V, and then lowering the voltage gradually. OCP/BD terminal voltage at which oscillation stops by raising the OCP/BD terminal voltage from 0 V gradually. FB terminal voltage at which oscillation stops by raising the FB terminal voltage from 0 V gradually. FB terminal inflow current (FB terminal voltage = 1.6 V). VCC voltage at which ICC reaches 1 mA (FB terminal voltage = 1.6 V). Specified by VCC(SK) = VCC(S) - VCC(OFF). Inflow current flowing into power supply terminals prior to oscillation (FB terminal voltage = 1.6 V). FB terminal inflow current (FB terminal voltage = 1.6 V). FB terminal voltage at which oscillation starts by raising the FB terminal voltage from 0 V gradually. Waveform between terminals 1 and 3 at low. Waveform between terminals 1 and 3 at low. 20 2 VCC (V) 020 208.8 20 15 20 20 Measurement Circuit 1 5 20 3 20 20 015 - 10.2 10.2 15 20 20 6 1 4 Continued on the next page... Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 6 STR-W6765 Quasi-Resonant Topology Primary Switching Regulators ELECTRICAL CHARACTERISTICS Test Conditions*, continued Parameter Overload Protection Operation Threshold Voltage Overload Protection Operation Charging Current Overvoltage Protection Operation Voltage Latch Circuit Holding Current Test Conditions SS/OLP terminal voltage at which oscillation stops. SS/OLP terminal charging current (SS/OLP terminal voltage = 2.5 V). VCC voltage at which oscillation stops. Inflow current at VCC(OFF) - 0.3; after OVP operation. VCC (V) 20 5 - 030 VCC(OFF) - 0.3 306 - - 30 20 20 1 Measurement Circuit Latch Circuit Release Voltage VCC voltage at which ICC reaches 20 A or lower by decreasing VCC after OVP operation. Drain-to-Source Breakdown Voltage IDSS = 300 A Drain Leakage Current VDSS = 800 V Single Pulse Avalanche Energy - On-Resistance IDS = 1.4 A Switching Time - *Oscillating operation is specified with a rectangular waveform between terminals 1 and 3. 7 8 9 1 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 7 STR-W6765 Quasi-Resonant Topology Primary Switching Regulators Measurement Circuit 1 D S/GND VCC SS/OLP FB OCP/BD T TON 90 50 10 100 V 4.7k ICC 0.1 F tf A 10V VCC Measurement Circuit 2 D S/GND VCC SS/OLP FB OCP/BD 100 4.7k 0.1 F VCC 10V 20V Measurement Circuit 3 D S/GND VCC SS/OLP FB OCP/BD 100 4.7k 0.1 F VCC 10V 20V Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 8 STR-W6765 Quasi-Resonant Topology Primary Switching Regulators Measurement Circuit 4 D S/GND VCC SS/OLP FB OCP/BD 0.1 F 100 V 4.7k V A 10V VCC A Measurement Circuit 5 D S/GND VCC SS/OLP FB OCP/BD 100 V A VCC 10V 20V Measurement Circuit 6 D S/GND VCC SS/OLP FB OCP/BD 5V OSC1 100 200 500nS 4.7k 0.1 F 9V V1-3 VCC 10V TON MIN 20V OSC1 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 9 STR-W6765 Quasi-Resonant Topology Primary Switching Regulators Measurement Circuit 7 D S/GND VCC SS/OLP FB OCP/BD IDSS VDSS MOSFET MOSFET measuring equipment Measurement Circuit 8 D S/ GND VCC SS/OLP FB OCP/BD VCC 0 30V VDS IL IL VDS VDD 0 T1 VCC Avalanche energy tester VDSPeak Equation for calculation of avalanche engery, EAS; to be adjusted for ILPeak = 5.8 A E AS 1 L ILPeak 2 2 VDS Peak VDS Peak VDD Measurement Circuit 9 D S/ GND VCC SS/OLP FB OCP/BD 4.7k VDS(ON) IDS 0.1 F RDS(ON)=VDS(ON)/IDS 20V Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 10 STR-W6765 Quasi-Resonant Topology Primary Switching Regulators Waveform 1 VDS VOCP/BD GND VOCPBD(BS1) Waveform 2 VDS VOCP/BD GND VOCPBD(BS2) Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 11 STR-W6765 Quasi-Resonant Topology Primary Switching Regulators PACKAGE DIMENSIONS, TO-220 7.9 0.2 Branding 2.8 MAX XXXXXXXX XXXXXXXX 16.9 0.3 2.6 0.1 Terminal dimension at case surface 5.0 0.5 1.34 -0.1 +0.2 (5.4) 1.74 -0.1 +0.2 6xP1.27 0.15 = 7.62 0.15 Terminal dimensions at case surface 0.45 -0.1 +0.2 5.08 0.6 Terminal dimension at lead tips 1234567 Gate burr: 0.3 mm (max.) Terminal core material: Cu Terminal treatment: Ni plating and solder dip Heat sink material: Cu Heat sink treatment: Ni plating Leadform: 2003 Weight (approximate): 2.3 g Dimensions in millimeters Drawing for reference only Branding codes (exact appearance at manufacturer discretion): 1st line, type: W6765 2nd line, lot: YMDD R Where: Y is the last digit of the year of manufacture M is the month (1 to 9, O, N, D) DD is the 2-digit date R is the manufacturer registration symbol 10.4 0.5 O3.2 0.2 Gate Burr 4 0.2 10.0 0.2 4.2 0.2 2.8 0.2 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com (2 xR 1) 12 STR-W6765 Quasi-Resonant Topology Primary Switching Regulators PACKING SPECIFICATIONS Minimum packing option: Tube FM-205 E 4.8 +0.4 0 1.4 5.1 9 x R0.6 8.9 9.5-0.1 (15.4) +0.3 Shipping Tube Dimensions: Wall thickness: 0.60.3 mm Wall warp: <2 mm Material: Hardened polyvinyl Coating: antistatic Tolerance 0.4 mm, unless otherwise specified 2.85 (3.6) 14.3 35.0 Side marked "ANTISTATIC" 1.3 -0.2 +0.3 Spacer Carton (side view) Shipping Carton Dimensions: Capacity: 1800 pieces maximum per carton 36 tubes per carton 3 rows, 12 tubes per row Tube Spacer 620 125 Tube All dimensions: mm 185 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 13 STR-W6765 Quasi-Resonant Topology Primary Switching Regulators WARNING -- These devices are designed to be operated at lethal voltages and energy levels. Circuit designs that embody these components must conform with applicable safety requirements. Precautions must be taken to prevent accidental contact with power-line potentials. Do not connect grounded test equipment. The use of an isolation transformer is recommended during circuit development and breadboarding. Because reliability can be affected adversely by improper storage environments and handling methods, please observe the following cautions. Cautions for Storage * Ensure that storage conditions comply with the standard temperature (5C to 35C) and the standard relative humidity (around 40 to 75%); avoid storage locations that experience extreme changes in temperature or humidity. * Avoid locations where dust or harmful gases are present and avoid direct sunlight. * Reinspect for rust in leads and solderability of products that have been stored for a long time. Cautions for Testing and Handling When tests are carried out during inspection testing and other standard test periods, protect the products from power surges from the testing device, shorts between adjacent products, and shorts to the heatsink. Remarks About Using Silicone Grease with a Heatsink * When silicone grease is used in mounting this product on a heatsink, it shall be applied evenly and thinly. If more silicone grease than required is applied, it may produce stress. * Volatile-type silicone greases may produce cracks after long periods of time, resulting in reduced heat radiation effect. Silicone grease with low consistency (hard grease) may cause cracks in the mold resin when screwing the product to a heatsink. * Our recommended silicone greases for heat radiation purposes, which will not cause any adverse effect on the product life, are indicated below: Type G746 YG6260 Suppliers Shin-Etsu Chemical Co., Ltd. GE Toshiba Silicone Co., Ltd. SC102 Dow Corning Toray Silicone Co., Ltd. Soldering * When soldering the products, please be sure to minimize the working time, within the following limits: 2605C 10 s 3505C 3 s * Soldering iron should be at a distance of at least 1.5 mm from the body of the products Electrostatic Discharge * When handling the products, operator must be grounded. Grounded wrist straps worn should have at least 1 M of resistance to ground to prevent shock hazard. * Workbenches where the products are handled should be grounded and be provided with conductive table and floor mats. * When using measuring equipment such as a curve tracer, the equipment should be grounded. * When soldering the products, the head of soldering irons or the solder bath must be grounded in other to prevent leak voltages generated by them from being applied to the products. * The products should always be stored and transported in our shipping containers or conductive containers, or be wrapped in aluminum foil. Assembly * During soldering or other operations, the interior frame temperature of the device should never exceed 105C. * Recommended screw torque through the mounting tab is 0,588 to 0.785 N * m (6 to 8 kgf * cm) Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 14 STR-W6765 Quasi-Resonant Topology Primary Switching Regulators The products described herein are manufactured in Japan by Sanken Electric Co., Ltd. for sale by Allegro MicroSystems, Inc. Sanken and Allegro reserve the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Therefore, the user is cautioned to verify that the information in this publication is current before placing any order. When using the products described herein, the applicability and suitability of such products for the intended purpose shall be reviewed at the users responsibility. Although Sanken undertakes to enhance the quality and reliability of its products, the occurrence of failure and defect of semiconductor products at a certain rate is inevitable. Users of Sanken products are requested to take, at their own risk, preventative measures including safety design of the equipment or systems against any possible injury, death, fires or damages to society due to device failure or malfunction. Sanken products listed in this publication are designed and intended for use as components in general-purpose electronic equipment or apparatus (home appliances, office equipment, telecommunication equipment, measuring equipment, etc.). Their use in any application requiring radiation hardness assurance (e.g., aerospace equipment) is not supported. When considering the use of Sanken products in applications where higher reliability is required (transportation equipment and its control systems or equipment, fire- or burglar-alarm systems, various safety devices, etc.), contact a company sales representative to discuss and obtain written confirmation of your specifications. The use of Sanken products without the written consent of Sanken in applications where extremely high reliability is required (aerospace equipment, nuclear power-control stations, life-support systems, etc.) is strictly prohibited. The information included herein is believed to be accurate and reliable. Application and operation examples described in this publication are given for reference only and Sanken and Allegro assume no responsibility for any infringement of industrial property rights, intellectual property rights, or any other rights of Sanken or Allegro or any third party that may result from its use. Copyright (c) 2006 Allegro MicroSystems, Inc. This datasheet is based on Sanken datasheet SSE-22774 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 15 |
Price & Availability of STRW6765 |