Part Number Hot Search : 
CLX34 SMAJ45 CLX34 TSOP28ON 80220 TK10A60W 12203 HL6367DG
Product Description
Full Text Search
 

To Download SG320240L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SG320240L ( 320 DOTS X 240 DOTS ) om
FEATURES
RECOMMENDED CONTROLLER (HD64646/MSM6225/SED1335) +5 V POWER SUPPLY 1/240 DUTY CYCLE
EDGE LIGHTING TYPE CCFL BACKLIGHT
INTERFACE PIN CONNECTIONS
NO.
1 2 3 4 5 6 7 8 9 10 11 12 13 14
w
w
w
.D
at
aS
ee h
4U t
.c
MECHANICAL DATA
ITEM
Module Size (W x H x T) Viewing Area ( W x H ) Active Area ( W x H ) Dot Size ( W x H ) Dot Pitch ( W x H )
DIMENSIONS
148.3 x 100.0 x 14.1 107.2 x 78.4 99.17 x 74.37 0.28 x 0.28 0.31 x 0.31
UNIT
mm mm mm mm mm
ABSOLUTE MAXIMUM RATINGS
ITEM
Supply Voltage For Logic Supply Voltage For LCD Drive Input Voltage
SYMBOL LEVEL
DB0 DB1 DB2 DB3 FLM M CL1 CL2 /DISPOFF VSS FG VDD VEE VO H/L H/L H/L H/L H H/L H H L 0V L L Data Bit1 Data Bit2 Data Bit3 Data Bit4 Frame Signal
FUNCTION
SYMBOL
VDD-VSS VDD-Vo VI
MIN.
ELECTRICAL CHARACTERISTICS
ITEM
Supply Voltage For Logic LCD Supply Voltage Supply Current Input
Control Signal For AC Driving Common Driver Data Shift Signal Clock Pulse For Segment Shift Register Display OFF Active LOW Power Supply Ground For GND Power Supply Voltage Power Supply Voltage For LCD Contrast Adjustment Voltage
5V
-
EXTERNAL DIMENSIONS
w
w
w
.D
t a
S a
Output
Voltage
e h
"HIGH" Level "LOW" Level
t e
SYMBOL
VDD-VSS VDD-Vo IDD VIH VIL VOH VOL
U 4
.c
VDD=5V
0 0
Vss
m o
TYP. MIN.
4.5 22.4 2.2 2.4 -
MAX.
7 30 VDD
UNIT
V V V
CONDITION
TYP.
5 23.5 16 -
MAX. UNIT
5.5 24.3 25 VDD 0.6 0.4 V V mA V V V V
VDD=5V Ta=25
-
"HIGH" Level "LOW" Level
Voltage
w
w
w
.D
at
Sh a
et e
4U
.
om c
SG320240L ( 320 DOTS X 240 DOTS )
TIMING CHARACTERISTICS
ITEM Frequency Of Maximum Clock CL1 , CL2 , Pulse Width Rise , Fall Time Data Setup Time Data Hold Time CL1 Setup Time CL1 CL2 Time SYMBOL MIN. 45 20 20 80 80 100 100 TYP. MAX. 8 15 300 UNIT. MHZ ns ns ns ns ns ns ns ns ns
FLM Setup Time FLM Hold Time M Delay Time
fCP tW tr , tf tDSU tDHD tLSU tLC tsetup thold tDF
BLOCK DIAGRAM


▲Up To Search▲   

 
Price & Availability of SG320240L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X