Part Number Hot Search : 
GBU8005 MP7741DQ 00MD6 2SD1520L 2SA1288 ZM85C43 P2K9A ADM1085
Product Description
Full Text Search
 

To Download R2A20124AFP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Datasheet
R2A20124AFP/R2A20124ASP
Synchronous Phase Shift Full-Bridge Control IC Series
Description
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
The R2A20124AFP/R2A20124ASP controls a full-bridge phase shift circuit and secondary synchronous rectification. The R2A20124AFP/R2A20124ASP has adjustable delay time functions which make ZVS of primary side and make loss of body diode of primary switching device minimal. The R2A20124AFP/R2A20124ASP is based on HA16163/R2A20121. And RAMP slope compensation circuit is builtin as an additional function. Also its output driver circuits are improved to enlarge gate drive output voltage swing from VREF to VCC. In addition R2A20124AFP has ON/OFF function of synchronous rectification and includes amplifier which detect input current signal.
Features
Maximum ratings Supply voltage Vcc: 20 V Operating junction temperature Tj-opr: -40 to +125C Electrical characteristics VFB feedback voltage VFB(-): 1.25 V 2.0% UVLO (Under Voltage Lockout) operation start voltage VH: 8.4 V 0.7 V UVLO operation shutdown voltage VL: 8.0 V 0.6 V UVLO hysteresis voltage dVUVL: 0.4 V 0.1 V Output voltage swing of OUT-A, B, C, D, and E for gate drive: GND to VCC Functions R2A20124AFP/R2A20124ASP Full-bridge phase-shift switching circuit with adjustable delay times Pulse by pulse current limit Synchronization I/O for the oscillator Ramp sloping adjustor Error amplifier built-in Soft start function R2A20124AFP Synchronous rectification on/off control Remote on/off control Amplified output of current sense input voltage: CS Package lineup Pb-free LQFP-40: R2A20124AFP Pb-free SOP-20: R2A20124ASP
Ordering Information
Part No. R2A20124AFP-W0 R2A20124AFP-W5 R2A20124AFP-U0 R2A20124AFP-U5 R2A20124ASP-W0 R2A20124ASP-W5 R2A20124ASP-U0 R2A20124ASP-U5 Package Name FP-40EV Package Code PLQP0040JB-C Taping Spec. 2000 pcs./one taping product 2000 pcs./one taping product -- -- 2000 pcs./one taping product 2000 pcs./one taping product -- --
FP-20DAV
PRSP0020DD-B
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
Page 1 of 12
www.DataSheet.in
R2A20124AFP/R2A20124ASP
Preliminary
Modified Points from R2A20121SP
The swing level of the maximum output voltage is changed from VREF to VCC. Ramp sloping compensation circuit is added. Synchronous rectification control is possible to turned off at light load. (only R2A20124AFP) On/off control terminal for Remote is added. (only R2A20124AFP)
Illustrative Circuit
VIN
DC 12 V DC 12 V DC 12 V DC 12 V DC 12 V
Vbias (DC 12 V)
VCC OUT OUT -A -B SEC-CONT(1) REMOTE(1) VREF
CS RAMP
RAMP -SLP
OUT OUT -C -D
OUT OUT -E -F COMP
R2A20124AFP/ASP
FB(-) DELAY CS-1 SS OUT(1) DELAY -2 DELAY -3
PGND SGND RT SYNC
Note: 1. Only R2A20124AFP
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
Page 2 of 12
www.DataSheet.in
R2A20124AFP/R2A20124ASP
Preliminary
Pin Arrangement
R2A20124AFP
RAMP-SLP
SYNC
SGND
PGND
N.C.
N.C.
N.C.
N.C.
N.C.
RT
R2A20124ASP
RAMP N.C. CS CS-OUT N.C. COMP FB(-) SS N.C. N.C.
30 29 28 27 26 25 24 23 22 21 31 20 32 33 34 35 36 37 38 39 40 1 2 3 4 5 6 7 8 9 19 18 17 16 15 14 13 12 11 10
OUT-A OUT-B OUT-C OUT-D N.C. N.C. OUT-E OUT-F N.C. N.C.
SYNC RAMP-SLP RAMP CS COMP FB(-) SS DELAY-1
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
RT GND OUT-A OUT-B OUT-C OUT-D OUT-E OUT-F VCC VREF
DELAY-1
DELAY-2
N.C.
SEC-CONT
REMOTE
VREF
DELAY-3
VCC
N.C.
N.C.
DELAY-2 DELAY-3
N.C.: Non-connection
(Top view) Outline: LQFP-40 (PLQP0040JB-C)
(Top view) Outline: SOP-20 (PRSP0020DD-B)
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
Page 3 of 12
www.DataSheet.in
R2A20124AFP/R2A20124ASP
Preliminary
Pin Functions
LQFP-40 Pin No. 1 2 4 5 6 7 9 13 14 17 18 19 20 22 23 -- 24 27 29 31 33 34 36 37 38 3, 8, 10 to 12, 15, 16, 21, 25, 26, 28, 30, 32, 35, 39, 40 SOP-20 Pin No. 8 9 10 -- -- 11 12 13 14 15 16 17 18 -- -- 19 20 1 2 3 4 -- 5 6 7 -- Pin Name DELAY-1 DELAY-2 DELAY-3 SEC-CONT REMOTE VREF VCC OUT-F OUT-E OUT-D OUT-C OUT-B OUT-A PGND SGND GND RT SYNC RAMP-SLP RAMP CS CS-OUT COMP FB(-) SS N.C. Input/Output Input/Output Input/Output Input/Output Input Input Output Input Output Output Output Output Output Output -- -- -- Input/Output Input/Output Input/Output Input Input Output Output Input Output -- Pin Function Delay time adjustor for the full-bridge control signal (OUT-A and B) Delay time adjustor for the full-bridge control signal (OUT-C and D) Delay time adjustor for the secondary control signal (OUT-E and F) Synchronous rectification on/off control Remote on/off control 5 V/20 mA output IC power supply input Secondary control signal Secondary control signal Full-bridge control signal Full-bridge control signal Full-bridge control signal Full-bridge control signal Ground level for the output signal Ground level for the small signal Ground Timing resistor for the oscillator Synchronization I/O for the oscillator Ramp sloping adjustor Ramp waveform set Current sense signal input for OCP Current sense information amplifier output Error amplifier output Error amplifier negative input Timing capacitor for soft start Open
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
Page 4 of 12
www.DataSheet.in
R2A20124AFP/R2A20124ASP
Preliminary
Block Diagram
R2A20124AFP
VCC
VREF 40 A REMOTE ON: 1.32 V OFF: 1.23 V VREF RT
H L
UVLO
5V GENERATOR VREF H GOOD L
VREF
CIRCUIT BIAS START-UP COUNTER 32 CLOCK OSCILLATOR RES OUT-A VREF GOOD VCC
SYNC
SYNC I/O
Q DELAY-1 VREF GOOD VCC OUT-B DELAY Control Circuit
FB(-)
ERROR VREF AMP 500 A VCC
1.25 V
OUT-C
COMPARATOR COMP VCC 1.135 V RAMP VREF RAMP-SLP RES Phase Shift Control Logic CLAMP CIRCUIT VREF Zero Delay
DELAY-2
OUT-D
DELAY-3 VCC DELAY Control Circuit OUT-E Synchronous Rectification Control Logic
4V 10 A SS VREF GOOD
VCC OUT-F
x3.0
CS-OUT 1.15 V CS 1.4 V
PULSE BY PULSE
RES
heavy load SEC-CONT 2.5 k 10 A 185 k
SGND
PGND
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
Page 5 of 12
www.DataSheet.in
R2A20124AFP/R2A20124ASP R2A20124ASP
VCC
Preliminary
H L
UVLO
5V GENERATOR VREF H GOOD L
VREF
VREF RT
START-UP COUNTER 32 CLOCK
VREF GOOD
CIRCUIT BIAS
VCC OUT-A RES SYNC I/O Q VCC VREF GOOD ERROR VREF AMP 500 A DELAY Control Circuit OUT-B DELAY-1
OSCILLATOR
SYNC
FB(-)
VCC OUT-C
1.25 V
DELAY-2 COMPARATOR COMP 1.135 V RAMP VREF RAMP-SLP RES Phase Shift Control Logic CLAMP CIRCUIT VREF DELAY Control Circuit 4V 10 A SS VREF GOOD VCC OUT-D
Zero Delay DELAY-3 VCC OUT-E Synchronous Rectification Control Logic
VCC OUT-F
PULSE BY PULSE CS 1.4 V RES
GND
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
Page 6 of 12
www.DataSheet.in
R2A20124AFP/R2A20124ASP
Preliminary
Absolute Maximum Ratings
(Ta = 25C)
Item Power supply voltage Peak output current DC output current VREF output current COMP sink current DELAY set current RT set current RAMP-SLP set current VREF terminal voltage Terminal group 1 voltage Operating junction temperature Storage temperature Notes: 1. 2. 3. 4. 5. 6. Symbol Vcc Ipk-out Idc-out Iref-out Isink-comp Iset-delay Iset-rt Iset-ramp-slp Vter-ref Vter-1 Tj-opr Tstg Ratings 20 200 50 -20 2 0.3 0.3 0.3 -0.3 to +6 -0.3 to (Vref + 0.3) -40 to +125 -55 to +150 Unit V mA mA mA mA mA mA mA V V C C Note 1 2, 3 3, 4 3 3 3 3 3 1, 5 1, 6 7
Rated voltages are with reference to the GND or SGND pin. The Rating shows the transient current when driving a capacitive load. For rated currents, inflow to the IC is indicated by (+), and outflow by (-). Total current of OUT-A, Out-B, OUT-C, OUT-D, OUT-E, and OUT-F must be not exceed 90 mA. VREF pin voltage must not exceed VCC pin voltage. Terminal group 1 is defined the pins; REMOTE, RAMP-SLP, SEC-CONT, CS, RAMP, COMP, CS-OUT, FB(-), SS, RT, SYNC, and DELAY-1 to 3 7. Theramal resistance ja
R2A20124AFP (40-pin); 85.3C/W Board condition; Glass epoxy 50 mm 50 mm 1.6 mm, 10% wiring density. R2A20124ASP (20-pin); 120C/W Board condition; Glass epoxy 40 mm 40 mm 1.6 mm, 10% wiring density.
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
Page 7 of 12
www.DataSheet.in
R2A20124AFP/R2A20124ASP
Preliminary
Electrical Characteristics
(Ta = 25C, Vcc = 12 V, RT = 180 k, Rdelay = 51 k, Rramp-slp = 27 k, unless otherwise specified.)
Item SUPPLY: R2A20124AFP/ASP Start threshold Shutdown threshold UVLO hysteresis Start-up current Operating current VREF: R2A20124AFP/ASP Output voltage Line regulation Load regulation Temperature stability OSCILLATOR: R2A20124AFP/ASP Oscillator frequency Switching frequency Line stability Temperature stability RT voltage SYNC: R2A20124AFP/ASP Input threshold Output high Output low Minimum input pulse Output pulse width REMOTE: R2A20124AFP On threshold voltage Off threshold voltage REMOTE hysteresis Input bias current FB(-) input voltage FB(-) input current Open-loop DC gain Unity gain bandwidth Output source current Output sink current Output high voltage Output low voltage Output clamp voltage *
3
Symbol VH VL dVUVL Is Icc Vref Vref-line Vref-load dVref/dTa fosc fsw fsw-line dfsw/dTa VRT VTH-SYNC VOH-SYNC VOL-SYNC TI-MIN TO-SYNC VON-REMOTE VOFF-REMOTE dVREMOTE IREMOTE VFB(-) IFB(-) Av BW ISOURCE ISINK VOH-EO VOL-EO VCLAMP-EO
Min 7.7 7.4 0.3 -- -- 4.9 -- -- -- -- 85 -1.5 -- 2.5 2.5 3.5 -- 50 -- 1.12 1.04 60 -100 1.225 -2.0 -- -- -650 2.0 3.7 -- -0.16
Typ 8.4 8.0 0.4 90 8 5.0 0 6 80*1 200*1 100 0 0.1*1 2.7 2.85 4.0 0.05 -- 3.0*1 1.32 1.23 90 -50 1.250 0 80*1 2*
1
Max 9.1 8.6 0.5 150 11.5 5.1 10 20 -- -- 115 1.5 -- 2.9 3.2 -- 0.15 -- -- 1.52 1.42 120 -- 1.275 2.0 -- -- -390 -- -- 0.4 0.0
Unit V V V A mA V mV mV ppm/C kHz kHz % %/C V V V V ns s V V mV A V A dB MHz A mA V V V
Test Conditions
Vcc = 7.5 V No load on VREF pin
Vcc= 10 V to 16 V Iref= -1 mA to -20 mA Ta = -40C to 105C
Measured on OUT-A, -B Vcc = 10 V to 16 V Ta = -40C to 105C
RSYNC = 33 k to GND *2 RSYNC = 33 k to VREF
REMOTE = 2 V FB(-) and COMP are shorted FB(-) = 1.25 V
ERROR AMPLIFIER: R2A20124AFP/ASP
-500 6.5 3.9 0.1 -0.07
FB(-) = 0.75 V, COMP = 2 V FB(-) = 1.75 V, COMP = 2 V FB(-) = 0.75 V, COMP; open FB(-) = 1.75 V, COMP; open FB(-) = 0.75 V, COMP; open, SS = 1 V
Notes: 1. Design specification (reference data) 2. R2A20124AFP: SGND and PGND 3. VCLAMP-EO = VCOMP - SS voltage (1 V)
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
Page 8 of 12
www.DataSheet.in
R2A20124AFP/R2A20124ASP
Preliminary
Electrical Characteristics (cont.)
(Ta = 25C, Vcc = 12 V, RT = 180 k, Rdelay = 51 k, Rramp-slp = 27 k, unless otherwise specified.)
Item RAMP offset voltage RAMP source current RAMP sink current Minimum phase shift Maximum phase shift Delay to OUT-C, -D *2 RAMP discharge time *1 RAMP-SLP voltage DELAY: R2A20124AFP/ASP DELAY-1, -2 *3 DELAY-3 *3 DELAY2-1, -2 *1*3 DELAY2-3 *1*3 Terminal voltage SOFT START: R2A20124AFP/ASP Source current SS high voltage ISS VOH-SS -14 3.9 -10 4.0 -6 4.1 A V SS = 1 V TD1, 2 TD3 TD2_1, _2 TD2_3 VD1, 2, 3 70 45 140 110 1.9 100 65 220 170 2.0 130 85 300 230 2.1 ns ns ns ns V Delay set R = 51 k Delay set R = 51 k Delay set R = 180 k Delay set R = 180 k Delay set R = 51 k Symbol VRAMP Isource-RAMP ISINK-RAMP Dmin Dmax Tpd Tdis VRAMP-SLP Min 1.035 -220 3 -- -- -- -- 2.1 Typ 1.135 -185 10 0*1*4 97.0* * 100 80 2.3
14
Max 1.235 -150 -- -- -- 200 120 2.5
Unit V A mA % % ns ns V
Test Conditions
PHASE MODULATOR: R2A20124AFP/ASP RAMP = 0.15 V, COMP; open RAMP = 0.15 V, COMP = 0 V RAMP = 0 V, COMP = 0 V RAMP = 0 V, COMP = 2.1 V COMP = 1.6 V FB(-) = 0.75 V, COMP; open
Notes: 1. Design specification (reference data) 2. Tpd is defined as; 1V RAMP 50% 0V
OUT-C/D VCC 0V Tpd 50%
3. TD1, TD2, and TD3 are defined as;
TD1 OUT-A OUT-B For primary control OUT-C TD2 OUT-D OUT-E For secondary control OUT-F TD3 TD3 TD2 50% TD1
4. Maximum/Minimum phase shift is defined as; T2 D= x 2 x 100 (%) T1
OUT-A T2 OUT-D T1
OUT-B T2 OUT-C T1
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
Page 9 of 12
www.DataSheet.in
R2A20124AFP/R2A20124ASP
Preliminary
Electrical Characteristics (cont.)
(Ta = 25C, Vcc = 12 V, RT = 180 k, Rdelay = 51 k, Rramp-slp = 27 k, unless otherwise specified.)
Item Pulse-by-pulse current limit threshold Delay to OUT pins *1 CS sink current OUTPUT: R2A20124AFP/ASP High voltage Low voltage Rise time Fall time Timing offset *2 Tranceconductance Forced synchronous rectification on voltage Forced synchronous rectification off voltage Input bias current-1 Input bias current-2 Current hysteresis VOH-OUT VOL-OUT tr tf TD4 gm Von-sec-cont Voff-sec-cont ISEC-CONT1 ISEC-CONT2 dISEC-CONT 11.5 -- -- -- -- 15 4.6 -- 5 10 5 11.9 0.05 30 30 20 20 -- -- 10 20 10 -- 0.2 100 100 140 25 -- 0.4 20 40 20 V V ns ns ns s V V A A A CS = 0.4 V CS = 1 V CS = 0 V CS = 0 V, SEC-CONT = 2.1 V CS = 1 V, SEC-CONT = 2.1 V IOUT = -2 mA IOUT = 2 mA COUT = 100 pF COUT = 100 pF Symbol VCS-PP Tpd-cs ISINK-CS Min 1.26 -- 2 Typ 1.4 100 5 Max 1.54 200 -- Unit V ns mA Test Conditions SEC-CONT = 0.3 V (AFP) CS = 0 V to 1.57 V, SEC-CONT = 0.3 V (AFP) CS = 0.15 V, COMP = 0 V OVER CURRENT PROTECTION: R2A20124AFP/ASP
POWER INFORMATION AMPLIFIER: R2A20124AFP SECONDARY CONTROL: R2A20124AFP
Notes: 1. Tpd-cs is defined as; 1.57 V CS 0
50% 50% Tpd-cs
OUT-C/D
2. TD4 is defined as; 50% OUT-D
OUT-E TD4
OUT-C OUT-F
50%
50%
50% TD4
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
Page 10 of 12
www.DataSheet.in
R2A20124AFP/R2A20124ASP
Preliminary
Timing Diagram
Note: All voltage, current, time shown in the diagram is typical value.
* Full Bridge and Secondary Control: R2A20124AFP/ASP
TD1 OUT-A TD1 OUT-B TD2 OUT-C TD2 OUT-D TD3 OUT-E TD3 OUT-F
* Full Bridge and Secondary Control: R2A20124AFP (SEC-CONT > 4.6 V)
TD1 OUT-A TD1 OUT-B TD2 OUT-C TD2 OUT-D OUT-E OUT-F Low-fixed Low-fixed
VIN OUT-A
DRIVE
MA
MC
DRIVE
OUT-C
OUT-B
DRIVE
MB
MD
DRIVE
OUT-D
DRIVE
RAMP
ME
MF
DRIVE
OUT-E External Power Stage
OUT-F
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
Page 11 of 12
www.DataSheet.in
R2A20124AFP/R2A20124ASP
Preliminary
Package Dimensions
JEITA Package Code P-LQFP40-7x7-0.65 RENESAS Code PLQP0040JB-C Previous Code FP-40EV MASS[Typ.] 0.2g
HD
*1
D 21
30
31
20 bp
NOTE) 1. DIMENSIONS"*1"AND"*2" DO NOT INCLUDE MOLD FLASH 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
*2
HE
E
40
11
Terminal cross section ( Ni/Pd/Au plating )
c
Reference Dimension in Millimeters Symbol
ZE
1 ZD Index mark
10 F
A1
L L1
Detail F
e
*3
bp y
x
M
D E A2 HD HE A A1 bp b1 c c1 e x y ZD ZE L L1
Nom Max 7.0 7.0 1.40 8.8 9.0 9.2 8.8 9.0 9.2 1.70 0.08 0.13 0.22 0.17 0.22 0.27 0.10 0.15 0.20 0 0.65 0.13 0.10 0.575 0.575 0.40 0.50 0.60 1.0 8
Min
A
A2
JEITA Package Code P-SOP20-5.5x12.6-1.27
RENESAS Code PRSP0020DD-B
Previous Code FP-20DAV
MASS[Typ.] 0.31g
*1
D 11
c
F
20
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
Index mark
*2
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
10 bp x M L1
c
Reference Dimension in Millimeters Symbol
y
A1
L
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 12.60 13.0 5.50
0.00 0.10 0.20 2.20 0.34 0.40 0.46 0.15 0.20 0.25 0 8 7.50 7.80 8.00 1.27 0.12 0.15 0.80 0.50 0.70 0.90 1.15
REJ03D0928-0200 Rev.2.00 Aug 03, 2010
A
Page 12 of 12
www.DataSheet.in
Notice
1. All information included in this document is current as of the date this document is issued. Such information, however, is subject to change without any prior notice. Before purchasing or using any Renesas Electronics products listed herein, please confirm the latest product information with a Renesas Electronics sales office. Also, please pay regular and careful attention to additional and different information to be disclosed by Renesas Electronics such as that disclosed through our website. 2. Renesas Electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property rights of third parties by or arising from the use of Renesas Electronics products or technical information described in this document. No license, express, implied or otherwise, is granted hereby under any patents, copyrights or other intellectual property rights of Renesas Electronics or others. 3. 4. You should not alter, modify, copy, or otherwise misappropriate any Renesas Electronics product, whether in whole or in part. Descriptions of circuits, software and other related information in this document are provided only to illustrate the operation of semiconductor products and application examples. You are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. Renesas Electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 5. When exporting the products or technology described in this document, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. You should not use Renesas Electronics products or the technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. Renesas Electronics products and technology may not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. 6. Renesas Electronics has used reasonable care in preparing the information included in this document, but Renesas Electronics does not warrant that such information is error free. Renesas Electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information included herein. 7. Renesas Electronics products are classified according to the following three quality grades: "Standard", "High Quality", and "Specific". The recommended applications for each Renesas Electronics product depends on the product's quality grade, as indicated below. You must check the quality grade of each Renesas Electronics product before using it in a particular application. You may not use any Renesas Electronics product for any application categorized as "Specific" without the prior written consent of Renesas Electronics. Further, you may not use any Renesas Electronics product for any application for which it is not intended without the prior written consent of Renesas Electronics. Renesas Electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any Renesas Electronics product for an application categorized as "Specific" or for which the product is not intended where you have failed to obtain the prior written consent of Renesas Electronics. The quality grade of each Renesas Electronics product is "Standard" unless otherwise expressly specified in a Renesas Electronics data sheets or data books, etc. "Standard": Computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment; home electronic appliances; machine tools; personal electronic equipment; and industrial robots. "High Quality": Transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; safety equipment; and medical equipment not specifically designed for life support. "Specific": Aircraft; aerospace equipment; submersible repeaters; nuclear reactor control systems; medical equipment or systems for life support (e.g. artificial life support devices or systems), surgical implantations, or healthcare intervention (e.g. excision, etc.), and any other applications or purposes that pose a direct threat to human life. 8. You should use the Renesas Electronics products described in this document within the range specified by Renesas Electronics, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. Renesas Electronics shall have no liability for malfunctions or damages arising out of the use of Renesas Electronics products beyond such specified ranges. 9. Although Renesas Electronics endeavors to improve the quality and reliability of its products, semiconductor products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. Further, Renesas Electronics products are not subject to radiation resistance design. Please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a Renesas Electronics product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measures. Because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 10. Please contact a Renesas Electronics sales office for details as to environmental matters such as the environmental compatibility of each Renesas Electronics product. Please use Renesas Electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. Renesas Electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 11. This document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent of Renesas Electronics. 12. Please contact a Renesas Electronics sales office if you have any questions regarding the information contained in this document or Renesas Electronics products, or if you have any other inquiries. (Note 1) (Note 2) "Renesas Electronics" as used in this document means Renesas Electronics Corporation and also includes its majority-owned subsidiaries. "Renesas Electronics product(s)" means any product developed or manufactured by or for Renesas Electronics.
SALES OFFICES
Refer to "http://www.renesas.com/" for the latest and detailed information. Renesas Electronics America Inc. 2880 Scott Boulevard Santa Clara, CA 95050-2554, U.S.A. Tel: +1-408-588-6000, Fax: +1-408-588-6130 Renesas Electronics Canada Limited 1101 Nicholson Road, Newmarket, Ontario L3Y 9C3, Canada Tel: +1-905-898-5441, Fax: +1-905-898-3220 Renesas Electronics Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K Tel: +44-1628-585-100, Fax: +44-1628-585-900 Renesas Electronics Europe GmbH Arcadiastrasse 10, 40472 Dusseldorf, Germany Tel: +49-211-65030, Fax: +49-211-6503-1327 Renesas Electronics (China) Co., Ltd. 7th Floor, Quantum Plaza, No.27 ZhiChunLu Haidian District, Beijing 100083, P.R.China Tel: +86-10-8235-1155, Fax: +86-10-8235-7679 Renesas Electronics (Shanghai) Co., Ltd. Unit 204, 205, AZIA Center, No.1233 Lujiazui Ring Rd., Pudong District, Shanghai 200120, China Tel: +86-21-5877-1818, Fax: +86-21-6887-7858 / -7898 Renesas Electronics Hong Kong Limited Unit 1601-1613, 16/F., Tower 2, Grand Century Place, 193 Prince Edward Road West, Mongkok, Kowloon, Hong Kong Tel: +852-2886-9318, Fax: +852 2886-9022/9044 Renesas Electronics Taiwan Co., Ltd. 7F, No. 363 Fu Shing North Road Taipei, Taiwan Tel: +886-2-8175-9600, Fax: +886 2-8175-9670 Renesas Electronics Singapore Pte. Ltd. 1 harbourFront Avenue, #06-10, keppel Bay Tower, Singapore 098632 Tel: +65-6213-0200, Fax: +65-6278-8001 Renesas Electronics Malaysia Sdn.Bhd. Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No. 18, Jln Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: +60-3-7955-9390, Fax: +60-3-7955-9510 Renesas Electronics Korea Co., Ltd. 11F., Samik Lavied' or Bldg., 720-2 Yeoksam-Dong, Kangnam-Ku, Seoul 135-080, Korea Tel: +82-2-558-3737, Fax: +82-2-558-5141
http://www.renesas.com
(c) 2010 Renesas Electronics Corporation. All rights reserved. Colophon 1.0
www.DataSheet.in


▲Up To Search▲   

 
Price & Availability of R2A20124AFP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X