Part Number Hot Search : 
BU508DW NE720A LT1S021 AWS5504 D8222EFV 1N5819 PRODUCTS AP4511GM
Product Description
Full Text Search
 

To Download NKA101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TABLE OF CONTENTS
Description of Terminology.............................................................................................2 Structural Drawing ......................................................................................................2 Reliability Test and Measuring Method ...........................................................................2 Handling Precautions ...................................................................................................3 Super Bright LED Light Bar Module Description of Part Number ....................................................................................4 Characteristics by Color ..........................................................................................4 LED Light Bar Module Product Line ........................................................................4-7 Super Bright LED Numeric Display (Seven Segment Display) Description of Part Number ..........................................................................................8 Characteristics by Color .............................................................................................8 7.5mm Type ...............................................................................................................9 10.0mm Type .........................................................................................................10-12 15.0mm Type ............................................................................................................13 25.0mm Type ............................................................................................................14 Bi-Color LED Numeric Display.............................................................................................15 Alpha Numeric LED Display ..........................................................................................16 Index by Part Number .............................................................................................17-19
www..com
1
DESCRIPTION OF TERMINOLOGY
ITEMS Absolute Max. Ratings Power dissipation Forward current Peak forward current Current derating Forward voltage Reverse current Luminous intensity Peak wavelength Spectral line half width SYMBOLS (Pd) (IF) (IFM) (IF) (VF) (IR) (IV) (p) () DEFINITION Power dissipated by forward current and forward voltage Current from anode to cathode Forward peak current driven during pulse lighting Derating over 25C ambient temperature Voltage drop when forward current goes from anode to cathode Leakage current when bias voltage is applied from cathode to anode Flux in lumens per unit of solid angle on optical axis Wavelength at which radiant intensity becomes greatest Wavelength range in which radiant intensity becomes more than 50% of its peak value UNIT (mW) (mA) (mA) (mA/C) (V) (A) (mcd) (nm) (nm)
www..com
RELIABILITY TEST AND MEASURING METHOD
Items to be Guaranteed for LEDs
TEST ITEM Operating Endurance Test STANDARDS TEST CONDITION Ta=25C, IF=Maximum Rated Current, t=1000 Hrs. 260+5C, 10+1sec., 3mm from package base -30C (30 min) to normal temperature (15 min) to +100C (30 min) To normal temperature (15 min) 5 cycles Ta=60+2C, RH=90+5%, t=1000Hr Ta=100+2C, t=1000Hr Ta=30+2C, t=1000Hr *1kg/10 sec. one time (thin lead: 0.5kg) 10G, 100 to 2000Hz sweep for 20 min., 2 hours for directions X, Y and Z SAMPLE SIZE 25 25 25 25 25 25 10 10
Measuring Method
Luminous Intensity (Iv)
Detector 7 100mm (0.01sr) Dark room
Electro-optical characteristics
JIS C 7035 Added documents JIS C 7021 Resistance to Soldering Heat A-1 JIS C 7021 Temperature Cycling A-4 JIS C 7021 Humidity (Steady State) B-11 JIS C 7021 High Temperature (Storage) B-10 JIS C 7021 Low Temperature (Storage) A-12 JIS C 7021 Lead Tension A-11 JIS C 7021 Vibration Fatigue A-10
Structural Drawing for Numeric Display
Epoxy resin
LED chip
Lamp house
LED
A Constant Current Power Supply
Lead frame
2
HANDLING PRECAUTIONS
Soldering Conditions
Please refer to each product to see if it's compatible with lead-free soldering.
Conventional Soldering Conditions SOLDERING IRON DIP SOLDERING
Pre-heat: 80C Max. / 60 sec. Max. (Resin surface temperature) Bath Temperature: 260C Max. Dipping Time: 5 sec. Max. Position: At least 3.0mm away from resin body
REFLOW SOLDERING
Iron Tip Temperature: 300C Max. (30W Max.) Soldering Time: 3 Seconds Max. Location: At least 3.0mm away from resin
Not recommended
www..com
Lead-Free Soldering Conditions SOLDERING IRON
Iron Tip Temperature: 400C Max. Soldering Iron: 30W Max. Soldering Time: 3 Seconds Max. Position: At least 2.0mm away from resin
DIP SOLDERING
Pre-heat: 100C Max. / 60 seconds Max. (Resin surface temperature) Bath Temperature: 265C Max. Dipping time: 5 sec. Max. Position: At least 2.0mm away from resin body
REFLOW SOLDERING
Not recommended
Cleaning
Residual solder of flux left on the LED housing could reduce intensity and could affect the optical characteristics. Excess flux can be removed by the following chemical method: 1. Cleaning solvents (dipping time: 3 minutes maximum at normal temperature) * Ethyl alcohol * Isopropyl alcohol * Pure water (after cleaning, the water must be removed by drying) * Drying condition: 90C max., 30 sec. max. and 4 times max. 2. The effect of ultrasonic cleaning on the LED resin body depends on such factors as the oscillator output, size of PCB and LED mounting method. Ultrasonic cleaning is strongly recommended after confirming that there are no problems. 1. Ultrasonic wave frequency: 28 kHz or 40 kHz 2. Output: 20 W/I 3. The solvent for freon equivalent (recommended after confirming that there are no problems). * AK-225AES * Clean through * Pine alpha ST-100S
Chemicals Ethyl alcohol Isopropyl alcohol Pure water Freon substitute detergent AK225AES Clean through 705H Pine alpha ST-100S
* DIP Soldering and cleaning is not recommended for Alpha-Numeric (AAR121and AAA121) LED displays.
3
SUPER BRIGHT LED LIGHT BAR MODULE
Stanley's MU series of super-bright LED light bar modules can be selected from a wide variety of configurations and colors to suit a broad range of requirements. By using front mask patterns, including letters, numbers and even graphics, this series is usable for a myriad of display applications.
Description of Part Number
MU 0 2 - 2 2 0 1
Characteristics by Color
Part No. Material Emitted Color Forward Current IF " 1 2" " " 3" " " 4" " " 5" "1 5" "2 5" "5 9 " "1 GaAIAs GaAsP GaP GaP GaP (Red) (Orange) (Yellow) (Pure Green) (Green) (Pure Green) (Red) (Pure Green) (Red) (Yellow) (Red) (Orange) 30 25 30 25 30 25 30 25 30 30 30 25 mA Peak Forward Current I FM " 2 60 60 60 60 60 60 60 60 60 60 60 60 mA
Shape Code
Emitted color
Suffix
2.Red 3.Orange 4.Yellow 5.Green / Pure Green
Electro-Optical Characteristics Forward Voltage Derating IF 0.40 0.33 0.40 0.33 0.40 0.33 0.40 0.33 0.40 0.40 0.40 0.33 mA/C TYP. 1.7 2.2 2.1 2.2 2.1 2.2 1.7 2.2 1.7 2.1 1.7 2.2 V VF MAX. 2.0 2.5 2.5 2.5 2.5 2.5 2.0 2.5 2.0 2.5 2.0 2.5 IF 20 20 20 20 20 20 20 20 20 20 20 20 mA MAX. 100 100 100 100 100 100 100 100 100 100 100 100 A Reverse Current IR VR 4 4 4 4 4 4 4 4 4 4 4 4 V
Peak p
Ta=25C
Wavelength
Spectral Line Half Width
Absolute Maximum Ratings Reverse Voltage VR 4 4 4 4 4 4 4 4 4 4 4 4 V Operating Temperature Topr " 3 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 C Storage Temperature Tstg " 4 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85 -40~+85
T Y P. 660 605 570 555 560 555 660 555 660 570 660 605 nm
TYP 30 30 30 30 30 30 30 30 30 30 30 30
IF 20 20 20 20 20 20 20 20 20 20 20 20 mA
www..com
GaP GaAIAs GaP GaAIAs 9" "2 GaP GaAIAs 9" "3 GaAsP Units
" 1 : MU91, MU92 and MU93 series are all 30 mA. " 2 : tw 2 msec, duty 1/5 However, for the MU91, MU92 and MU93 series, 300 mA for red and 100 mA for yellow, orange and pure green (tw 1 msec, duty 1/20) " 3 " 4 : For MU91, MU92 and MU93 series, the temperature range is -30C to +85C.
Characteristics by Shape
Shape Part No. Emitted Color Resin Color Red Milky White Orange Milky White Yellow Milky White Green Green Milky White Green Red Milky White Orange Milky White Yellow Milky White Green Green Milky White Milky White mm 6x9 (7 x 10) 14 x 14 (15 x 15) Light Emitting Surface (Outer Size)
No. of Chips
Ta=25C
Absolute Max. Rating Power Dissipation Pd 240 240 250 250 300 300 250 300 250 240 250 120 120 125 125 150 150 125 150 125 60 62.5 mW Electro-Optical Characteristics Luminous Intensity MIN. 20 20 10 10 20 20 10 15 10 8 8 10 10 5 5 10 10 3 8 5 5 3 mcd TYP. 42 42 20 20 42 42 20 32 20 12 12 20 20 10 10 20 20 7 16 10 7 4 Iv IF 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 mA 3 2 1 fig.
MU02-2201 MU02-2205 MU02-3201
Red
4 4 4 4 4 4 4 4 4 4 4 2 2 2 2 2 2 2 2 2 1 1 pcs
*
MU02-3205 MU02-4201 MU02-4205 MU02-5201 MU02-5202 MU02-5205 MU02-9301 MU03-2201 MU03-2205 MU03-3201 MU03-3205
Orange
Yellow Pure Green Green Pure Green Red Pure Green Red
Orange
*
MU03-4201 MU03-4205 MU03-5201 MU03-5202 MU03-5205 MU03-9201 Units
Yellow Pure Green Green Pure Green Red Pure Green
* Lead-free soldering compatible product
Package Dimensions
fig.1
unit : mm
Tolerance : 0.25mm
fig.2
15 14
15 14 10 9 8 7 6 +++++
10 1
5.5MIN.
+++++ 12345 (Top View) 10 9 8 7 6 G RRG 0.5 (2.54) (10.16) GRRG 12345
4
0.25 (12.7)
SUPER BRIGHT LED LIGHT BAR MODULE
Characteristics by Shape
Shape Part No. Emitted Color Resin Color Red Milky White Orange Milky White Yellow Pure Green Green Pure Green Red Orange Yellow Pure Green Red Orange Yellow Pure Green Red Pure Green Yellow Milky White Green Green Milky White Red Orange Yellow Green Red Orange Yellow Green Green mm 14x16 (15x17) 6x29 (7x30) 6x19 (7x20) Light Emitting Surface (Outer Size) No. of Chips 3 3 3 3 3 3 3 3 3 5 5 5 5 4 4 4 4 4 4 pcs Absolute Max. Rating Power Dissipation Pd 180 180 190 190 225 225 190 225 190 300 320 375 320 240 250 300 250 240 250 mW Electro-Optical Characteristics Luminous Intensity MIN. 15 15 8 8 15 15 8 10 8 20 10 20 10 20 10 20 10 8 8 mcd TYP. 32 32 16 16 32 32 16 20 16 40 20 40 20 40 20 40 20 12 12 Iv IF 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 mA 7 6 5 4 fig.
Ta=25C
MU04-2101 MU04-2105 MU04-3101
Red
*
MU04-3105 MU04-4101 MU04-4105 MU04-5101 MU04-5102 MU04-5105
Orange
*
www..com
MU07-2101 MU07-3101 MU07-4101 MU07-5101 MU08-2201
*
MU08-3201 MU08-4201 MU08-5201 MU08-9301 Units
* Lead-free soldering compatible product
Package Dimensions
fig.3
7 6 (2.2) 10 9 6.5 4MIN. 0.5 0.25
unit : mm
Tolerance : 0.25mm
fig.4
(Top View) RG "9201Type only 1 2 3
+++
7 6
++++++
123 View)
1234 5 6 (Top View)
"2250Type only
0.5 1 (2.54) (5.08)
2
3
1
2
3
1.5 (2.54) (12.7) 0.5 1 23 456
++++
0.25
fig.5
fig.6
15 14
17 16 8765
7 4MIN. 3.5 1 1
++++
1234
(Top View) 8 76 5
0.5 (2.54) (7.62) 15 1 23 4
+++++
0. 25
fig.7
17 16 10 9 8 7 6
7 5.5MIN. 3.5 1 1
(12.7)
15 14
+++++
12 34 5
2
(Top View)
10 9 8 7 6 GRRG 0.5 (2.54)
(10.16) 15
G RRG 12345
(12.7)
2
0.25
(2.2)
20 19
6.5 4MIN. 0.5
5
SUPER BRIGHT LED LIGHT BAR MODULE
Characteristics by Shape
Shape Part No. Emitted Color Red Pure Green Red Yellow Red Orange Milky White Red Orange Yellow Green Milky White 9x9 Milky White Red Milky White Orange Milky White Yellow Milky White Green Milky White Red Milky White Orange Milky White Yellow Milky White Green Milky White mm 4x19 (5x20) 4x12 (5x13) (10.1x10.1) 4.6x9.5 (5.6x10.5) Resin Color Light Emitting Surface (Outer Size) No. of Chips 1 2 6.4 ( 7) 1 2 1 2 2 2 2 2 1 5 1 5 2 2 2 2 2 2 2 2 3 3 3 3 3 3 3 3 pcs Absolute Max. Rating Power Dissipation Pd 60 125 60 150 60 125 120 125 150 125 60 310 60 375 120 120 125 125 150 150 125 125 180 180 190 190 225 225 190 190 mW Electro-Optical Characteristics Luminous Intensity MIN. 4 4 4 6 4 4 10 5 10 5 6 7 6 20 8 8 6 6 8 8 4 4 12 12 9 9 12 12 5 5 mcd TYP. 8 6 8 12 8 8 20 10 20 10 12 14 12 40 16 16 12 12 16 16 8 8 24 24 18 18 24 24 10 10 Iv IF 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 mA 12 11 10 9 8 fig.
Ta=25C
*
MU09-9101
Milky White
MU09-9102
Milky White
MU09-9103
*
MU11-2201 MU11-3201 MU11-4201 MU11-5201
Red Orange Yellow Pure Green Red Pure Green Red Yellow Red
* www..com
MU13-9101
MU13-9102 MU16-2101 MU16-2105 MU16-3101 MU16-3105 MU16-4101 MU16-4105 MU16-5101 MU16-5105
*
Orange
Yellow
Pure Green
*
MU17-2101 MU17-2105 MU17-3101 MU17-3105 MU17-4101 MU17-4105 MU17-5101 MU17-5105 Units
Red
Orange
Yellow
Pure Green
* Lead-free soldering compatible product
Package Dimensions
fig.8
unit : mm
Tolerance : 0.25mm
fig.9
5.6 4.6
10.5 9.5
+++
5.6 4MIN. 0.5
0.25 0.5 (2.54)
(Top View)
123
(5.08)
fig.10
fig.11
6
(2.2)
123
SUPER BRIGHT LED LIGHT BAR MODULE
Characteristics by Shape
Shape Part No. Emitted Color Resin Color Red Milky White Orange Milky White Yellow Yellow Milky White Green Milky White Red Orange Yellow Pure Green Red Orange Yellow Pure Green Red Orange Yellow Pure Green Red Orange Yellow Green Red Orange Yellow Green Red Orange Yellow Green mm 10x10 (10x10) 9x5 (9x5) 6x6 (6x6) 5x9 (6x10) Light Emitting Surface (Outer Size) No. of Chips 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 pcs Absolute Max. Rating Power Dissipation Pd 60 60 62.50 62.50 75 75 62.50 62.50 60 75 75 75 60 75 75 75 60 75 75 75 mW Electro-Optical Characteristics Luminous Intensity MIN. 4 4 3 3 4 4 2 2 3 3 3 1.2 3 3 3 1.2 4 4 4 1.5 mcd TYP. 8 8 6 6 8 8 4 4 6 6 6 2.4 6 6 6 2.4 8 8 8 3 Iv IF 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 mA 16 15 14 13 fig.
Ta=25C
*
MU20-2101 MU20-2105 MU20-3101 MU20-3105 MU20-4101 MU20-4105 MU20-5101 MU20-5105
Red
Orange
Pure Green
*
www..com
MU91-2001 MU91-3001 MU91-4001 MU91-5001 MU92-2001 MU92-3001 MU92-4001 MU92-5001
*
*
MU93-2001 MU93-3001 MU93-4001 MU93-5001 Units
* Lead-free soldering compatible product
Package Dimensions
fig.12
unit : mm
Tolerance : 0.25mm
fig.13
6 5
10 9
1 (2)
8 0.5
25MIN.
1 (2.5)
3.8 27MIN.
0.4
0.6MAX. 0.4
fig.14
fig.15
fig.16
10
14.5MIN.
0.4
(2.5)
16.5MIN.
0.6MAX.
4.6
1 15
10
2
7
SUPER BRIGHT LED NUMERIC DISPLAY (SEVEN SEGMENT DISPLAY)
Stanley's Numeric Displays which incorporate super-bright LEDs produce vivid, brilliant displays. Available colors are red, pure green, green, yellow and orange. Display types include segment type (character heights 7.5mm to 25mm) and the alpha-numeric type (character heights 25mm and 51mm). These are suitable for dynamic drive due to the low-current drive characteristics.
Description of Part Number
Characteristics by Color
www..com
Size Part No. Material Emitted Color
Chip/ Segment
Ta=25C
Absolute Maximum Rating Power Forward Peak Reverse Dissipation Current Forward Voltage Current Pd IF IFM TR 37.5 40 48 48 60 40 63 48 63 48 36 60 63 63 36 120 126 126 80 96 mW 20 mA 15 20 20 20 30 20 25 20 25 20 15 30 25 25 15 30 25 25 60 80 80 80 120 80 100 80 100 80 70 120 100 100 70 120 100 100 1 40 mA 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 1 2 2 2 2 2 4 4 4 4 4 4 V -30~+70 C -30~+80 -30~+70 -20~+85 -20~+85 -20~+85 Operating Temp Topr -30~+85 -30~+85 -30~+85 -30~+85 -40~+85 -30~+85 -40~+85 -40~+85 -40~+85 -30~+85 -30~+70 -40~+85 -40~+85 -40~+85 Storage Temp Tstg -30~+85 -30~+85 -30~+85 -30~+85 -40~+85 -30~+85 -40~+85 -30~+85 -40~+85 -30~+85 -30~+80 -40~+85 -40~+85 -40~+85 -30~+80 -20~+85 -20~+85 -20~+85 Electro-Optical Characteristics Forward Voltage VF TYP. 2.0 1.7 2.0 2.0 1.7 1.7 2.2 2.0 2.2 2.0 1.7 2.0 1.7 2.2 2.2 1.7 2.0 3.4 4.4 4.4 3.4 4.0 V MAX. 2.5 2.0 2.4 2.4 2.0 2.0 2.5 2.4 2.5 2.4 2.0 2.4 2.0 2.5 2.5 2.0 2.4 4.0 5.0 5.0 4.0 4.8 IF 10 10 10 10 20 10 20 10 20 10 10 10 20 20 20 10 10 20 20 20 10 10 mA 100 A 4 V 20 100 100 100 4 8 8 8 20 100 100 100 4 4 4 4 Reverse Current IR MAX. 100 100 100 100 100 100 100 100 100 100 VR 4 4 4 4 4 4 4 4 4 4 Wavelength p TYP 700 660 565 605 660 660 565 565 605 605 660 570 660 565 605 660 570 660 565 605 660 570 nm IF 10 10 10 10 20 10 20 10 20 10 10 10 20 20 20 10 10 20 20 20 10 10 mA 0.33 mA/C 0.22 0.41 0.34 0.34 0.22 0.41 0.34 0.34 Derating
IF
N " R13 " 7.5 N " R13 " S,ME N " G 1 3 " P, S P, M P N " A13 " ,S,M N " R14" ,N" R24 N " R14" S N " G 1 4 " P, N " G 2 4 P 10 N " G14" SP N " A14" ,N" A24" N " A14" S NARG14" N " R16" ,N" R26" N " G 1 6 " P, N " G 2 6 " P 15 N " A16" ,N" A26" NARG16" N " R10" N " G10" P 25 N " A10" NARG10"
GaP(Red) GaAIAs(Red) GaP(Green) GaAsP(Orange) GaAIAs(Red) GaAIAs(Red) GaP(Green) GaP(Green) GaAsP(Orange) GaAsP(Orange) GaAIAs(Red) GaP(Green) GaAIAs(Red) GaP(Green) GaAsP(Orange) GaAIAs(Red) GaP(Green) GaAIAs(Red) GaP(Green) GaAsP(Orange) GaAIAs(Red) GaP(Green)
1 1 1 1 1 1 1 1 1 1 1 1 1 1
0.25 0.33 0.33 0.33 0.41 0.33 0.34 0.33 0.34 0.33
mm
Units
"1 : NARG 10# type in dynamic drive has a duty cycle of 1/2 and f=500Hz and the others have a duty cycle of 1/5 and f =1 kHz.
* Number of chips per segment * Ratings and specifications are for one segment * When both colors of a bi-color LED are driven simultaneously, the rating of NARG types are the total of the Pd, 1F and 1FM values.
8
SUPER BRIGHT LED NUMERIC DISPLAY
7.5mm Type
Case Size (WXH) Part No. Shape Anode Common Arrow feather type 7.0 X 11.0 NAR131S/133S NAG131SP/133SP NAA131S/133S Arrow feather type 10.0 X 15.0 NAG131ME/133ME Cathode Common NKR131S/133S NKG131SP/133SP NKA131S/133S NKR131ME/133ME Red Green Orange Red Green Orange Red Green Orange Emitted Color MIN. 1.4 1 0.6 1.2 0.6 0.8 0.3 0.6 0.8 Rank B TYP. 2.8 2 1.2 2.4 1.2 1.6 0.6 1.2 1.6 mcd MIN. 2.8 -- -- -- -- -- -- -- -- Luminous Intensity Iv Rank C TYP. 5.6 -- -- -- -- -- -- -- -- IF 10 10 10 10 10 10 10 10 10 mA 3 2 1 fig.
Ta=25C
NAG131MP/133MP NKG131MP/133MP NAA131M/133M Arrow feather type NAR131/133 NAG131P/133P NAA131/133 NKA131M/133M NKR131/133 NKG131P/133P NKA131/133
www..com 10.0
X 19.0
mm
Units
Package Dimensions
fig.1
4.0 10
unit : mm
Tolerance : 0.25mm
S Type
fig.2
5 4 2 0.1 f e d 0.5 a (8) g b c DP
1.0 2.5 7
3.5
1 2 3 4 5
10 9 8 7 6
11 1. 2. 3. 4. 5. Cathode a Cathode f Cathode g Cathode e Cathode d
8
6. 7. 8. 9. 10.
Anode DP Cathode DP Cathode c Common Anode Cathode b
" The polarity of pin No.6 and No.7 is reversed except for the emitting red color. " Common cathode types have a reverse polarity. However, the polarity of pin No.6 or No.7 is not changed even if it is the common cathode type.
0.25 (5.3)
fig.3
* Common cathode types shown in fig. 2 and 3 have a reverse polarity.
9
SUPER BRIGHT LED NUMERIC DISPLAY
10mm Type
Case Size (WXH) Luminous Intensity Iv Shape Part No. Emitted Color Rank B Rank C TYP. 8 2 6 6.4 1.6 4.8 mcd MIN. 8 -- -- 6.4 -- -- TYP. 11 -- -- 8.8 -- -- IF 20 20 20 20 20 20 mA 5 4 fig.
Ta=25C
MIN. 4 1 3 3.2 0.8 2.4
Square shape type 12.5 X 19.0
NSR141/143 NSG141P/143P NSA141/143
Red Green Orange Red Green Orange
Arrow feather type 12.5 X 19.0
NSR145/147 NSG145P/147P NSA145/147
mm
Units
www..com
Package Dimensions
fig.4
unit : mm
Tolerance : 0.25mm
fig.5
10
SUPER BRIGHT LED NUMERIC DISPLAY
10mm Type
Case Size (WXH) Part No. Shape Anode Common Arrow feather type 9.6 X 13.0 NAR141S/143S NAG141SP/143SP NAA141S/143S Square shape type 12.5 X 19.0 NAR141/143 NAG141P/143P NAA141/143 Arrow feather type NAR145/147 NAG145P/147P NAA145/147 mm Units Cathode Common NKR141S/143S NKG141SP/143SP NKA141S/143S NKR141/143 NKG141P/143P NKA141/143 NKR145/147 NKG145P/147P NKA145/147 Red Green Orange Red Green Orange Red Green Orange Emitted Color MIN. 1.6 0.6 0.8 4 1 3 3.2 0.8 2.4 Rank B TYP. 3.2 1.2 1.6 8 2 6 6.4 1.6 4.8 mcd MIN. 3.2 -- -- 8 -- -- 6.4 -- -- Luminous Intensity Iv Rank C TYP. 6.4 -- -- 11 -- -- 8.8 -- -- IF 10 10 10 20 20 20 20 20 20 mA 8 7 6 fig.
Ta=25C
www..com 12.5
X 19.0
Package Dimensions
fig.6
unit : mm
Tolerance : 0.25mm
fig.7
fig.8
6.8 10
* Common cathode types shown in fig. 6, 7, and 8 have a reverse polarity.
6.3 4 0~10 a f e (15.24) 10.72 19 6.3 d 0.25 g b c DP
10 9 8 7 6
12345 5 12.5
1.5
2.54 (10.16)
1.6 0.6
1. 2. 3. 4. 5.
Cathode Cathode Common Cathode Cathode
e d Anode c DP
6. 7. 8. 9. 10.
Cathode Cathode Common Cathode Cathode
b a Anode f g
1.7
" Leave a minimum clearance of 1.7 mm from body resin to solder.
11
SUPER BRIGHT LED NUMERIC DISPLAY
10mm Type
Case Size (WXH) Part No. Shape Anode Common Square shape type 25.2 X 19.0 NAR241/243 NAG241P/243P NAA241/243 Arrow feather type 25.2 X 19.0 NAR245/247 NAG245P/247P NAA245/247 mm Units Cathode Common NKR241/243 NKG241P/243P NKA241/243 NKR245/247 NKG245P/247P NKA245/247 Emitted Color Rank B MIN. 4 1 3 3.2 0.8 2.4 TYP. 8 2 6 6.4 1.6 4.8 mcd MIN. 8 -- -- 6.4 -- -- Luminous Intensity Iv Rank C TYP. 11 -- -- 8.8 -- -- IF 20 20 20 20 20 20 mA 10 9 fig.
Ta=25C
Red Green Orange Red Green Orange
www..com
Package Dimensions
fig.9
unit : mm
Tolerance : 0.25mm
fig.10
* Common cathode types shown in fig. 9 and 10 have a reverse polarity.
12
SUPER BRIGHT LED NUMERIC DISPLAY
15mm Type
Case Size (WXH) Part No. Shape Anode Common Arrow feather type 12.5 X 19.0 Cathode Common Red Green Orange Red Green Orange Red Green Orange Emitted Color MIN. 6 2 4 6 2 4 6 2 4 Rank B TYP. 12 4 8 12 4 8 12 4 8 mcd MIN. 12 -- -- 12 -- -- 12 -- -- Luminous Intensity Iv Rank C TYP. 15 -- -- 15 -- -- 15 -- -- IF 20 20 20 20 20 20 20 20 20 mA 13 12 11 fig.
Ta=25C
NSR161/163 NSG161P/163P NSA161/163
Arrow feather type 12.5 X 19.0
NAR161/163 NAG161P/163P NAA161/163
NKR161/163 NKG161P/163P NKA161/163 NKR261/263 NKG261P/263P NKA261/263
Arrow feather type
NAR261/263 NAG261P/263P NAA261/263
www..com 25.2
X 19.0
mm
Units
Package Dimensions
fig.11
unit : mm
Tolerance : 0.25mm
fig.12
fig.13
* Common cathode types shown in fig. 12 and 13 have a reverse polarity.
13
SUPER BRIGHT LED NUMERIC DISPLAY
25mm Type
Case Size (WXH) Part No. Shape Anode Common *Square shape type 22.8 X 33.0 Cathode Common Red Green Orange Red Green Orange Red Green Orange Emitted Color MIN. 10 4 8 10 4 8 10 4 8 Rank B TYP. 20 8 16 20 8 16 20 8 16 mcd MIN. 20 -- -- 20 -- -- 20 -- -- Luminous Intensity Iv Rank C TYP. 25 -- -- 25 -- -- 25 -- -- IF 20 20 20 20 20 20 20 20 20 mA 16 15 14 fig.
Ta=25C
NSR101/103 NSG101P/103P NSA101/103
*Square shape type 22.8 X 33.0
NAR101/103 NAG101P/103P NAA101/103
NKR101/103 NKG101P/103P NKA101/103 NKR105/107 NKG105P/107P NKA105/107
*Arrow feather type
NAR105/107 NAG105P/107P NAA105/107
www..com 22.8
X 33.0
mm
* Lead-free soldering compatible product
Units
Package Dimensions
fig.14
unit : mm
Tolerance : 0.25mm
fig.15
fig.16
* Common cathode types shown in fig. 15 and 16 have a reverse polarity.
14
SUPER BRIGHT LED NUMERIC DISPLAY
Bi-color LED Numeric Displays 10/15/25mm TYPE
Case Size (WXH) Part No. Shape Anode Common *Arrow feather type 10.0 X 19.0 Red NARG141/143 NKRG141/143 Green *Arrow feather type 12.5 X 19.0 Red NARG161/163 NKRG161/163 Green *Arrow feather type 1.2 2.4 10 1.2 2.4 10 18 1.2 2.4 10 1.2 2.4 10 17 Cathode Common Emitted Color MIN. TYP. IF Luminous Intensity Iv fig.
Ta=25C
www..com 22.8
X 33.0 NARG105/107
Red
2
4
10 19
Green Units
2 mcd
4
10 mA
mm
* Lead-free soldering compatible product
Package Dimensions
fig.17
unit : mm
Tolerance : 0.25mm
fig.18
fig.19
15
ALPHA-NUMERIC LED DISPLAY
Description of Part Number
Characteristics by Color
Size Part No. Material (Emitted color) Absolute Maximum Ratings Power Dissipation Pd 50 25 2 1 2 4 2 4 2 100 60 25 120 200 100 200 100 mW 40 20 40 20 mA 200 8 100 200 8 100 mA V C V -30~+70 -30~+80 2.1 2.5 20 mA 10 A V nm -30~+70 -30~+80 1.7 2.0 20 40 10 20 8 605 100 8 100 8 4 -20~+85 -20~+100 4.4 5.0 40 20 8 660 Forward current IF Peak Forward current IFM Reverse Voltage VR 4 -20~+85 -20~+100 3.4 2.2 4.0 2.5 20 100 8 Operating Temp. Topr Storage Temp. Tstg Electro-Optical Characteristics Forward Voltage VF TYP. 1.7 MAX. 2.0 20 100 8 4 605 IF Reverse Current IR MAX. VR 4 660
Ta=25C
Wavelength p TYP. VR Derating IF
AAR 25
GaAIAs (Red)
1
20
0.33
www..com AAA
GaAsP (Orange)
20
0.33
AAR 50 AAA
GaAIAs (Red)
40 20 40 20 mA
0.66 0.33 0.66 0.33 mA/C
GaAsP (Orange) Units
mm
Characteristics by Shape (25/50 mm TYPE)
Case Size (WXH) Part No. Shape Anode Common Emitted Color Luminous Intensity Iv MIN. 1 AAR101 Red 2 1 AAA101 Orange 2 4 8 -- -- 12 2 24 4 24 -- 30 6 Rank B TYP. 12 MIN. 12 Rank C TYP. 15 20 IF
Ta=25C
fig.
*
22.8 X 33
20 -- 20
*
40 X 74
AAR121
Red
4
6
--
--
40 21
AAA121
Orange
2
3
--
--
40
mm
* Lead-free soldering compatible product
Units
mcd
mA
20 mA/segment is for segments A,B,E,F,U and P.
Package Dimensions
fig.20
unit : mm
Tolerance : 0.25mm
fig.21
16
INDEX
PART NUMBER
AAA101 AAA121 AAR101 AAR121 MU02-2201 MU02-2205 MU02-3201
www..com
PAGE
16 16 16 16 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 5 5 5 5 5 5 5 5 5 5 5 5 5
PART NUMBER
MU08-2201 MU08-3201 MU08-4201 MU08-5201 MU08-9301 MU09-9101 MU09-9102 MU09-9103 MU11-2201 MU11-3201 MU11-4201 MU11-5201 MU13-9101 MU13-9102 MU16-2101 MU16-2105 MU16-3101 MU16-3105 MU16-4101 MU16-4105 MU16-5101 MU16-5105 MU17-2101 MU17-2105 MU17-3101 MU17-3105 MU17-4101 MU17-4105 MU17-5101 MU17-5105 MU20-2101 MU20-2105 MU20-3101 MU20-3105 MU20-4101 MU20-4105 MU20-5101
PAGE
5 5 5 5 5 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 7 7 7 7 7 7 7
PART NUMBER
MU20-5105 MU91-2001 MU91-3001 MU91-4001 MU91-5001 MU92-2001 MU92-3001 MU92-4001 MU92-5001 MU93-2001 MU93-3001 MU93-4001 MU93-5001 NAA101 NAA103 NAA105 NAA107 NAA131 NAA131M NAA131S NAA133 NAA133M NAA133S NAA141 NAA141S NAA143 NAA143S NAA145 NAA147 NAA161 NAA163 NAA241 NAA243 NAA245 NAA247 NAA261 NAA263
PAGE
7 7 7 7 7 7 7 7 7 7 7 7 7 14 14 14 14 9 9 9 9 9 9 11 11 11 11 11 11 13 13 12 12 12 12 13 13
17
MU02-3205 MU02-4201 MU02-4205 MU02-5201 MU02-5202 MU02-5205 MU02-9301 MU03-2201 MU03-2205 MU03-3201 MU03-3205 MU03-4201 MU03-4205 MU03-5201 MU03-5202 MU03-5205 MU03-9201 MU04-2101 MU04-2105 MU04-3101 MU04-3105 MU04-4101 MU04-4105 MU04-5101 MU04-5102 MU04-5105 MU07-2101 MU07-3101 MU07-4101 MU07-5101
INDEX
PART NUMBER
NAG101P NAG103P NAG105P NAG107P NAG131MP NAG131P NAG133MP
www..com
PAGE
14 14 14 14 9 9 9 9 11 11 11 11 11 11 13 13 12 12 12 12 13 13 14 14 14 14 9 9 9 9 9 9 9 9 11 11 11
PART NUMBER
NAR143S NAR145 NAR147 NAR161 NAR163 NAR241 NAR243 NAR245 NAR247 NAR261 NAR263 NARG105 NARG107 NARG141 NARG143 NARG161 NARG163 NKA101 NKA103 NKA105 NKA107 NKA131 NKA131M NKA131S NKA133 NKA133M NKA133S NKA141 NKA141S NKA143 NKA143S NKA145 NKA147 NKA161 NKA163 NKA241 NKA243
PAGE
11 11 11 13 13 12 12 12 12 13 13 15 15 15 15 15 15 14 14 14 14 9 9 9 9 9 9 11 11 11 11 11 11 13 13 12 12
PART NUMBER
NKA245 NKA247 NKA261 NKA263 NKG101P NKG103P NKG105P NKG107P NKG131MP NKG131P NKG131SP NKG133MP NKG133P NKG133SP NKG141P NKG141SP NKG143P NKG143SP NKG145P NKG147P NKG161P NKG163P NKG241P NKG243P NKG245P NKG247P NKG261P NKG263P NKR101 NKR103 NKR105 NKR107 NKR131 NKR131ME NKR131S NKR133 NKR133ME
PAGE
12 12 13 13 14 14 14 14 9 9 9 9 9 9 11 11 11 11 11 11 13 13 12 12 12 12 13 13 14 14 14 14 9 9 9 9 9
NAG133P NAG141P NAG141SP NAG143P NAG143SP NAG145P NAG147P NAG161P NAG163P NAG241P NAG243P NAG245P NAG247P NAG261P NAG263P NAR101 NAR103 NAR105 NAR107 NAR131 NAR131ME NAR131S NAR131SP NAR133 NAR133ME NAR133S NAR133SP NAR141 NAR141S NAR143
18
INDEX
PART NUMBER
NKR133S NKR141 NKR141S NKR143 NKR143S NKR145 NKR147
www..com
PAGE
9 11 11 11 11 11 11 13 13 12 12 12 12 13 13 15 15 15 15 14 14 10 10 10 10 13 13 14 14 10 10 10 10 13 13 14 14
PART NUMBER
NSR141 NSR143 NSR145 NSR147 NSR161 NSR163
PAGE
10 10 10 10 13 13
NKR161 NKR163 NKR241 NKR243 NKR245 NKR247 NKR261 NKR263 NKRG141 NKRG143 NKRG161 NKRG163 NSA101 NSA103 NSA141 NSA143 NSA145 NSA147 NSA161 NSA163 NSG101P NSG103P NSG141P NSG143P NSG145P NSG147P NSG161P NSG163P NSR101 NSR103
19


▲Up To Search▲   

 
Price & Availability of NKA101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X