Part Number Hot Search : 
MM5Z10V 5KE40 LM7824T MP3501G BF547 00BGC EBS24A PAC7302
Product Description
Full Text Search
 

To Download MW414 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MW414 VCOS FOR CDMA APPLICATIONS
SPECIFICATIONS
Frequency Range: 950 MHz @ 0.2V 985 MHz @ 2.8V Tuning Sensitivity: 11.5 MHz/V Output Power: 13 dBm Pushing: < 2 MHz/V Pulling: < 3 MHz (VSWR=2.0:1, For All Phase, Ref.=50 )
Phase Noise: @10 kHz: -100 dBc/Hz @400 kHz: -130 dBc/Hz Spurious Response (2nd Harmonics): -10 dBc Input Impedance: 10 M Input Capacitance: 47 pF Load Impedance: 50 Supply Voltage (VCC): +3 0.2V
Supply Current: 10 mA Tuning Voltage (VT): 0.2 to 2.8 V Operating Temperature: -20 to +60C Absolute Maximum Ratings: Supply Voltage: 6V Storage Temperature: -30 to +85C
www..com
MW400 VCO PACKAGE OUTLINE
M I C R O N E T I C S / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW . M W I R E L E S S . C O M


▲Up To Search▲   

 
Price & Availability of MW414

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X