|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MW413 VCOS FOR GSM 900 APPLICATIONS SPECIFICATIONS Frequency Range: 723 MHz @ 1V 746 MHz @ 4V Supply Voltage: +5V Supply Current: <20 mA Tuning Voltage (VT): 1 to 4 V Output Power: 72 dBm Tuning Sensitivity: <1.5:1 MHz/V Phase Noise: @200 kHz: -128 dBc/Hz @600 kHz: -137 dBc/Hz Harmonic Suppression: -25 dBc Pushing: <1 MHz/V Pulling: <1 MHz Operating Temperature: -20 to +80C www..com MW400 VCO PACKAGE OUTLINE M I C R O N E T I C S / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW . M W I R E L E S S . C O M |
Price & Availability of MW413 |